Part Number Hot Search : 
0401N85 D74LVC GLS120 MUR1020 03K00 TPS80 SFAF806G DATA24
Product Description
Full Text Search
 

To Download MBB0207IC1333DC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 vishay beyschlag www.vishay.com for technical questions, contact: specialresistors@vishay.com document number: 28768 60 revision: 28-jun-12 leaded metal film resistors with established reliability this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mba/sma 0204 vg06, mb b/sma 0207 vg06, and mbe/sma 0414 vg06 leaded metal film resistors with established reliability are the perfect choice for all high-reliability applications typically found in military, aircraft and spacecraft electronics. these versions supplement the families of professional and precision leaded resistors mba/sma 0204, mbb/sma 0207, and mbe/sma 0414. features ? iecq-cecc approved to en 140101-806, version e ? established reliability, failure rate level e7 ? advanced thin film technology ? fused pure tin (sn) plating on copper (cu) wire ? single lot date code ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? military ? avionics ? space notes ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me. ? the failure rate level e7 (10 -7 /h, ? q = 0.1), corresponding to mil level r, is superior to level e6 (10 -6 /h, ? q = 0.3) or level e5 (10 -5 /h, ? q = 1) and thus may be used as a replacement. (1) these tightened requirements prov ide a user advantage over the requirements of en140101-806. metric size din 0204 0207 0414 en/cecc ab d technical specifications description mba/sma 0204 vg06 mbb/sma 0207 vg06 mbe/sma 0414 vg06 en/cecc style (size) a b d resistance range 1 ? to 5.11 m ? ; 0 ? 1 ? to 10 m ? ; 0 ? 1 ? to 21.5 m ? resistance tolerance 1 %; 0.1 % temperature coefficient 50 ppm/k; 15 ppm/k operating voltage, u max. ac/dc 200 v 350 v (1) 500 v permissible voltage against ambient (insulation): 1 minute; u ins 300 v 500 v 800 v (1) continuous 75 v 75 v 75 v assessed failure rate level e7 = 10 -7 /h quality factor, ? q 0.1 failure rate, fit observed < 0.1 x 10 - 9 /h technical specifications for products 50 ppm/k; 1 % description mba/sma 0204 vg06 mbb/sma 0207 vg06 mbe/sma 0414 vg06 rated dissipation p 70 0.4w 0.6w 1w (1) permissible film temperature ? f max. 155 ? c operating temperature range - 55 c to 155 ? c max. resistance change at p 70 for resistance range, | ? r / r | max., after: 1 ? to 332 k ? 1 ? to 1 m ? 1 ? to 2.43 m ? 1000 h ? 0.5 % ? 0.5 % ? 0.4 % (1) 8000 h ? 1 % ? 1 % ? 0.8 % (1)
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 leaded metal film resistors with established reliability vishay beyschlag document number: 28768 for technical questions, contact: specialresistors@vishay.com www.vishay.com revision: 28-jun-12 61 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) these tightened requirements provide a user advantage over the requirements of en140101-806. notes ? the products can be ordered using either t he part number or the product description. ? products within a packaging uni t are single lot date code. technical specifications for products 15 ppm/k; 0.1 % description mba/sma 0204 vg06 mbb/sma 0207 vg06 mbe/sma 0414 vg06 rated dissipation p 70 0.25 w (1) 0.4 w 0.65 w (1) permissible film temperature ? f max. 125 ? c operating temperature range - 55 c to 125 ? c max. resistance change at p 70 for resistance range, | ? r / r | max., after: 100 ? to 221 k ? 100 ? to 499 k ? 100 ? to 470 k ? 1000 h ? 0.25 % ? 0.15 % (1) ? 0.25 % 8000 h ? 0.5 % ? 0.5 % ? 0.5 % part number and product description part number: mbb0207ce3523bct00 part number: mbb0207cz0000zct00 type and size version tcr resistance tolerance packaging mba/sma 0204 mbb/sma 0207 mbe/sma 0414 c = en 140101-806, version e, failure rate level e7 c = 50 ppm/k e = 15 ppm/k z = jumper 3 digit value 1 digit multiplier multiplier 8 = *10 - 2 9 = *10 - 1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 0000 = jumper f = 1 % b = 0.1 % z = jumper c1 ct product description: mbb/sma 0207-15 0.1 % vg06 ct 352k product description: mbb/sma 0207 vg06 ct 0r0 mbb/sma 0207 -15 0.1 % vg06 ct 352k mbb/sma 0207 - - vg06 ct 0r0 type and size tcr tolerance version packaging resistance mba/sma 0204 mbb/sma 0207 mbe/sma 0414 50 ppm/k 15 ppm/k 1 % 0.1 % vg06 = en 140101-806, version e, failure rate level e7 c1 ct 49r9 = 49.9 ? 352k = 352 k ? 0r0 = jumper 07cz 000 0 0 c0 0 b mb 2 z t 07ce 523 3 0 c0 0 b mb 2 b t
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 vishay beyschlag leaded metal film re sistors with established reliability www.vishay.com for technical questions, contact: specialresistors@vishay.com document number: 28768 62 revision: 28-jun-12 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? the ordering information according to en 140101-806:2007 shown above succeeds and replaces the or dering information according to its predecessor cecc 40101-806, for example: cecc 40101-806 s b e 352k b e7 with s assessment level, where ez is succ essor to and superior replacement for s e temperature coefficient, accordi ng to the detail specification c = 50 ppm/k; e = 15 ppm/k ? en 140101-806 succeeds the prior specification cecc 40101-806 and a huge variety of historical specifications cecc 40101-0xx. preceding specifications on resistors with es tablished reliability (now ?version e? ) have been cecc 40101-046 and cecc 40101-047. note ? according to en140101-806, resistance values are to be selected from the e96 series for 1 % tolerance and from the e192 seri es for 0,1 % tolerance. notes ? width is the nominal spacing between tape s, with the nominal tape width on both si des being 6 mm, and pitch is the nominal sta ndard spacing between components; tolerances apply according to iec 60286-1. ? the tape on one side is marked with a black print every 100 th component position. en 140101-806 ordering information example of the ordering information fo r a resistor:mbb/sma 0207-15 0.1 % vg06 352k en140101-806ezbp352kbe7 example of the ordering information for a zero ohm jumper:mbb/sma 0207 vg06 0r0 en140101-806ezb-0r00-e7 the elements used in the component number have the following meaning: en140101-806 ez b p 352k b e7 en detail specification number assessment level for the zero-defect approach style (size) temperature coefficient, according to en60062 r = 50 ppm/k; p = 15 ppm/k resistance, according to en60062, 4 characters tolerance on rated resistance, according to en60062 f = 1 %; b = 0.1 % failure rate level according to en60115-1, annex zr temperature coefficient and resistance range description resistance range tcr tolerance mba/sma 0204 vg06 mbb/sma 0207 vg06 mbe/sma 0414 vg06 50 ppm/k 1 % 1 ? to 5.11 m ? 1 ? to 10 m ? 1 ? to 21.5 m ? 15 ppm/k 0.1 % 100 ? to 221 k ? 100 ? to 499 k ? 100 ? to 470 k ? jumper ?? 10 m ? ; i max. = 3 a ?? 10 m ? ; i max. = 5 a - packaging type code quantity packaging style width pitch packaging dimensions mba/sma 0204 vg06 c1 1000 taped acc. iec 60286-1, fan-folded in a box 53 mm 5 mm 184 mm x 75 mm x 42 mm ct 5000 330 mm x 75 mm x 55 mm mbb/sma 0207 vg06 c1 1000 53 mm 184 mm x 75 mm x 42 mm ct 5000 324 mm x 77 mm x 83 mm mbe/sma 0414 vg06 c1 1000 63 mm 377 mm x 85 mm x 47 mm
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 leaded metal film resistors with established reliability vishay beyschlag document number: 28768 for technical questions, contact: specialresistors@vishay.com www.vishay.com revision: 28-jun-12 63 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions note ? color code marking is appl ied according to iec 60062 (3) in five bands. each color band appears as a single solid line, voids are permissible if at least 2 / 3 of the band is visible from each radial angle of view. the last color band for tolerance is approximately 50 % wider than the other bands. zero ohm jumpers are marked with one centered black color band. an interrupted violet band between the 1 st and 2 nd full band indicates the failure rate level e7. an interrupted orange band between the 4 th and 5 th full band indicates the temperature coefficient of 15 ppm/k. description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal al loy is deposited on a high grade ceramic body (al 2 o 3 ) and conditioned to achieve the desired temperature coefficient. plated steel termination caps are firmly pressed on the metallised rods. a special laser is used to achieve the target value by smoothly cutting a helical groove in the resistive layer without damaging the ceramics. connecting wires of electrol ytic copper plated with 100 % pure tin are welded to the termination caps. the resistor elements are covered by a light blue protective coating designed for electrical, mechanical and climatic protection. five colour code rings designate the resistance value and tolerance in accordance with iec 60062 (3) . the result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual resistors. for iecq-cecc approved products, this includes pulse load screening fo r the elimination of products with a potential risk of early life failures according to en 140101-806, 2.1. 2.2 (feasible for r ? 10 ? ). only accepted products are stuck di rectly on the adhesive tapes in accordance with iec 60286-1 (3) . products within a package unit are from the same production lot and carry the same date code. assembly the resistors are suitable for processing on lead forming and cropping equipment and automatic insertion machines. they are suitable for automatic wave or reflow soldering, including miniature wave selective solderi ng. solderability is specified for 2 years after production or requalification, however, the permitted storage time is 20 years. the resistors are completely l ead (pb)-free, the fused pure tin plating provides compatibi lity with lead (pb)-free soldering processes. the immunity of the plating against tin whisker growth has been proven under extensive testing. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropriate means to ensure the long-term stability of the whole system. all products comply with the gadsl (1) and the cefic-eeca-eicta (2) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elvii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electrical equipment directive (weee) dimensions and mass type d max. (mm) l max. (mm) i min. (mm) d nom. (mm) m min. (mm) mass (mg) mba/sma 0204 vg06 1.6 3.6 29 0.5 5 125 mbb/sma 0207 vg06 2.5 6.3 28 0.6 10 220 mbe/sma 0414 vg06 4.0 11.9 31 0.8 15 700 m i l d d
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 vishay beyschlag leaded metal film re sistors with established reliability www.vishay.com for technical questions, contact: specialresistors@vishay.com document number: 28768 64 revision: 28-jun-12 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 approvals the resistors are approved wi thin the iecq-cecc quality assessment system for electronic components to the detail specification en140101-806 which refers to en60115-1 , en140100 and the variety of environmental test procedures of the iec 60068 (3) series. conformity is attested by the use of the cecc logo ( ) as the mark of conformity on the package label. vishay beyschlag has achieved ? approval of manufacturer ? in accordance with iec qc 001002-3, clause 2 . the release certificate for ? technology approval schedule ? in accordance with cecc 240001 based on iec qc 001002-3, clause 6 is granted for the vishay beyschlag manufacturing process. the vishay beyschlag production facility is registered with the cage code d9539. related products a wider range of tcr, tolerance and resistance values, plus the option of values from a different e series is available with products approved to en140101-806 , version a, without established reliability, nominal failure rate level e0 (quality factor ? q = 3). see the datasheets: ? ?professional leaded metal film resistors? ( www.vishay.com/doc?28766 ) ? ?precision leaded metal film resistors? ( www.vishay.com/doc?28767 ) notes (1) global automotive declar able substance list, see www.gadsl.org . (2) cefic (european chemical industry council), eeca (european electronic component manufact urers association), eicta (european tra de organisation representing t he information and communications tec hnology and consumer electronics), see www.eicta.org/index. php?id=1053&id_article=340 . (3) the quoted iec standards are also released as en st andards with the same number and identical contents. functional performance 100 - 50 150 0.0 power dissipation p 050 ambient temperature amb ? 1.0 70 deratin g for products 50 ppm/k; 1 % c w 0.5 mbe/sma 0414-50 1 % v g06 mbb/sma 0207-50 1 % v g06 mba/sma 0204-50 1 % v g06
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 leaded metal film resistors with established reliability vishay beyschlag document number: 28768 for technical questions, contact: specialresistors@vishay.com www.vishay.com revision: 28-jun-12 65 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) these tightened requirements provide a user advantage over the requirements of en140101-806. 100 - 50 150 0.0 power dissipation p 050 ambient temperature amb ? 1.0 70 deratin g for products 15 ppm/k; 0.1 % c w 0.5 mbe/sma 0414-15 0.1 % v g06 mbb/sma 0207-15 0.1 % v g06 mba/sma 0204-15 0.1 % v g06 100 0.01 0.1 1k 10k 1 100k resistance value current noise a 1 r 1m v / v current noise - 1 (1) a 10m mbe/sma 0414 v g06 mbb/sma 0207 v g06 mba/sma 0204 v g06 in accordance w ith iec 60195 10 100 1k 10k 100k 1m 120 resistance value r db 100 8 0 60 10m non-linearity 3 a non-linearity - 3 a mbe/sma 0414 v g06 mbb/sma 0207 v g06 mba/sma 0204 v g06 in accordance w ith iec/tr 60440
mba/sma 0204 vg06, mbb/sma 0207 vg06, mbe/sma 0414 vg06 vishay beyschlag leaded metal film re sistors with established reliability www.vishay.com for technical questions, contact: specialresistors@vishay.com document number: 28768 66 revision: 28-jun-12 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance further information on the perfo rmance of these products is given in the following datasheet: ? ?professional leaded metal film resistors? ( www.vishay.com/doc?28766 ) ? ?precision leaded metal film resistors? ( www.vishay.com/doc?28767 ) test and requirements all tests are carried out in accordance with the following specifications: en60115-1, generic specification en140100, sectional specification en140101-806, detail specification for further information on the tests and requirements of these products please refer to the specifications mentioned above, and to the following datasheet: ? ?professional leaded metal film resistors? ( www.vishay.com/doc?28766 ) ? ?precision leaded metal film resistors? ( www.vishay.com/doc?28767 ) historical 12nc information ? the resistors had a 12-digi t numeric code starting with 2312 ? the subsequent 4 digits indicated the resistor type, specification and packaging; see the 12nc table ? the remaining 4 digits indicated the resistance value: - the first 3 digits indicate the resistance value - the last digit indicated the resistance decade in accordance with the resistance decade table resistance decade historical 12nc example the 12nc of a mbb 0207 vg06 resistor, resistance 352k, tcr 15, 0.1 % tolerance, supplied taped and fan-folded in a box of 5000 units was: 2312 917 03524. note ? the 12nc coding had been established for the series of mba 0204 vg06, mbb 0207 vg06 and mbe 0414 vg06 products. these products are succeeded and replaced by the new series of mba/sma 0204 vg06, mbb/sma 0207 vg06 and mbe/sma 0414 vg06 products, for which the 12nc coding is no longer applicable. resistance decade last digit 1 ? to 9.99 ? 8 10 ?? to 99.9 ? 9 100 ?? to 999 ? 1 1 k ? to 9.99 k ? 2 10 k ? to 99.9 k ? 3 100 k ? to 999 k ? 4 1m ? to 9.99 m ? 5 10 m ? to 99.9 m ? 6 historical 12nc - resistor type and packaging description 2312 ... ..... taped, fan-folded in a box type tcr tol. c1 1000 pieces ct 5000 pieces mba 0204 vg06 50 ppm/k 1 % 900 0.... 905 0.... 15 ppm/k 0.1 % 902 0.... 907 0.... jumper 902 90001 907 90001 mbb 0207 vg06 50 ppm/k 1 % 910 0.... 915 0.... 15 ppm/k 0.1 % 912 0.... 917 0.... jumper 912 90001 917 90001 mbe 0414 vg06 50 ppm/k 1 % 920 0.... - 15 ppm/k 0.1 % 922 0....
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MBB0207IC1333DC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X