Part Number Hot Search : 
TFS240H ZXLD1370 62006 HER501 MN101C BST84 IRF7807Z TPCP8505
Product Description
Full Text Search
 

To Download M8340108M2802FCDSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thick film resistor networks, military, mil-prf-83401 qualified, type rz030, flat pack www.vishay.com for technical questions, contact: ff2aresistors@vishay.com document number: 31517 458 revision: 09-mar-11 dfm (military m83401) vishay dale features ? isolated, bussed and dual terminator schematics available. ? hot-solder dipped leads ? mil-prf-83401 qualified ? thick film resistive elements ? tcr available in ?k ? ( 100 ppm/c) or ?m? ( 300 ppm/c) characteristic ? 100 % screen tested per group a, subgroup 1 of mil-prf-83401 ? 0.065" (1.65 mm) height for high density packaging notes ? consult factory for stocked values. (1) k = 100 ppm/c; m = 300 ppm/c. (2) 2 % standard, 1 % and 5 % available. standard electrical specifications vishay dale model/ pin no. mil style mil spec. sheet schematic power rating resistance range ? tolerance (2) % temperature coefficient (1) (- 55 c to + 125 c) ppm/c weight g element p 70 c w package p 70 c w dfm14 rz030 03 11 (a) 0.050 0.350 10 to 1m 1, 2, 5 100, 300 0.4 12 (b) 0.025 0.325 10 to 1m 15 (j) 0.015 0.350 consult factory global part number information new global part numbering: m8340103m6801gad05 (preferred part numbering format) mil style spec sheet characteristic resistance value tolerance schematic packaging m83401 03 k = 100 ppm m = 300 ppm 3 digit significant figure, followed by a multiplier 10r0 = 10 ? 3302 = 33 k ? 1004 = 1 m ? f = 1 % g = 2 % j = 5 % a = isolated b = bussed d05 = tin/lead, tube dsl = tin/lead, tube, single lot date code historical part number example: m8340103m6801ga (will continue to be accepted) m83401 03 m 6801 g a d05 mil style spec sheet characteristic resistance value tolerance schematic packaging new global part numbering: m8340103ka001gjd05 (preferred part numbering format) mil style spec sheet characteristic resistance value tolerance schematic packaging m83401 03 k = 100 ppm m = 300 ppm per std. mil. spec. (see impedance codes table) f = 1 % g = 2 % j = 5 % j = dual terminator d05 = tin/lead, tube dsl = tin/lead, tube, single lot date code historical part number example: m 8340103ka001gj (will continue to be accepted) m83401 03 m a001 g j d05 mil style spec sheet characteristic resistance value tolerance schematic packaging 5 0 d a g 1 0 8 6 m 3 0 1 0 4 3 8 m 5 0 d j g 1 0 0 a k 3 0 1 0 4 3 8 m
document number: 31517 for technical questions, contact: ff2aresistors @vishay.com www.vishay.com revision: 09-mar-11 459 dfm (military m83401) thick film resistor networks, military, mil-prf -83401 qualified, type rz030, flat pack vishay dale dimensions in inches (millimeters) mechanical specifications marking resistance to solvents permanency testing per mil-prf-83401 solderability per mil-prf-83401 terminals per mil-std-1276 dfm1411, dfm1412 and dfm1415 = type g (hot solder dipped) hot solder dipped leads supplied as standard finish. body epoxy filled ceramic sandwich technical specifications parameter unit mdm series maximum operating voltage v dc 50 voltage coefficient of resistance v eff < 50 ppm dielectric strength v ac 100 min. insulation resistance ? 10 000m operating temperature range c - 55 to + 125 storage temperature range c - 55 to + 150 impedance codes code r 1 ( ? )r 2 ( ? )coder 1 ( ? )r 2 ( ? ) a001 82 130 a010 330 470 a002 120 200 a011 330 680 a003 130 210 a012 1.5k 3.3k a004 160 260 a013 3k 6.2k a005 180 240 a014 180 270 a006 180 390 a015 270 270 a007 220 270 a016 560 560 a008 220 330 a017 560 1.2k a009 330 390 a018 620 2.7k pin #1 0.050 (1.27) t yp. 0.019 0.006 (0.4 8 3 0.15) 0.305 (7.75) max. 0.365 (9.27) min. 0.3 8 5 (9.7 8 ) max. 0.250 (6.35) min. 0.075 (1.91) max. 0.250 (6.35) min. 0. 8 25 (20.96) max. 0.005 + 0.004 - 0.002 (0.127 + 0.102 - 0.051) deratin g 11 schematic 0.400 0.350 0.200 0.050 - 55 + 25 + 70 + 125 + 150 ambient temperature c dfm1411 packa g e sin g le resistor power ratin g (w) 15 schematic - 55 + 25 + 70 + 125 + 150 dfm1415 packa g e 0.400 0.350 0.200 0.015 sin g le resistor ambient temperature c power ratin g (w) 12 schematic dfm1412 packa g e - 55 + 25 + 70 + 125 + 150 sin g le resistor 0.400 0.325 0.200 0.025 ambient temperature c power ratin g (w)
www.vishay.com for technical questions, contact: ff2aresistors@vishay.com document number: 31517 460 revision: 09-mar-11 dfm (military m83401) vishay dale thick film resistor networks, military, mil-prf-83401 qualified, type rz030, flat pack circuit applications 11 schematic dfm1411 (m8340103xxxxxxa) 7 isolated resistors the dfm1411 provides the user with 7 nominally equal resistors with each resistor isolated from all others. commonly used in the following applications: ? ?wired or? pull-up ? line termination ? led current limiting ? power driven pull-up ? ecl output pull-down ? power gate pull-up ? ttl input pull-down ? long- line impedance balancing 12 schematic dfm1412 (m8340103xxxxxxb) 13 resistors with one pin common the dfm1412 provides the user with a choice of 13 nominally equal resistors, each connected to a common pin. commonly used in the following applications: ? mos/rom pull-up/ ? ?wired or? pul l-up ? digital pulse squaring ? pull-down ? power driven pull-up ? ttl input pull-down ? open collector pull-up ? ttl unused gate pull-up ? high speed parallel pull-up 15 schematic dfm1415 (m8340103xxxxxxj) 12 pairs of resistors the dfm1415 provides the user with a choice of 12 pairs of r1/r2 resi stor values for pulse squaring and ttl dual-line terminating requirements. cage code: 91637 pin #1 dfm1411 ? ? ? ? ? ? ? pin #1 dfm1412 dfm1415 14 r1 r1 r1 r1 r1 r1 r2 r2 r2 r2 r2 r1 r1 r1 r1 r1 r1 r2 r2 r2 r2 r2 r2 r2 1
document number: 31517 for technical questions, contact: ff2aresistors @vishay.com www.vishay.com revision: 09-mar-11 461 dfm (military m83401) thick film resistor networks, military, mil-prf -83401 qualified, type rz030, flat pack vishay dale performance test conditions max. ? r (typical test lots) power conditioning 1.5 x rated power, applied 1.5 h ?on? and 0.5 h ?off? for 100 h 4 h at + 25 c ambient temperature 0.50 % ? r thermal shock 5 cycles between - 65 c and + 125 c 0.50 % ? r short time overload 2.5 x rated working voltage for 5 s 0.25 % ? r (char. k) 0.50 % ? r (char. m) low temperature operation 45 min at full rated working voltage at - 65 c 0.25 % ? r (char. k) 0.50 % ? r (char. m) moisture resistance 240 h with humidity ranging from 80 % rh to 98 % rh 0.50 % ? r resistance to soldering heat leads immersed in + 260 c solder to within 1/16" of body for 10 s 0.25 % ? r shock total of 18 shocks at 100 g 's 0.25 % ? r vibration 12 h at maximum of 20 g 's between 10 hz and 2000 hz 0.25 % ? r load life 1000 h at + 70 c, rated power applied 1.5 h ?on?, 0.5 h ?off? for full 1000 h period 0.50 % ? r (char. k) 2.0 % ? r (char. m) terminal strength 1.5 pound pull for 30 s 0.25 % ? r insulation resistance 10 000 m ? (minimum) - dielectric withstanding voltage no evidence of arci ng or damage (200 v rms for 1 min) -
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of M8340108M2802FCDSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X