Part Number Hot Search : 
D201I C550A LVC125 VTC5764C PC817 16BPE MAX17 AD637B
Product Description
Full Text Search
 

To Download M55342E08B4B02R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e/h (military m/d55342) www.vishay.com vishay dale thin film revision: 13-mar-13 67 document number: 60018 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 qpl mil-prf-55342 qualified thin film resistor, surface mount chip thin film mil chip resistors feature all sputtered wraparound termination for excellent adhesion and dimensional uniformity. they are ideal in a pplications requiring stringent performance requirements. esta blished reliabilit y is assured through 100 % screening and extensive environmental lot testing. construction features ? established reliability, s failure rate level (10 ppm), c = 2 ? high purity alumina substrate 99.6 % purity ? wraparound termination feat uring a tenacious adhesion layer covered with an electroplated nickel barrier layer for + 150 c operating conditions ? very low noise and voltage coefficient (< - 25 db, 0.5 ppm/v) ? non-inductive ? laser-trimmed tolerances 0.1 % ? wraparound resistan ce less than 0.010 ? typical ? in-lot tracking less than 5 ppm/c ? complete mil-testing available in-house ? antistatic waffle pack or tape and reel packaging available ? military/aerospace/qpl typical performance note ? values listed are a guide, refer to mil spec for value/tolerance allowance adhesion layer high purity alumina substrate nickel barrier solder coating passivation resistor film absolute tcr 25 tol. 0.1 standard electrical specifications test specifications conditions material tamelox resistor film (passivated nichrome) - resistance range 10 ? to 6.19 m ? - tcr: absolute 25 ppm/c to 300 ppm/c - 55 c to + 125 c tolerance: absolute 0.1 % to 10 % + 25 c stability: absolute ? r 0.02 % 2000 h at + 70 c stability: ratio -- voltage coefficient 0.1 ppm/v - working voltage 30 v to 200 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 25 db - shelf life stability: absolute ? r 0.01 % 1 year at + 25 c component ratings case size power rating (mw) working voltage (v) resistance range ( ? ) by characteristics tolerance e (0.1 %, 0.25 %, 0.5 %) e (1 %, 2 %, 5 %) h, k, l, m (0.1 %, 0.25 %, 0.5 %) h, k, l, m (1 %, 2 %, 5 %) m55342/01 50 40 49.9 to 150k 49.9 to 150k 20 to 150k 20 to 150k m55342/02 125 40 49.9 to 301k 49.9 to 301k 20 to 301k 20 to 301k m55342/03 200 75 49.9 to 649k 49.9 to 649k 10 to 649k 10 to 649k m55342/04 150 125 49.9 to 1.69m 49.9 to 1.69m 10 to 1.69m 10 to 1.69m m55342/05 225 175 49.9 to 3.16m 49.9 to 3.16m 10 to 3.16m 10 to 3.16m m55342/06 150 50 49.9 to 475k 49.9 to 475k 10 to 475k 10 to 475k d55342/07 250 100 49.9 to 1.5m 49.9 to 1.5m 10 to 1.5m 10 to 1.5m m55342/08 800 150 49.9 to 4.02m 49.9 to 4.02m 10 to 4.02m 10 to 4.02m m55342/09 1000 200 49.9 to 6.19m 49.9 to 6.19m 10 to 6.19m 10 to 6.19m m55342/10 500 75 49.9 to 1m 49.9 to 1m 49.9 to 1m 49.9 to 1m m55342/11 50 30 49.9 to 100k 49.9 to 100k 20 to 100k 20 to 100k m55342/12 100 50 49.9 to 258k 49.9 to 261k 10 to 258k 10 to 261k
e/h (military m/d55342) www.vishay.com vishay dale thin film revision: 13-mar-13 68 document number: 60018 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in inches case size term. l w t d e m55342/01 b 0.055 0.006 0.025 0.005 0.010 to 0.030 0.010 0.005 0.015 0.005 m55342/02 b 0.055 0.006 0.050 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 m55342/03 b 0.105 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/04 b 0.155 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/05 b 0.230 0.007 0.075 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/06 b 0.080 0.006 0.050 0.005 0.015 to 0.033 0.016 0.008 0.015 0.005 d55342/07 b 0.126 0.008 0.063 0.005 0.015 to 0.033 0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010 m55342/08 b 0.209 + 0.009/- 0.018 0.098 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/09 b 0.259 + 0.009/- 0.015 0.124 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 m55342/10 b 0.105 0.007 0.100 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 m55342/11 b 0.040 0.005 0.025 0.005 0.010 to 0.030 0.010 0.005 0.015 0.005 m55342/12 b 0.064 0.006 0.032 0.005 0.010 to 0.033 0.012 0.005 0.015 0.005 environmental tests environmental test mil-prf-55342 limits ( ? r ) vishay performance ( ? r ) thermal shock 0.1 % 0.020 % low temperature operation 0.1 % 0.025 % short time overload 0.1 % 0.050 % high temperature exposure 0.1 % 0.009 % resistance to bonding 0.2 % 0.006 % moisture resistance 0.2 % 0.004 % tcr 25 ppm/c < 15 ppm/c life (2000 h at + 70 c) 0.5 % 0.02 % life (10 000 h at + 70 c) 2.0 % 0.04 % d w l t e mechanical specifications resistive element tamelox substrate material alumina chip terminations solder over nickel fused solder plated solder 90/10 fscm cage # - 57489
e/h (military m/d55342) www.vishay.com vishay dale thin film revision: 13-mar-13 69 document number: 60018 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) only add a v at the end of part number to specify vishay dale thin film for k, l and m tcr and tolerance 1 % and higher (2) option 1 marking only case size 01 , 02, 11, 12 not available due to size global part number information new global part numb ering: m55342e06b1c00rts global model tcr characteristic case size termination ohmic value failure rate packaging thin film code (1) m55342 or d55342 (/07 size only) e = 25 ppm/c h = 50 ppm/c k = 100 ppm/c l = 200 ppm/c m = 300 ppm/c 01 = 0502 02 = 0505 03 = 1005 04 = 1505 05 = 2208 06 = 0705 07 = 1206 08 = 2010 09 = 2512 10 = 1010 11 = 0402 12 = 0603 b = solderable three digits and a letter. letter identifies tolerance, acts as multiplier and decimal locator. m = 1.0 % per 1000 h p = 0.1 % per 1000 h r = 0.01 % per 1000 h s = 0.001 % per 1000 h c = non er version standard packaging: bs =bulk 100 min., 1 mult ws =waffle 100 min., 1 mult w0 =waffle 100 min.,100 mult tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel ( 2k, 4k, or 5k dependent on case size ) per tape and reel document 60034 ts = 100 min., 1 mult special packaging: waffle wi = 100 min., 1 mult (item single lot date code) wp =100 min., 1 mult (package unit single lot date code) tape and reel ti = 100 min., 1 mult (item single lot date code) tp = 100 min., 1 mult (package unit single lot date code) v for k, l and m tcr w/tolerance ? 1 % m = part marked (2) multiplier tolerance 1 ? 1 k ? 1 m ? 0.1 % a b c 0.25 % r u v 0.5 % w y z 1 % d e f 2 % g h t 5 % j k l 10 % m n p historical part number example: m55342k 06b5e60r (for reference purposes only) m55342 k 06 b 5e60 r series tcr characteristic case size termination value and tolerance failure rate 5342 06b e m5 1c 0rt 0 s v
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of M55342E08B4B02R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X