Part Number Hot Search : 
3638A 2220A FH22NJ CMZ5342 5310F STLC5465 MPC83 KSZ8995X
Product Description
Full Text Search
 

To Download KBL608G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -150 amperes peak ldeal for printed circuit board plastic material has ul flammability classification 94v-0 mounting position :any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% kbl kbl kbl kbl kbl kbl kbl 6005g 601g 602g 604g 606g 608g 610g maximum recurrent peak reverse voltage vrrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage vrms 35 70 140 280 420 560 700 v maximum dc blocking voltage vdc 50 100 200 400 600 800 1000 v maximum average forward output current at 50 t a (note1) peak forward surge current 8.3ms single half sine-wave super imposed on rated load maximum forward voltage drop per element at 3.0a peak maximum dc reverse current at rated dc blocking voltage maximum reverse current at rated dc blocking voltage and 150 t a operating temperature range t j storage temperature range t stg i fsm i (av) dimensions in inches and (milimeters) symbol kbl6005g thru kbl610g glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 6.0 amperes ~ 440 ~ 1.0 -55 to +150 unit characteristics 6.0 v f i r i r 150 -55 to +150 a a 1.1 10.0 a v ma notes 1. mounting conditions ,0.5 lead length maximum. kbl .728(18.5) .768(19.5) .640(16.3) .600(15.2) .547(13.9) .587(14.9) .048(1.2)typ. .052(1.3)dia. min. .750 (19.0) .180(4.6) .220(5.6) .256(6.5) .236(6.0) .087(2.2) .071(1.8) .157(4.0)*45
rating and characteristic curves ~ 441 ~ kbl6005g thru kbl610g ambient temperature c a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s fig.1-derating curve output rectified current 50 100 0 150 1.0 5.0 4.0 3.0 2.0 6.0 fig.4 C typical reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t m i c r o a m p e r e s t j = 25 0.01 0.1 1.0 10 140 120 100 80 60 40 20 0 instantaneous forward voltage,volts i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fig.4-typical forward characteristics t j =25 c pulse width:300us 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 number of cyclets at 60hz flg.1-maximum forward sunrge current p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s 1 10 100 150 125 t j =25 c


▲Up To Search▲   

 
Price & Availability of KBL608G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X