Part Number Hot Search : 
CXD2401R A6812SA BPC2508 TT425N MC74AC TS2GSDG MC74AC R100KL
Product Description
Full Text Search
 

To Download HLMP-QM00-S0031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  subminiature ?at top package ideal for backlighting and light piping applications  subminiature dome package nondi?used dome for high brightness  colors: 468 nm blue, 525 nm green  ideal for space limited applications  axial leads  available with lead con?gurations for surface mount and through hole pc board mounting applications  consumer  industrial  computer peripheral  communication description flat top package the hlmp-pxxx ?at top lamps use an untinted, nondif- fused, truncated lens to provide a wide radiation pattern that is necessary for use in backlighting applications. the ?at top lamps are also ideal for use as emitters in light pipe applications. dome package the hlmp-qxxx dome lamps use an untinted, nondif- fused lens to provide a high luminous intensity within a narrow radiation pattern. lead con?gurations all these devices are made by encapsulating led chip on axial lead frames to form molded epoxy submini- ature lamps. a variety of package con?guration options is available. these include special surface mount lead con?gurations, gull wing, yoke lead, or z-bend. right angle lead bend at 2.54 mm (0.100 inch) and 5.08 mm (0.200 inch) center spacing are available for through hole mounting. for more information refer to standard smt and through hole lead bend options for subminiature lamps data sheet. hlmp-pb00-n0000/hlmp-pm00-n0000 hlmp-qb00-s0000/hlmp-qm00-s0000 subminiature blue and green ingan led lamps data sheet caution: hlmp-xb00 and hlmp-xm00 leds are class 2 esd sensitive. please observe appropriate precau- tions during handling and processing. refer to avago application note an-1142 for additional details.
2 package dimensions (a) flat top lamps 0.46 0.56 (0.018) (0.022) 1.40 1.65 (0.055) (0.065) 0.25 (0.010) max.* note 2 0.20 (0.008) max. 0.50 (0.020) ref. cathode 1.65 1.91 (0.065) (0.075) dia. anode 11.68 10.67 (0.460) (0.420) both sides 1.14 1.40 (0.045) (0.055) 0.63 0.38 (0.025) (0.015) 2.21 1.96 (0.087) (0.077) 0.18 0.23 (0.007) (0.009) 0.79 (0.031) max. 2.44 1.88 (0.096) (0.074) 2.08 2.34 (0.082) (0.092) cathode stripe notes: 1. all dimensions are in millimeters (inches). 2. protruding support tab is connected to cathode lead. * refer to figure 1 for design concerns.
3 package dimensions b) domed lamps 0.50 (0.020) ref. 0.94 1.24 (0.037) (0.049) 2.92 (0.115) max. 0.76 0.89 (0.030) (0.035) r. 0.63 0.38 (0.025) (0.015) 2.03 (0.080) 1.78 (0.070) 0.79 (0.031) 0.53 (0.021) 0.46 0.56 (0.018) (0.022) 0.25 (0.010) max.* note 2 0.20 (0.008) max. cathode 1.65 1.91 (0.065) (0.075) dia. anode 11.68 10.67 (0.460) (0.420) both sides 0.18 0.23 (0.007) (0.009) 2.08 2.34 (0.082) (0.092) 2.21 1.96 (0.087) (0.077) cathode stripe notes: 1. all dimensions are in millimeters (inches). 2. protruding support tab is connected to cathode lead. * refer to figure 1 for design concerns.
4 figure 1. proper right angle mounting to a pc board to prevent protruding cathode tab from shorting to anode connection. device selection guide part number color viewing angle 2  1/2 package description package outline hlmp-pb00-n0000 blue 85  flat top, nondi?used, untinted a hlmp-pm00-n0000 green hlmp-qb00-s0000 blue 12  domed, nondi?used, untinted b hlmp-qm00-s0000 green hlmx- xxxx-x x x x x 4 x 4 prod. part number min. iv bin max. iv bin color bin selection packaging option ordering information no. anode down. yes. cathode down. cathode tab
5 absolute maximum ratings at t a = 25  c parameter value peak forward current 90 ma dc forward current [1] 30 ma power dissipation 110 mw reverse voltage (i r = 100 a) 5 v operating temperature range C40  c to +85  c storage temperature range C55  c to +100  c led junction temperature 110  c lead soldering temperature [1.6 mm (0.063 in.) from body] 260  c for 5 seconds smt re?ow soldering temperature 260  c for 20 seconds note: 1. derate linearly as shown in figure 5. optical characteristics at t a = 25  c part number luminous intensity iv (mcd) @ i f = 20 ma color, peak wavelength  peak (nm) typ. dominant wavelength  d (nm) typ. spectral halfwidth -  1/2 (nm) typ. viewing angle 2  1/2 degrees typ. luminous e?cacy  v (lm/w) min. typ. hlmp-pb00-n0000 25 60 470 468 26 85 70 hlmp-pm00-n0000 25 200 523 525 36 85 500 hlmp-qb00-s0000 160 290 470 468 26 12 70 hlmp-qm00-s0000 160 690 523 525 36 12 500 electrical characteristics at t a = 25  c part number forward voltage v f (volts) @ i f = 20 ma reverse breakdown v r (volts) @ i r = 100 a min. capacitance c (pf), v f = 0, f = 1 mhz typ. thermal resistance r  j-pin (  c/w) typ. typ. max. hlmp-pb00-n0000 3.7 4.1 5 52 170 hlmp-pm00-n0000 3.7 4.1 5 52 170 hlmp-qb00-s0000 3.7 4.1 5 52 170 hlmp-qm00-s0000 3.7 4.1 5 52 170
6 figure 4. relative luminous intensity vs. dc forward current. figure 2. relative intensity vs. wavelength. figure 3. forward current vs. forward voltage. figure 6. relative luminous intensity vs. angular displacement for hlmp-qxxx. figure 5. maximum forward current vs. ambi- ent temperature. derating based on t j max = 110?c. figure 7. relative luminous intensity vs. angular displacement for hlmp-pxxx. relative intensity 380 0 wavelength C nm 0.6 0.4 480 630 780 0.2 0.1 0.3 0.5 1.0 430 580 730 0.7 0.8 0.9 green blue 530 680 i f C forward current C ma 0 0 v f C forward voltage C v 3 30 20 12 5 10 5 15 25 35 4 relative intensity 0 0 dc forward current C ma 25 1.4 0.8 515 35 0.4 0.2 0.6 1.2 1.6 10 20 30 1.0 maximum forward current C ma 0 0 ambient temperature C c 40 80 30 25 20 15 10 20 60 100 r j-a = 550c/w 5 35 r j-a = 400c/w relative intensity 0 angle C degrees 0.8 0.6 0.5 0.7 0.2 -90 0.1 0.3 0.4 -80 -70 -60 -50 -40 -20 -10 0 -30 10 20 30 40 50 60 70 80 90 0.9 1.0 0 0.2 0.4 0.6 0.8 1 -90 -60 -30 0 30 60 90 angular displacement - degrees normalized intensity
for product information and a complete list of distributors, please go to our website: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2009 avago technologies. all rights reserved. obsoletes av01-0472en av02-0336en - november 13, 2009 intensity bin limits bin min. max. n2550 p4080 q 63 125 r 100 200 s 160 320 t 250 500 u 400 800 v 630 1250 w 1000 2000 x 1600 3200 y 2500 5000 color bin limits package bin min. max. blue 0 full distribution 1 460 464 2 464 468 3 468 472 4 472 476 5 476 480 6 480 484 green 0 full distribution 3 520 525 4 525 530 5 530 535 6 535 540 tolerance of each bin limit = 2 nm. mechanical option 00 straight leads, bulk packaging, quantity of 500 parts 11 gull wing leads, 12 mm tape on 7 in. dia. reel, 1500 parts per reel 12 gull wing lead, bulk packaging, quantity of 500 parts 14 gull wing leads, 12 mm tape on 13 in. dia. reel, 6000 parts per reel 21 yoke leads, 12 mm tape on 7 in. dia. reel, 1500 parts per reel 22 yoke leads, bulk packaging, quantity of 500 parts 24 yoke leads, 12 mm tape on 13 in. dia. reel, 6000 parts per reel 31 z-bend leads, 12 mm tape on 7 in. dia. reel, 1500 parts per reel 32 z-bend leads, bulk packaging, quantity of 500 parts 34 z-bend leads, 12 mm tape on 13 in. dia. reel, 6000 parts per reel note: all categories are established for classi?cation of products. products may not be available in all categories. please contact your local avago representative for further clari?cation/information.


▲Up To Search▲   

 
Price & Availability of HLMP-QM00-S0031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X