Part Number Hot Search : 
SR2010 XST5G DL4747 2SC42 42700 SY10EP SMLJ60S2 NTE56066
Product Description
Full Text Search
 

To Download ECH8301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ECH8301 no.8367-1/4 sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan 62005pa ms im ta-100253 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. ECH8301 p-channel silicon mosfet general-purpose switching device applications features ? low on-resistance. ? ultrahigh-speed switcing. ? 2.5v drive. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit drain-to-source voltage v dss --20 v gate-to-source voltage v gss 10 v drain current (dc) i d -- 8 a drain current (pulse) i dp pw 10 m s, duty cycle 1% --40 a allowable power dissipation p d mounted on a ceramic board (900mm 2 5 0.8mm) 1.6 w channel temperature tch 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit drain-to-source breakdown voltage v (br)dss i d =--1ma, v gs =0v --20 v zero-gate voltage drain current i dss v ds =--20v, v gs =0v --1 m a gate-to-source leakage current i gss v gs = 8v, v ds =0v 10 m a cutoff voltage v gs (off) v ds =--10v, i d =--1ma --0.4 --1.3 v forward transfer admittance ? yfs ? v ds =--10v, i d =--4a 11 16 s static drain-to-source on-state resistance r ds (on)1 i d =--4a, v gs =--4v 18 24 m w r ds (on)2 i d =--2a, v gs =--2.5v 26 37 m w input capacitance ciss v ds =--10v, f=1mhz 1700 pf output capacitance coss v ds =--10v, f=1mhz 330 pf reverse transfer capacitance crss v ds =--10v, f=1mhz 250 pf turn-on delay time t d (on) see specified test circuit. 29 ns rise time t r see specified test circuit. 120 ns turn-off delay time t d (off) see specified test circuit. 230 ns fall time t f see specified test circuit. 150 ns marking : ja continued on next page. ordering number : enn8367
ECH8301 no.8367-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit total gate charge qg v ds =--10v, v gs =--4v, i d =--8a 21 nc gate-to-source charge qgs v ds =--10v, v gs =--4v, i d =--8a 2.8 nc gate-to-drain miller charge qgd v ds =--10v, v gs =--4v, i d =--8a 7.5 nc diode forward voltage v sd i s =--8a, v gs =0v --0.82 --1.2 v package dimensions electrical connection unit : mm 7011-002 switching time test circuit pw=10 m s d.c. 1% p. g 50 w g s d i d = --4a r l =2.5 w v dd = --10v v out ECH8301 v in 0v --4v v in 1 4 85 0.15 0.25 0.25 2.8 2.3 0.65 2.9 0.3 0.9 0.07 top view bottom view 1 : source 2 : source 3 : source 4 : gate 5 : drain 6 : drain 7 : drain 8 : drain sanyo : ech8 87 6 5 12 3 4 1 : source 2 : source 3 : source 4 : gate 5 : drain 6 : drain 7 : drain 8 : drain top view
ECH8301 no.8367-3/4 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 i s -- v sd source current, i s -- a diode forward voltage, v sd -- v it05143 --0.001 --0.01 --0.1 2 3 5 7 2 3 5 7 --1.0 --10 2 3 5 7 2 2 3 3 5 7 total gate charge, qg -- nc it05145 it05142 5 2 3 5 7 3 1.0 10 7 2 100 1000 2 3 5 7 3 5 2 5 3 2 --0.1 --1.0 --10 723572 ciss, coss, crss -- v ds ciss, coss, crss -- pf drain-to-source voltage, v ds -- v it05144 0 --2 --4 --6 --8 --10 --12 --14 --16 --18 --20 v gs -- qg gate-to-source voltage, v gs -- v 0 --10 -- 8 -- 9 -- 6 -- 7 -- 4 -- 5 -- 1 -- 2 -- 3 0 drain current, i d -- a ? y fs ? -- i d forward transfer admittance, ? y fs ? -- s 5 10 15 20 25 30 35 40 45 50 v ds = --10v 25 c 75 c ta= --25 c v gs =0v ta=75 c --25 c 25 c f=1mhz ciss crss v ds = --10v i d = --4a coss r ds (on) -- v gs gate-to-source voltage, v gs -- v it05140 --10 70 60 50 40 30 20 10 0 0 --2 --4 --6 --8 --10 ta=25 c i d = --4.0a i d = --2.0a static drain-to-source on-state resistance, r ds (on) -- m w ambient temperature, ta -- c it05141 r ds (on) -- ta 0 50 40 45 30 35 20 25 5 10 15 --50 50 125 100 75 25 0 --25 150 i d = --4.0a, v gs = --4.0v i d = --2.0a, v gs = --2.5v static drain-to-source on-state resistance, r ds (on) -- m w 0 --0.5 --1.0 --1.5 --2.0 i d -- v gs drain current, i d -- a gate-to-source voltage, v gs -- v it05139 -- 7 -- 8 -- 9 --10 -- 5 0 -- 1 -- 2 -- 3 -- 4 -- 6 --25 c 25 c ta=75 c v ds = --10v it05138 0 --10 -- 7 -- 9 -- 8 -- 6 -- 5 -- 4 -- 3 -- 1 -- 2 --0.3 --0.2 --0.1 0 --0.4 --0.5 --0.6 --0.8 --0.7 --0.9 --1.0 drain-to-source voltage, v ds -- v i d -- v ds drain current, i d -- a --2.0v --8.0v --2.5v --3.0v --3.5v --5.0v v gs = --1.0v
ECH8301 no.8367-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of june, 2005. specifications and information herein are subject to change without notice. ps 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 20 40 60 80 100 120 140 160 ambient temperature, ta -- c mounted on a ceramic board (900mm 2 5 0.8mm) p d -- ta allowable power dissipation, p d -- w it05148 sw time -- i d switching time, sw time -- ns drain current, i d -- a it05146 v dd = --10v v gs = --4v t d (on) t d (off) t r t f 100 7 2 3 5 5 3 2 --0.1 --1.0 --10 23 57 23 57 2 --0.1 --1.0 --0.01 2 3 5 7 2 3 5 7 2 3 5 5 7 5 3 2 --10 a s o drain-to-source voltage, v ds -- v drain current, i d -- a it05147 --0.01 23 57 --0.1 --1.0 23 57 23 57 --10 23 i dp = --40a operation in this area is limited by r ds (on). <10 m s ta=25 c single pulse mounted on a ceramic board (900mm 2 5 0.8mm) 1ms 10ms 100ms dc operation i d = --8a note on usage : since the ECH8301 is a mosfet product, please avoid using this device in the vicinity of highly charged objects.


▲Up To Search▲   

 
Price & Availability of ECH8301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X