Part Number Hot Search : 
BD414 BD414 AD7705BR R7600U 4R3ML SR106 SP432 5KE440A
Product Description
Full Text Search
 

To Download CFP2418-0101F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cic t ype (h=2.4mm) 1.0mm spacing (smt)  1$#pbse%jnfotjpo  "qqmjdbcmf'1$%jnfotjpo u1? /ppg1jot " # $ % /ppg1jot " # $ %                                                                                                                         upper contact type cfp24 -01 f /ppg1jot  )pme%pxo 1bdljoh4uzmf  8jui &ncpttfe5bqjoh  8juipvu &ncpttfe5bqjoh  8jui 1bdljo#vml  8juipvu 1bdljo#vml features 1. fpc connector usable with cic (carbon in circuit) printing. 2. either upper or lower contact location available. 3. of the zif structure. 4. supplied in emboss-tape packaging for automatic mounting. 5. a lead-free product. specifications 1. rating : 0.5a, 100v ac/dc 2. contact resistance : 30m ? , max. 3. insulation resistance : 500m ? , min. at 500v dc 4. withstanding voltage : 500v ac for one minute 5. operating temperature range : ?5?c to +70?c material and plating housing : polyphenylene sulfide (pps), natural color, 94v-0 cover : polyphenylene sulfide (pps), natural color, 94v-0 contact : phosphor bronze, sn plating frame : phosphor bronze, sn plating 1.0(spacing) 5.2 (2.0) 1.7 0.3 2.4 2.4 d 1.0 b c a 1.5 3.4 0.5 2.4 3.0 0.25 2.0 2.6 a 0.05 1.0 0.05 (d 0.6) + 0.1 0 0.5 + 0.1 0 4.0min. silver ink/carbon paste : 10 m min. r0.4 (a 2) 0.1 a 0.05 1.0 0.05 0.7 0.08 1.0 0.15 lower contact type cfp25 -01 f /ppg1jot 1.0(spacing) 5.2 (2.0) 1.7 0.3 2.4 d 1.0 b c a 1.5 3.4 2.4  )pme%pxo 1bdljoh4uzmf  8jui &ncpttfe5bqjoh  8juipvu &ncpttfe5bqjoh  8jui 1bdljo#vml  8juipvu 1bdljo#vml  '1$$poofdups fpc plating to recommend : sn plating


▲Up To Search▲   

 
Price & Availability of CFP2418-0101F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X