Part Number Hot Search : 
080502MS DMN2004 LBS70A25 RGP30K GRM32D M8170 RF1119 ZMD33220
Product Description
Full Text Search
 

To Download CF2418-0150F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 fp-10 sl su series cic t ype 1.0mm pitch (smt) p.c. board dimension applicable fpc dimension (t=0.3?.05) no. of pins a b c d no. of pins a b c d 04 3.0 5.1 9.7 4.5 17 16.0 18.1 22.7 17.5 05 4.0 6.1 10.7 5.5 18 17.0 19.1 23.7 18.5 06 5.0 7.1 11.7 6.5 19 18.0 20.1 24.7 19.5 07 6.0 8.1 12.7 7.5 20 19.0 21.1 25.7 20.5 08 7.0 9.1 13.7 8.5 21 20.0 22.1 26.7 21.5 09 8.0 10.1 14.7 9.5 22 21.0 23.1 27.7 22.5 10 9.0 11.1 15.7 10.5 24 23.0 25.1 29.7 24.5 11 10.0 12.1 16.7 11.5 26 25.0 27.1 31.7 26.5 12 11.0 13.1 17.7 12.5 28 27.0 29.1 33.7 28.5 13 12.0 14.1 18.7 13.5 14 13.0 15.1 19.7 14.5 15 14.0 16.1 20.7 15.5 29 28.0 30.1 34.7 29.5 16 15.0 17.1 21.7 16.5 30 29.0 31.1 35.7 30.5 su series cfp24 -0150f (upper contact type) no. of pins features 1. fpc connector usable with cic (carbon in circuit) printing. 2. either upper or lower contact location available. 3. low profile of 2.4mm height when mounted. 4. using the zif structure. 5. supplied in the embossed taping with automatic mounter. specifications 1. rating : 0.5a, 100v ac/dc 2. contact resistance : 30m ? max. 3. insulation resistance : 500m ? min. at 500v dc 4. withstanding voltage : 500v ac (for one minute) 5. operating temperature range : ?0?c to +85?c material and plating housing : thermoplastic resin, natural color, 94v-0 cover : thermoplastic resin, natural color, 94v-0 contact : cu alloy, au plating hold down : cu alloy, sn-cu plating 1.0(spacing) 5.2 (2.0) 1.7 0.3 2.4 2.4 d 1.0 b c a 1.5 3.4 0.5 2.4 3.0 0.25 2.0 2.6 a 1.0 (d 0.6) 0.5 4.0 min. silver ink/carbon paste : 10 m min. r0.4 (a 2) a 1.0 0.7 1.0 sl series cfp25 -0150f (lower contact type) no. of pins 1.0(spacing) 5.2 (2.0) 1.7 0.3 2.4 d 1.0 b c a 1.5 3.4 2.4 fpc connectors fpc plating to recommend : au plating


▲Up To Search▲   

 
Price & Availability of CF2418-0150F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X