Part Number Hot Search : 
STA50006 SN74L F1002 2N130 F2015 BT01218 F1002 FDN304P
Product Description
Full Text Search
 

To Download BZX84-B10E8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6/5/01 features silicon planar power zener diodes the zener voltages are graded according to the international e 24 standard. standard zener voltage tolerance is 5%. replace ??with ??for 2% tolerance. other voltage tolerances and other zener voltages are available upon request. these diodes are also available in other case styles and other configurations including: the sod-123 case with type designation bzt52 series, the dual zener diode common anode configuration in the sot-23 case with type designation az23 series and the dual zener diode common cathode configuration in the sot-23 case with type designation dz23 series. maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol value unit zener current i zm 250 ma power dissipation at t amb = 25? p tot 300 (1) mw thermal resistance junction to ambient air r ja 420 (1) ?/w junction temperature t j 150 ? storage temperature range t s 65 to +150 ? notes: (1) device on fiberglass substrate, see layout. bzx84 series zener diodes vz range 2.4 to 75v power dissipation 300mw 0.079 (2.0) 0.037 (0.95) 0.035 (0.9) 0.031 (0.8) 0.037 (0.95) .016 (0.4) .056 (1.43 ) .037(0.95) .037(0.95) max. .004 (0.1) .122 (3.1) .016 (0.4) .016 (0.4) 1 2 3 top view .102 (2.6) .007 (0.175) .045 (1.15) .110 (2.8) .052 (1.33 ) .005 (0.125) .094 (2.4) .037 (0.95) to-236ab (sot-23) dimensions in inches and (millimeters) mounting pad layout mechanical data case: sot-23 plastic package weight: approx. 0.008g packaging codes/options: e8/10k per 13 reel (8mm tape), 30k box e9/3k per 7 reel (8mm tape), 30k box top view
electrical characteristics (t a = 25 c unless otherwise noted) maximum v f = 0.9v at i f = 10ma dynamic temp. coeffi- dynamic test reverse leakage type resistance cient of zener test resistance current current y = c for 5% at i zt1 voltage at i zt 1 current at i zt2 at y = b for 2% r zj (?) vz (10 ? /c) i zt1 (ma) r zj (?) i zt2 (ma) i r ( a) v r (v) bzx84-y2v4 70 ( 100) 9.0 4.0 5 275 1.0 50 1.0 bzx84-y2v7 75 ( 100) 9.0 4.0 5 300 ( 600) 1.0 20 1.0 bzx84-y3 80 ( 95) 9.0 3.0 5 325 ( 600) 1.0 10 1.0 bzx84-y3v3 85 ( 95) 8.0 3.0 5 350 ( 600) 1.0 5.0 1.0 bzx84-y3v6 85 ( 90) 8.0 3.0 5 375 ( 600) 1.0 5.0 1.0 bzx84-y3v9 85 ( 90) 7.0 3.0 5 400 ( 600) 1.0 3.0 1.0 bzx84-y4v3 80 ( 90) 6.0 1.0 5 410 ( 600) 1.0 3.0 1.0 bzx84-y4v7 50 ( 80) 5.0 +2.0 5 425 ( 500) 1.0 3.0 2.0 bzx84-y5v1 40 ( 60) 3.0. +4.0 5 400 ( 480) 1.0 2.0 2.0 bzx84-y5v6 15 ( 40) 2.0 +6.0 5 80 ( 400) 1.0 1.0 2.0 bzx84-y6v2 6.0 ( 10) 1.0 +7.0 5 40 ( 150) 1.0 3.0 4.0 bzx84-y6v8 6.0 ( 15) +2.0 +7.0 5 30 ( 80) 1.0 2.0 4.0 bzx84-y7v5 6.0 ( 15) +3.0 +7.0 5 30 ( 80) 1.0 1.0 5.0 bzx84-y8v2 6.0 ( 15) +4.0 +7.0 5 40 ( 80) 1.0 0.7 5.0 bzx84-y9v1 6.0 ( 15) +5.0 +8.0 5 40 ( 100) 1.0 0.5 6.0 bzx84-y10 8.0 ( 20) +5.0 +8.0 5 50 ( 150) 1.0 0.2 7.0 bzx84-y11 10 ( 20) +5.0 +9.0 5 50 ( 150) 1.0 0.1 8.0 bzx84-y12 10 ( 25) +6.0 +9.0 5 50 ( 150) 1.0 0.1 8.0 bzx84-y13 10 ( 30) +7.0 +9.0 5 50 ( 170) 1.0 0.1 8.0 bzx84-y15 10 ( 30) +7.0 +9.0 5 50 ( 200) 1.0 0.05 0.7 v znom. bzx84-y16 10 ( 40) +8.0 +9.5 5 50 ( 200) 1.0 0.05 0.7 v znom. bzx84-y18 10 ( 45) +8.0 +9.5 5 50 ( 225) 1.0 0.05 0.7 v znom. bzx84-y20 15 ( 55) +8.0 +10 5 60 ( 225) 1.0 0.05 0.7 v znom. bzx84-y22 20 ( 55) +8.0 +10 5 60 ( 250) 1.0 0.05 0.7 v znom. bzx84-y24 25 ( 70) +8.0 +10 5 60 ( 250) 1.0 0.05 0.7 v znom. bzx84-y27 25 ( 80) +8.0 +10 2 65 ( 300) 0.5 0.05 0.7 v znom. bzx84-y30 30 ( 80) +8.0 +10 2 70 ( 300) 0.5 0.05 0.7 v znom. bzx84-y33 35 ( 80) +8.0 +10 2 75 ( 325) 0.5 0.05 0.7 v znom. bzx84-y36 35 ( 90) +8.0 +10 2 80 ( 350) 0.5 0.05 0.7 v znom. bzx84-y39 40 ( 130) +10 +12 2 80 ( 350) 0.5 0.05 0.7 v znom. bzx84-y43 45 ( 150) +10 +12 2 85 ( 375) 0.5 0.05 0.7 v znom. bzx84-y47 50 ( 170) +10 +12 2 85 ( 375) 0.5 0.05 0.7 v znom. bzx84-y51 60 ( 180) +10 +12 2 85 ( 400) 0.5 0.05 0.7 v znom. bzx84-y56 70 ( 200) +9.0 +11 2 100 ( 425) 0.5 0.05 0.7 v znom. bzx84-y62 80 ( 215) +9.0 +12 2 100 ( 450) 0.5 0.05 0.7 v znom. bzx84-y68 90 ( 240) +10 +12 2 150 ( 475) 0.5 0.05 0.7 v znom. bzx84-y75 95 ( 255) +10 +12 2 170 ( 500) 0.5 0.05 0.7 v znom. bzx84 series zener diodes
bzx84-c2v4 z11 2.20 2.60 5 bzx84-c2v7 z12 2.50 2.90 5 bzx84-c3 z13 2.80 3.20 5 bzx84-c3v3 z14 3.10 3.50 5 bzx84-c3v6 z15 3.40 3.80 5 bzx84-c3v9 z16 3.70 4.10 5 bzx84-c4v3 z17 4.00 4.60 5 bzx84-c4v7 z1 4.40 5.00 5 bzx84-c5v1 z2 4.80 5.40 5 bzx84-c5v6 z3 5.20 6.00 5 bzx84-c6v2 z4 5.80 6.60 5 bzx84-c6v8 z5 6.40 7.20 5 bzx84-c7v5 z6 7.00 7.90 5 bzx84-c8v2 z7 7.70 8.70 5 bzx84-c9v1 z8 8.50 9.60 5 bzx84-c10 z9 9.4 10.6 5 bzx84-c11 y1 10.4 11.6 5 bzx84-c12 y2 11.4 12.7 5 bzx84-c13 y3 12.4 14.1 5 bzx84-c15 y4 13.8 15.6 5 bzx84-c16 y5 15.3 17.1 5 bzx84-c18 y6 16.8 19.1 5 bzx84-c20 y7 18.8 21.2 5 bzx84-c22 y8 20.8 23.3 5 bzx84-c24 y9 22.8 25.6 5 bzx84-c27 y10 25.1 28.9 2 bzx84-c30 y11 28.0 32.0 2 bzx84-c33 y12 31.0 35.0 2 bzx84-c36 y13 34.0 38.0 2 bzx84-c39 y14 37.0 41.0 2 bzx84-c43 y15 40.0 46.0 2 bzx84-c47 y16 44.0 50.0 2 bzx84-c51 y17 48.0 54.0 2 bzx84-c56 y18 52.0 60.0 2 bzx84-c62 y19 58.0 66.0 2 bzx84-c68 y20 64.0 72.0 2 bzx84-c75 y21 70.0 79.0 2 bzx84-b2v4 z50 2.35 2.45 5 bzx84-b2v7 z51 2.65 2.75 5 bzx84-b3 z52 2.94 3.06 5 bzx84-b3v3 z53 3.23 3.37 5 bzx84-b3v6 z54 3.53 3.67 5 bzx84-b3v9 z55 3.82 3.98 5 bzx84-b4v3 z56 4.21 4.39 5 bzx84-b4v7 z57 4.61 4.79 5 bzx84-b5v1 z58 5.00 5.20 5 bzx84-b5v6 z59 5.49 5.71 5 bzx84-b6v2 z60 6.08 6.32 5 bzx84-b6v8 z61 6.66 6.94 5 bzx84-b7v5 z62 7.35 7.65 5 bzx84-b8v2 z63 8.04 8.36 5 bzx84-b9v1 z64 8.92 9.28 5 bzx84-b10 z65 9.80 10.2 5 bzx84-b11 z66 10.8 11.2 5 bzx84-b12 z67 11.8 12.2 5 bzx84-b13 z68 12.7 13.3 5 bzx84-b15 z69 14.7 15.3 5 bzx84-b16 z70 15.7 16.3 5 bzx84-b18 z71 17.6 18.4 5 bzx84-b20 z72 19.6 20.4 5 bzx84-b22 z73 21.6 22.4 5 bzx84-b24 z74 23.5 24.5 5 bzx84-b27 z75 26.5 27.5 2 bzx84-b30 z76 29.4 30.6 2 bzx84-b33 z77 32.3 33.7 2 bzx84-b36 z78 35.3 36.7 2 bzx84-b39 z79 38.2 39.8 2 bzx84-b43 z80 42.1 43.9 2 bzx84-b47 z81 46.1 47.9 2 bzx84-b51 z82 50.0 52.0 2 bzx84-b56 z83 54.9 57.1 2 bzx84-b62 z84 60.8 63.2 2 bzx84-b68 z85 66.6 69.4 2 bzx84-b75 z86 73.5 76.5 2 type 5% tol. zener voltage range (1) at i zt1 v z (v) min. max. test current i zt1 (ma) notes: (1) measured with pulses t p = 5 ms electrical characteristics (t a = 25 c unless otherwise noted) maximum v f = 0.9v at i f = 10ma bzx84 series zener diodes marking code type 2% tol. zener voltage range (1) at i zt1 v z (v) min. max. test current i zt1 (ma) marking code
ratings and characteristic curves (t a = 25 c unless otherwise noted) bzx84 series zener diodes
100 200 300 400 500 ratings and characteristic curves (t a = 25 c unless otherwise noted) bzx84 series zener diodes
ratings and characteristic curves (t a = 25 c unless otherwise noted) bzx84 series zener diodes
c/w ? c ratings and characteristic curves (t a = 25 c unless otherwise noted) bzx84 series zener diodes
c ratings and characteristic curves (t a = 25 c unless otherwise noted) bzx84 series zener diodes
ratings and characteristic curves (t a = 25 c unless otherwise noted) 0.59 (15) 0.2 (5) 0.03 (0.8) 0.30 (7.5) 0.12 (3) .04 (1) 0.06 (1.5) 0.20 (5.1) .08 (2) .08 (2) .04 (1) 0.47 (12) layout for r ja test thickness: fiberglass 0.059 in. (1.5mm) copper leads 0.012 in. (0.3mm) dimensions in inches and (millimeters) bzx84 series zener diodes


▲Up To Search▲   

 
Price & Availability of BZX84-B10E8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X