Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download AWSCR-349MHZMGD-C22-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7.4 x 3.4 x 1.8mm built-in capacitance ce ra m i c r e s o nat o r | | | | | | | | | | | | | | | awscr-mgd standard specifications: options and part identification: applications: features: abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 10.17.08 visit www.abracon.com for terms & conditions of sale rohs compliant pb in c e r amic (e x empt per rohs 2002/95/ec annex (7)) ? built-in load capacitors ? ir reflow capable ? low resonant impedance ? consumer electronics t * please contact abracon for tighter stability and/or wider temperature range * * frequency stability frequency tolerance item frequency range requiremen t 1.84mhz to 8.00mh z resonant impedance (1) d.c.voltag e 6 v.d.c. ma x 0.5 % withstanding voltag e 50v (dc , 1 min) rating voltage 0.3% max. (-25oc to +85oc) see table 2.1 100m ? min. (10v, 1min) operation temperature (2) a.c. voltag e 15 vp-p. max load capacitanc e see table 2.1 insulation resistance aging rate (fosc ) 0.3% max. (10 years ) -25oc to +85oc storage temperatur e -55 o c to +85 o c test circuit: x: ceramic resonator 1.input 2.ground 3.output table 2.1 3.50 mhz - 8.00 mh z 30 2.41 mhz - 2.99 mh z 100 3.00 mhz - 3.49 mh z 50 resonant impedance (ro) ( ( ? ? ) ) standard load capacitance c1=c2 (pf) 1.84 mhz - 2.40 mhz % 0 2 f p 3 3 0 0 1 frequency range (mhz) 22pf 20% awscr - x.xx mgd - c - f requency in mhz t for tape and reel ( 4 ,000pcs/reel) load capacitance contact abracon for load capacitance options g n i g a k c a p y c n e u q e r f 7.4 x 3.4 x 1.8mm awscr-mgd


▲Up To Search▲   

 
Price & Availability of AWSCR-349MHZMGD-C22-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X