Part Number Hot Search : 
TC52425 LTL2P R1MX55 MC34017A HCF4060 RH150M LM324N XC9248
Product Description
Full Text Search
 

To Download A7502HY-271M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 13rhbp inductance range: 10~3300 h (unit: mm) ? magnetically shielded construction and low leakage flux type. ? suitable for large current. ? ideal for use as choke coil for high current dc circuits in all types of electronic instruments. ? rohs compliant. ? ?? z ?? ?? ? g ?v 0 ?   ??;+w g ?vs?;??????t7 & ? rohs |? 0 selection guide for standard coils type 13rhbp f? ? j ?????? (1) ?0) v ? (2) 7 g?0 ?v (3) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ) max. rated dc current (3) (a) max. a7502hy-100m 10 20 0.018 3.61 a7502hy-150m 15 20 0.021 3.07 a7502hy-180m 18 20 0.022 2.69 a7502hy-220m 22 20 0.024 2.44 a7502hy-270m 27 20 0.027 2.00 a7502hy-330m 33 20 0.031 1.80 a7502hy-390m 39 20 0.034 1.70 a7502hy-470m 47 20 0.035 1.57 a7502hy-560m 56 20 0.061 1.55 a7502hy-680m 68 20 0.074 1.47 a7502hy-820m 82 20 0.080 1.21 a7502hy-101m 100 20 0.100 1.10 a7502hy-151m 150 20 0.140 1.00 a7502hy-181m 180 20 0.150 0.90 a7502hy-221m 220 20 0.170 0.76 A7502HY-271M 270 20 0.290 0.62 a7502hy-331m 330 20 0.330 0.54 a7502hy-391m 390 20 0.360 0.52 a7502hy-471m 470 20 0.390 0.51 a7502hy-561m 560 20 0.440 0.50 a7502hy-681m 680 20 0.460 0.43 a7502hy-102m 1000 20 0.700 0.28 a7502hy-152m 1500 20 0.940 0.26 a7502hy-222m 2200 20 1.180 0.23 a7502hy-332m 3300 20 1.650 0.17 (1) inductance is measured with a lcr meter 4284a (agilent technologies) or equivalent. test frequency at 1.0khz. (2) rated dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) (3) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (1) ??????x lcr y?? 4284a(agilent technologies) ?hx ? s ?t?? b?{  * t
:x 1.0khz pb{ (2) 7 g?0 ?vxz v o t ?v?v`h??????w ?u s8 ??? 10 ?n ?b? v ?v ?z?hx v ?vt??z ??w9 su 40 ? w??t ?^m ?pb{ ( *?9 s 20 ?? , jqb?{ ) (3) v ?x?????y?? tr6871(advantest) ?hx ? s ?t?? b?{ features ? ? ? dimensions ??
go
$ radial type fixed inductors ?????{ ?????


▲Up To Search▲   

 
Price & Availability of A7502HY-271M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X