? series (800 & 802) single & double row interconnects feature sturdy .040? diameter leads and low profile (.071? thick) insulator. ? sockets (801 & 803) use (mm # 1313) receptacles that accept pin diameters from .037?-.043?, (see page 149 for details). interconnects .040? dia. pins single and double row www.mill-max.com 516-922-6000 82 series 800, 801 802, 803 ordering information fig. 1 fig. 2 fig. 3 fig. 4 specify # of pins 01-50 series 800...10-004 single row pin header 800-xx-0_ _-10-004000 series 802...10-004 double row pin header 802-xx-0 _ _-10-004000 specify # of pins 01-50 specify # of pins 04-72 801-xx-0_ _-10-004000 series 803...10-004 double row socket 803-xx-_ _ _-10-004000 specify # of pins 004-100 series 801...10-004 single row socket fig. 2 fig. 3 fig. 4 pin plating 10 ? au 200 ? sn/pb 200 ?sn specify plating code xx= 10 90 40 xx= plating code see below 2 o ( 3 % # xx= plating code see below specify plating code xx= 13 91 93 99 41 43 44 sleeve (pin) contact (clip) 10? au 200? sn/pb 200? sn/pb 200? sn/pb 200?sn 200?sn 200?sn 30? au 10? au 30? au 200? sn/pb 10? au 30? au 200?sn 2 o ( 3 % # for rohs compliance, select plating code. for the gold option (xx=10) also change part number from 80x-xx-0xx-x0-0010 00 to 80x-10-0xx-x0-0011 00 fig. 1
|