Part Number Hot Search : 
SG6859A 59101 4300T MP018 5DC24 AD827411 NJU7704 AD604AN
Product Description
Full Text Search
 

To Download 62B64-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? eurosocket .100 x .100 version, type b (rows a and b filled) 62b64 series physical electrical environmental insulation material: glass filled polyester (pbt) flammability: ul 94v-0 color: gray contact material: copper alloy plating : underplating and u-slot: 50 ? [ 1.27 m ] nickel wiping area: see ordering informati on for specific plating (for additional options see ordering information) wire accommodation: stranded or solid: 26 & 28 awg, solid: 30 awg marking: 3m logo, part identificatio n & contact position numbers current rating: 1 a insulation resistance: > 1 10 9 at 500 v dc withstanding voltage: 1000 v rms at sea level temperature rating: -55 c to +105 c ts-0585-b sheet 1 of 3 ? din 41612 compatible ? high density (64 position) ? mates with din 41612 type b headers ? high reliability contact design ? can be daisy-chained or end terminated to flat cable ? optional strain relief with handle ? available with or w ithout mounting flanges ? see regulatory inform ation appendix (ria) for chemical comp liance information date modified: october 18, 2007 ul file no.: e68080
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? eurosocket .100 x .100 version, type b (rows a and b filled) 62b64 series ts-0585-b sheet 2 of 3 mm [inch] mm tolerance unless noted [ ] dimensions for reference only . 13 .3 .000 .00 .0 ordering information strain relief (order separately) 3448-6201 for-1000xxx (no mtg flange) version only note: 1. position b1 is terminated to th e first conductor of the ribbon cable. socket 62b64-100xxx mounting style 0 = without mounting flange 1 = with mounting flange optional plating: ec = 30 " [0.76 m] au over 50 "-150 " [1.27 m-3.80 m] ni (ria e1 & c1 apply) blank = 20 " [0.51 m] au over 50 "-150 " [1.27 m-3.80 m] ni (ria e1 & c1 apply) 1.27 ref [ .050 ] optional mounting flange (see ordering information) 11.60 [ .457 ] 1.00 [ .039 ] 85.00 [ 3.346 ] 6.75 [ .266 ] 95.0 [ 3.74 ] b1 2.54 ref [ .100 ] a1 2.54 ref [ .100 ] 90.0 [ 3.54 ] 3.0 [ .12 ] 8.00 [ .315 ] 6.00 [ .236 ] position 32 optional strain relief (to be used only with the 62b64-1000 version) material: steel 10.95 [ .431 ] 1.27 ref [ .050 ] non-conductive transfer adhesive with liner 86.4 [ 3.40 ] 86.10 [ 3.390 ] 6.80 [ .268 ] 8.00 [ .315 ] .assembly tools: 3m? press 3640 (or equivalent), 3m? locator plate 3443-117, 3m? platen 3442-9
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? eurosocket .100 x .100 version, type b (rows a and b filled) 62b64 series ts-0585-b sheet 3 of 3 note: 1. ends of posts to be located within 0.25 [ .01 ] tpd at post end. mm [inch] mm tolerance unless noted [ ] dimensions for reference only . 13 .3 .000 .00 .0 recommended post pattern 4.20 min [ .195 ] 0.70 0.60 [ .028 .024 ] 0.64 0.64 [ .025 .025 ] or square post (nominal) round post (nominal) 78.74 [ 3.100 ] 2.54 [ .100 ] 7.96 [ .313 ] minimum spacing between adjacent groups of posts when using a strain relief 7.62 [ .300 ] minimum spacing between adjacent groups of posts 2.54 [ .100 ] 86.7 [ 3.413 ] minimum space required for connector and cable 8.2 [ .323 ]
regulatory information appendix 3m electronic solutions division/interconnect europe appendix e1: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product is rohs compliant 2005/95/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e2: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/747/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e3: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment as amended by commission decision 2005/618/ec. this product contains lead in the solder tail area in excess of the maximum concentration value allowed . unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e4: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains decabde in the insulating material in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/717/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. ria-2217b-c
appendix e5: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical and electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under item 6 of the annex to the directive. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. china appendix c1: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix c2: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. the numerical reference in the symbol above should not be construed as a representation regarding the products life or an extension of a product warranty. the product warranty is stated below. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the product warranty stated below. ria-2217b-c
important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized offcer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. please recycle. printed in usa. ? 3m 2007. all rights reserved. ria-2217b-c 3 3m electronics interconnect products 6801 river place blvd. austin, tx 78726-9000 u.s.a. 1-800-225-5373 www.3m.com/interconnects 3m is a trademark of 3m company. appendix c3: china rohs electronic industry standard of the peoples repulic of china s/11332 reuirements for concentration imits for certain haardous sustances in electronic information products his symol per maring for the control of pollution caused y electronic information products s/11342 means that the product or part does contain a sustance as detailed in the chart elo in excess of the folloing maximum concentration values in any homogeneous material: a 1 y eight for lead mercury hexavalent chromium polyrominated iphenyls or polyrominated diphenyl ethers or 1 y eight for cadmium unless otherise stated y 3m in riting this information represents 3ms est noledge and elief ased upon information provided y third party suppliers to 3m he numerical reference in the symol aove should not e construed as a representation regarding the products life or an extension of a product arranty he product arranty is stated elo in the event any product is proven not to conform ith 3ms regulatory information appendix then 3ms entire liaility and uyers exclusive remedy ill e in accordance ith the product arranty stated elo


▲Up To Search▲   

 
Price & Availability of 62B64-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X