Part Number Hot Search : 
D221K P16V8 GBPC4000 MICRF 24C512BN IM45TS GA128 15N12
Product Description
Full Text Search
 

To Download 5KP64AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21504 rev. h-2 1 of 3 5kp5.0(c)a(s) - 5kp240(c)a(s) 5kp5.0(c)a(s) - 5kp240(c)a(s) 5000w transient voltage suppressor features 5kp 5kw dim min max min max a 25.40 ? 25.40 ? b ? 8.60 9.00 c 0.95 1.07 1.20 1.30 d ? 9.53 ? 8.00 all dimensions in mm a a b c d s suffix designates 5kw package no s designates 5kp package notes: 1. valid provided that the terminals are maintained at a distance of 10mm from case at 25 c. 2. measured with 8.3ms single half sine-wave. duty cycle = 4 pulses per minute maximum. 3. unidirectional units only. maximum ratings @ t a = 25c unless otherwise specified characteristic symbol value unit peak pulse power dissipation (non repetitive current pulse derated above t a =25 c) ( note 1) p pk 5000 w peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) (notes 1, 2, & 3) i fsm 400 a steady state power dissipation at t l = 75 c, lead lengths @ 9.5mm(note 1) p d 8.0 w instantaneous forward voltage @ i pp = 100a (notes 1, 2, & 3) v f 3.5 v operating and storage temperature range t j ,t stg -55 to +150 c case: 5kp/5kw, transfer molded epoxy terminals: solderable per mil-std-202, method 208 polarity indicator: cathode band (note: bi-directional devices have no polarity indicator.) marking: type number weight: 2.1 grams (approx.) 5000w peak pulse power dissipation 5.0v - 170v standoff voltages glass passivated die construction uni- and bi-directional version available excellent clamping capability fast response time plastic case material has ul flammability classification rating 94v-0 mechanical data power semiconductor
ds21504 rev. h-2 2 of 3 5kp5.0(c)a(s) - 5kp240(c)a(s) type number add c for bi-directional (note 4) reverse standoff voltage breakdown voltage v br @ i t (note 5) test current max. reverse leakage @ v rwm (note 6) max. clamping voltage @ i pp max. peak pulse current i pp max. voltage temp. variation of v br v rwm (v) min (v) max (v) i t (ma) i r ( m a) v c (v) (a) mv/c 5kp5.0(c)a 5.0 6.40 7.00 50 5000 9.2 543.0 4.0 5kp6.0(c)a 6.0 6.67 7.37 50 5000 10.3 485.0 4.0 5kp6.5(c)a 6.5 7.22 7.98 50 2000 11.2 447.0 4.0 5kp7.0(c)a 7.0 7.78 8.60 50 1000 12.0 417.0 5.0 5kp7.5(c)a 7.5 8.33 9.21 5.0 250 12.9 388.0 6.0 5kp8.0(c)a 8.0 8.89 9.83 5.0 150 13.6 367.0 6.0 5kp8.5(c)a 8.5 9.44 10.40 5.0 50 14.4 347.0 7.0 5kp9.0(c)a 9.0 10.00 11.10 5.0 20 15.4 325.0 8.0 5kp10(c)a 10.0 11.10 12.30 5.0 15 17.0 294.0 9.0 5kp11(c)a 11.0 12.20 13.50 5.0 10 18.2 274.0 10 5kp12(c)a 12.0 13.30 14.70 5.0 10 19.9 251.0 11 5kp13(c)a 13.0 14.40 15.90 5.0 10 21.5 232.0 12 5kp14(c)a 14.0 15.60 17.20 5.0 10 23.2 215.0 13 5kp15(c)a 15.0 16.70 18.50 5.0 10 24.4 206.0 15 5kp16(c)a 16.0 17.80 19.70 5.0 10 26.0 192.0 16 5kp17(c)a 17.0 18.90 20.90 5.0 10 27.6 181.0 18 5kp18(c)a 18.0 20.00 22.10 5.0 10 29.2 172.0 19 5kp20(c)a 20.0 22.20 24.50 5.0 10 32.4 154.0 22 5kp22(c)a 22.0 24.40 26.90 5.0 10 35.5 141.0 24 5kp24(c)a 24.0 26.70 29.50 5.0 10 38.9 128.0 27 5kp26(c)a 26.0 28.90 31.90 5.0 10 42.1 119.0 29 5kp28(c)a 28.0 31.10 34.40 5.0 10 45.5 110.0 30 5kp30(c)a 30.0 33.30 36.80 5.0 10 48.4 103.0 35 5kp33(c)a 33.0 36.70 40.60 5.0 10 53.3 94.0 38 5kp36(c)a 36.0 40.00 44.20 5.0 10 58.1 86.0 40 5kp40(c)a 40.0 44.40 49.10 5.0 10 64.5 78.0 45 5kp43(c)a 43.0 47.80 52.80 5.0 10 69.4 72.0 49 5kp45(c)a 45.0 50.00 55.30 5.0 10 72.7 69.0 51 5kp48(c)a 48.0 53.30 58.90 5.0 10 77.4 65.0 55 5kp51(c)a 51.0 56.70 62.70 5.0 10 82.4 61.0 60 5kp54(c)a 54.0 60.00 66.30 5.0 10 87.1 57.0 64 5kp58(c)a 58.0 64.40 71.20 5.0 10 93.6 53.0 69 5kp60(c)a 60.0 66.70 73.70 5.0 10 96.8 52.0 70 5kp64(c)a 64.0 71.10 78.60 5.0 10 103.0 49.0 75 5kp70(c)a 70.0 77.80 86.00 5.0 10 113.0 44.0 84 5kp75(c)a 75.0 83.30 92.10 5.0 10 121.0 41.0 90 5kp78(c)a 78.0 86.70 95.80 5.0 10 126.0 40.0 94 5kp85(c)a 85.0 94.40 104.00 5.0 10 137.0 36.0 102 5kp90(c)a 90.0 100.00 111.00 5.0 10 146.0 34.0 109 5kp100(c)a 100.0 111.00 123.00 5.0 10 162.0 31.0 122 5kp110(c)a 110.0 122.00 135.00 5.0 10 177.0 28.0 132 5kp120(c)a 120.0 133.00 148.00 5.0 10 194.0 25.0 140 5kp150(c)a 150.0 166.00 184.00 5.0 10 242.0 20.0 180 5kp180(c)a 180.0 200.00 222.00 5.0 10 292.0 17.0 218 5kp240(c)a 240.0 266.00 296.00 5.0 10 388.0 12.5 280 notes: 4. suffix c denotes bi-directional device. 5. v br measured with i t current pulse = 300 m s 6. for bi-directional devices having v rwm of 10v and under, the i r is doubled.
ds21504 rev. h-2 3 of 3 5kp5.0(c)a(s) - 5kp240(c)a(s) 1 10 100 200 100 1000 10,000 100,000 v , reverse standoff voltage (v) fig. 2 typical junction capacitance rwm c , capacitance (pf) j t = 25 c j measured at zero bias stand-off voltage v r measured at 0.1 1.0 10 100 1000 10,000 1.0 10 100 1000 t pulse width ( s) fig. 3 pulse derating curve p, m p , peak pulse power (kw) p l = 9.5 mm 20x20x1mmcu 0 25 50 75 100 125 150 175 200 0 2.0 4.0 6.0 8.0 t , lead temperature ( c) fig. 5 steady state power derating l p , steady state power dissipation (w) d single phase half-wave 60hz resistive or inductive load 10 x 1000 waveform as defind by rea 02550 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) fig. 4 pulse derating curve a peak pulse derating in % of peak power or current 012 3 100 50 0 i , peak pulse current (%i ) ppp t = 10 s r m peak value i pp half value i /2 pp 10 x 1000 waveform as defined by r.e.a. t p t, time (ms) fig. 1 pulse waveform


▲Up To Search▲   

 
Price & Availability of 5KP64AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X