Part Number Hot Search : 
P542G CY7C10 N5404 01CPA 8842AM TDA8591J FX506LS APX811
Product Description
Full Text Search
 

To Download 2N3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 lake street, lawrence, ma 01841 3/98 rev: b 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 1 of 2 maximum ratings ratings symbol value units collector-emitter voltage v ceo 70 vdc collector-base voltage v cbo 100 vdc emitter-base voltage v ebo 7.0 vdc base current i b 7.0 adc collector current i c 15 adc total power dissipation @ t a = 25 0 c (1) @ t c = 25 0 c (2) p t 6.0 117 w w operating & storage junction temperature range t j , t stg -65 to +200 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction-to-case r q jc 1.5 0 c/w 1) derate linearly 34.2 mw/ 0 c for t a > +25 0 c 2) derate linearly 668 mw/ 0 c for t c > +25 0 c electrical characteristics characteristics symbol min. max. unit off characteristics collector-emitter breakdown voltage i c = 200 madc v (br ) ceo 70 vdc collector-emitter breakdown voltage i c = 200 madc, r be = 100 w v (br) cer 80 vdc collector-emitter breakdown voltage v be = -1.5 vdc, i c = 200 madc v (br) cex 90 vdc collector-emitter cutoff current v ce = 60 vdc i ceo 1.0 madc collector-emitter cutoff current v be = -1.5 vdc; v ce = 100 vdc i cex 1.0 madc emitter-base cutoff current v eb = 7.0 vdc i ebo 1.0 madc technical data 2N3055 jan, jtx processed per mil-prf-19500/407 npn silicon power transistor to-3 (to-204aa) mil-prf qpl devices
6 lake street, lawrence, ma 01841 3/98 rev: b 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 2 of 2 2n 3055 jan series electrical characteristics ( con?t) characteristics symbol min. max. unit on characteristics forward-current transfer ratio i c = 0.5 adc, v ce = 4.0 vdc i c = 4.0 adc, v ce = 4.0 vdc i c = 10 adc, v ce = 4.0 vdc h fe 40 20 5.0 60 collector-emitter saturation voltage i c = 4.0 adc, i b = 0.4 adc i c = 10 adc, i b = 3.3 adc v ce(sat) 0.75 2.0 vdc base-emitter saturation voltage i c = 4.0 adc, v ce = 4.0 vdc v be(sat) 1.4 vdc dynamic characteristics magnitude of common emitter small-signal short-circuit forward current transfer ratio i c = 1.0 adc, v ce = 4.0 vdc, f = 100 khz ? h fe ? 8.0 40 output capacitance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 700 pf switching characteristics turn-on time v cc = 30 vdc; i c = 4.0 adc; i b1 = 0.4 adc t on 6.0 m s turn-off time v cc = 30 vdc; i c = 4.0 adc; i b1 = - i b2 = 0.4 adc t off 12 m s safe operating area dc tests t c = +25 0 c, 1 cycle, t = 1.0 s test 1 v ce = 7.8 vdc, i c = 15 adc test 2 v ce = 70 vdc, i c = 1.67 adc switching tests t a = +25 0 c; duty cycle 10%; r s 0.1 w test 1 t p = 5.0 ms; r bb1 = 2.0 w ; v bb 1 3 10 vdc; r bb2 = 100 w ; v cc 3 10 vdc; v bb2 = 1.5 vdc; i c = 15 adc test 2 t p = 20 ms; r bb1 = 30 w ; v bb1 3 10 vdc; r bb2 = 100 w ; v cc 3 10 vdc; v bb2 = 1.5 vdc; i c = 3.8 adc


▲Up To Search▲   

 
Price & Availability of 2N3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X