Part Number Hot Search : 
L6562 L6278 SF15L ST723244 BT878 L1431 L6278 AM79C901
Product Description
Full Text Search
 

To Download 181M-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet low emi clock generator ics181-03 idt? / ics? low emi clock generator 1 ics181-03 rev b 081009 description the ics181-03 generates a low emi output clock from a clock or crystal input. the device uses idt?s proprietary mix of analog and digital phase-locked loop (pll) technology to spread the frequency spectrum of the output, thereby reducing the frequency amplitude peaks by several db. the ics181-03 offers down spread selection of -1.25% and -3.75%. refer to the mk1714-01/02 for the widest selection of input freq uencies and multipliers. idt offers a complete line of emi reducing clock generators. consult us when you need to remove crystals and oscillators from your board. features ? pin and function compatible to cypress w181-03 ? packaged in 8-pin soic ? provides a spread spectrum output clock ? accepts a clock input and provides same frequency dithered output ? input frequency of 46 to 75 mhz for clock input ? peak reduction by 7db - 14db typical on 3rd - 19th odd harmonics ? spread percentage selection for -1.25% and -3.75% ? operating voltage of 3.3 v and 5 v ? advanced, low-power cmos process note: eol for non-green parts to occur on 5/13/10 per pdn u-09-01 block diagram pll clock synthesis and spread spectrum circuitry ss% clk gnd vdd sson# clk clock buffer fs1
ics181-03 low emi clock generator sscg idt? / ics? low emi clock generator 2 ics181-03 rev b 081009 pin assignment spread spectrum select table 0 = connect to gnd 1 = connect directly to vdd note: ss% pin has an internal pull-up resistor frequency range selection table pin descriptions 1 2 3 clkin 4 nc gnd fs1 ss% vdd clkout 8 7 6 5 sson# 8-pin (150 mil) soic ss% (pin 4) spread direction spread percentage (%) 0 down -1.25% 1 down -3.75% fs1 (pin 7) frequency range selection (mhz) 0 46-60 1 58-75 pin number pin name pin type pin description 1 clkin input clock input. 2 nc ? no connect. do not connect this pin to anything. 3 gnd power connect to ground. 4 ss% input select pin for spread amount. see table above. internal pull-up resistor. 5 clkout output spread spectrum clock output per table above. 6 vdd power connect to 3.3 v or 5 v. 7 fs1 input select pin for input frequency. see table above. internal pull-up resistor. 8 sson# input spread spectrum control. this pin enables spread spectrum when low. internal pull-down resistor.
ics181-03 low emi clock generator sscg idt? / ics? low emi clock generator 3 ics181-03 rev b 081009 external components the ics181-03 requires a minimum number of external components for proper operation. decoupling capacitor a decoupling capacitor of 0.01f must be connected between vdd and gnd on pins 6 and 3, as close to these pins as possible. for optimum device performance, the decoupling capacitor should be mounted on the component side of the pcb. avoid the use of vias in the decoupling circuit. series termination resistor when the pcb trace between the clock output and the load is over 1 inch, series termination should be used. to series terminate a 50 ? trace (a commonly used trace impedance) place a 33 ? resistor in series with the clock line, as close to the clock output pin as possible. the nominal impedance of the clock output is 20 ? . value of these capacitors is given by the following equation: pcb layout recommendations for optimum device performance and lowest output phase noise, the following guidelines should be observed. 1) the 0.01f decoupling capacitor should be mounted on the component side of the board as close to the vdd pin as possible. no vias should be used between the decoupling capacitor and vdd pin. the pcb trace to vdd pin should be kept as short as possible, as should the pcb trace to the ground via. 2) to minimize emi, the 33 ? series termination resistor (if needed) should be placed close to the clock output. 3) an optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers. other signal traces should be routed away from the ics181-03. this includes signal traces just underneath the device, or on layers adjacent to the ground plane layer used by the device. absolute maximum ratings stresses above the ratings listed below can cause permanent damage to the ics181-03. these ratings, which are standard values for idt commercially rated par ts, are stress ratings only. functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods can affect product reliability. electrical parameters are guaranteed only over the recommended operating temperature range. recommended operation conditions item rating supply voltage, vdd 7 v all inputs and outputs -0.5 v to vdd+0.5 v ambient operating temperature 0 to +70 c storage temperature -65 to +150 c junction temperature 125 c soldering temperature 260 c parameter min. typ. max. units ambient operating temperature 0 +70 c power supply voltage (measured in respect to gnd) +3.135 +5.5 v
ics181-03 low emi clock generator sscg idt? / ics? low emi clock generator 4 ics181-03 rev b 081009 dc electrical characteristics unless stated otherwise, vdd = 3.3 v 5% , ambient temperature 0 to +70 c unless stated otherwise, vdd = 5 v, 10% , ambient temperature 0 to +70 c parameter symbol conditions min. typ. max. units operating voltage vdd 3.135 3.465 v supply current idd no load, at 3.3 v 18 32 ma input high voltage v ih 2.4 v input low voltage v il 0.8 v output high voltage v oh i oh = -4 ma vdd-0.4 v output high voltage v oh i oh = -15 ma 2.4 v output low voltage v ol i ol = 15 ma 0.4 v input capacitance c in all pins except clkin 5 7 pf clkin pin only 6 10 pf output impedance rout 25 ohms input pull-up resistor 500 k ? power-up time first locked clock cycle after steady power 5ms parameter symbol conditions min. typ. max. units operating voltage vdd 4.5 5 5.5 v supply current idd no load, at 3.3 v 30 50 ma input high voltage v ih 0.7vdd v input low voltage v il 0.15vdd v output high voltage v oh i oh = -24 ma 2.4 v output low voltage v ol i ol = 24 ma 0.4 v output impedance rout 20 ohms input capacitance c in all pins except clkin 5 7 pf clkin pin only 6 10 pf input pull-up resistor 500 k ? power-up time first locked clock cycle after steady power 5ms
ics181-03 low emi clock generator sscg idt? / ics? low emi clock generator 5 ics181-03 rev b 081009 ac electrical characteristics unless stated otherwise, vdd = 3.3 v5% or 5 v10% , ambient temperature 0 to +70 c, c l =15 pf note 1: measured with 15 pf load thermal characteristics marking diagram marking diagram (pb free) notes: 1. ###### is the lot number. 2. yyww is the last two digits of the year and week that the part was assembled. 3. ?lf? denotes pb (lead) free package. 4. bottom marking: country of origin. parameter symbol conditions min. typ. max. units input/output clock frequency 46 75 mhz input clock duty cycle time above vdd/2 40 60 % output clock duty cycle note 1 40 50 60 % output rise time t or 0.8 to 2.4 v, note 1 2 5 ns output fall time t of 2.4 to 0.8 v, note 1 2 5 ns jitter cycle-to-cycle 250 300 ps parameter symbol conditions min. typ. max. units thermal resistance junction to ambient ja still air 150 c/w ja 1 m/s air flow 140 c/w ja 3 m/s air flow 120 c/w thermal resistance junction to case jc 40 c/w 181M-03 ###### yyww 14 5 8 181m03lf ###### yyww 14 5 8
ics181-03 low emi clock generator sscg idt? / ics? low emi clock generator 6 ics181-03 rev b 081009 package outline and package dimensions (8-pin soic, 150 mil. body) package dimensions are kept current with jedec publication no. 95 ordering information *note: eol for non-green parts to occur on 5/13/10 per pdn u-09-01 ?lf? denotes pb free packaging. while the information presented herein has been checked for both accuracy and reliability, idt assumes no responsibility for either its use or for the infringement of any patents or other ri ghts of third parties, which would result from its use. no oth er circuits, patents, or licenses are implied. this product is intended for use in normal commercial applications. any other applications su ch as those requiring extended temperature range, high reliability , or other extraordinary environmental requirements are not recommended without additional processing by idt. idt reserves the right to change any circuitry or specifications without notice. idt does not authorize or warrant any idt product for use in life support devices or critical medical instruments. part / order number marking shipping packaging package temperature 181M-03* see page 5 tubes 8-pin soic 0 to +70 c 181M-03t* tape and reel 8-pin soic 0 to +70 c 181M-03lf tubes 8-pin soic 0 to +70 c 181M-03lft tape and reel 8-pin soic 0 to +70 c index area 1 2 8 d e seating plane a1 a e - c - b .10 (.004) c c l h h x 45 millimeters inches symbol min max min max a 1.35 1.75 .0532 .0688 a1 0.10 0.25 .0040 .0098 b 0.330.51.013.020 c 0.19 0.25 .0075 .0098 d 4.80 5.00 .1890 .1968 e 3.80 4.00 .1497 .1574 e 1.27 basic 0.050 basic h 5.80 6.20 .2284 .2440 h 0.250.50.010.020 l 0.401.27.016.050 0 8 0 8
? 2006 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. idt and the idt logo are trademarks of integrated device technology, inc. accelerated thinking is a service mark of integrated device technology, inc. all other brands, product names a nd marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. printed in usa corporate headquarters integrated device technology, inc. www.idt.com for sales 800-345-7015 408-284-8200 fax: 408-284-2775 for tech support www.idt.com/go/clockhelp innovate with idt and accelerate your future netw orks. contact: www.idt.com ics181-03 low emi clock generator sscg


▲Up To Search▲   

 
Price & Availability of 181M-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X