Part Number Hot Search : 
DA101 1N1341C 2Z36GB DP418C 470MF 104ML D315RP 2SA1232
Product Description
Full Text Search
 

To Download 12500MHZXOV91100UCTA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 7 x 5mm smd high frequency clock oscillator xov91 series oscillators are designed to provide a high quality hcmos output at high frequencies from 125mhz to 200mhz. phase noise and rms period jitter are kept within low limits. an enable/disable function is standard and the oscillator may also be specified with a power down function. industry-standard 7.0 x 5.0mm package frequency range 125mhz to 200mhz high q crystal and multiplier circuit for low cost applications supply voltage 3.3 volts tristate function to conserve power features outline & dimensions frequency range: 125.0mhz to 200.0mhz output logic: lvcmos integrated phase jitter: 2.3ps typical 4.0ps max (12khz ~ 20mhz) at 155.520mhz period jitter rms: 4.0ps typical at 155.520mhz period jitter peak to peak: 27ps typical at 155.520mhz frequency stability commercial: 10ppm to 100ppm -10 to +70c industrial: 20ppm to 100ppm -40 to +85c supply voltage: +3.3vdc 5% output voltage high '1': 90% vdd minimum low '0': 10% vdd minimum rise/fall time: 2.4ns typical, 15pf load. (20%vdd to 80%vdd) current consumption: 25ma max. load: 15pf start-up time: 5ms typical, 10ms maximum duty cycle: 50% 5% static discharge protection: 2kv maximum ageing: 2pmm per year maximum specification pad 1 options xov91 description permanent damage may occur if units are operated beyond specified limits. supply voltage: +4.6 vdc max. input voltage vi: vss-0.5 min., vdd +0.5v max. input voltage vo: vss-0.5 min., vdd +0.5v max. absolute maximum ratings disable output is disabled when pad 1 is taken below 0.3 vcc referenced to ground oscillator is continues to run. enable oscillator is enable when pad 1 is taken above 0.7 vcc referenced to ground. power down available by special request: oscillator shuts down when disabled. phase noise offset frequency 155.250mhz 10hz -65 dbc/hz 100hz -95 dbc/hz 1khz -120 dbc/hz 10khz -128 dbc/hz 100khz -122 dbc/hz 1mhz -120 dbc/hz 10mhz -140 dbc/hz example: 200.00mhz xov91050ucta2 part number schedule frequency series designation xov91 stability 100 = 100ppm 050 = 50ppm 025 = 25ppm (for non-standard use '020' for 20ppm e.g.) output lvcmos operating temp. range c = commercial (-10~70c) i = industrial (-40~+85c) pad 1 option t=tristate (enable/disable) p= powerdown supply voltage = 3.3 volts pad connection style* connection style 1 or style 2 *check availability with euroquartz engineering


▲Up To Search▲   

 
Price & Availability of 12500MHZXOV91100UCTA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X