Part Number Hot Search : 
05201 M3302A ON0323 RS1GL MB251DL LM190 2SC3690 SMA73
Product Description
Full Text Search
 

To Download 0878980765 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/06/2009 please check www.molex.com for latest part information part number: 0878980765 status: active overview: description: 2.54mm (.100") pitch kk? header, surface mount, breakaway, vertical, 7 circuits, 0.76m (30) gold (au) plating, tube packaging, lead-free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-87920-019 (pdf) general product family pcb headers series 87898 application board-to-board application wire-to-board overview kk® product name kk? physical breakaway yes circuits (loaded) 7 circuits (maximum) 7 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum 3a voltage - maximum 250v material info reference - drawing numbers product specification ps-87920-019 sales drawing sd-87898-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 search parts in this series 87898 series mates with kk? pcb receptacles like 4455, sl? idt housings like 70430, kk? idt housings like 7720 and 70400a, c-grid? pcb receptacles like 90147 and 90148
this document was generated on 11/06/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0878980765

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X