Part Number Hot Search : 
EST7502B KBP306 MC414MS8 PEB2060 DD128F ADP1173 FGA30N60 BR5200
Product Description
Full Text Search
 

To Download 0760601022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/01/2009 please check www.molex.com for latest part information part number: 0760601022 status: active overview: description: impact? 5 pair right angle daughtercard, 1.90 by 1.35mm (.075 by .053") pitch, unguided, 12 columns, 180 circuits, tail length 1.20mm (.047"), plated through hole dimension 0.39mm (.015"), lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-76060-999 (pdf) general product family backplane connectors series 76060 application coplanar application daughtercard application tooling documents tooling manual comments for additional impact? product information and design assistance, please email impact@molex.com component type pcb header overview impact™ backplane connector system product name impact? style n/a physical circuits (loaded) 180 circuits (maximum) 180 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of columns 12 number of pairs 5 number of rows 15 orientation right angle pc tail length (in) 0.047 in pc tail length (mm) 1.20 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.039 in pcb thickness recommended (mm) 1.00 mm packaging type tray pitch - mating interface (in) 0.075 in pitch - mating interface (mm) 1.90 mm pitch - term. interface (in) 0.075 in pitch - term. interface (mm) 1.90 mm plating min: mating (in) 30 plating min: mating (m) 0.76 polarized to pcb no stackable no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 76060 series mates with 76055 impact? vertical backplane header use with 76153 pirate cannon wide guide module application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # press-in tool for impact? daughtercard 5- pair by 12 column assemblies 0622018735 hand crimp tool for impact? daughtercard singal module 0622024300
surface mount compatible (smc) yes temperature range - operating 85c electrical current - maximum 0.75a data rate 25.0 gbps shield type n/a shielded no ul e29179 voltage - maximum 30v ac (rms)/dc material info reference - drawing numbers product specification ps-76060-999 sales drawing sd-76060-001 this document was generated on 12/01/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0760601022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X