Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download 0459854233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/05/2009 please check www.molex.com for latest part information part number: 0459854233 status: active overview: description: 1.27mm (.050"), 12.00mm (.472") pitch, extreme lphpower? header, right angle, 4 power contacts, 20 signal contacts, select gold (au) plating, for 1.57mm (.062") thick pc board, with guide pockets documents: 3d model product specification ps-45984-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) general product family pcb headers series 45985 application board-to-board overview extreme lphpower™ product name extreme lphpower? physical breakaway no circuits (loaded) 24 circuits (maximum) 24 circuits detail 4 power, 20 signal color - resin black durability (mating cycles max) 250 first mate / last break yes glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part no material - metal brass material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (in) 0.472 in pitch - mating interface (mm) 1.27 mm pitch - mating interface (mm) 12.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (in) 50 plating min: termination (m) 1.25 plating min: termination (m) 3.75 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. duration at max. process temperature (seconds) 20 lead-free process capability wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 search parts in this series 45985 series mates with 45984 extreme lphpower? pcb receptacles
shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum 30a voltage - maximum 250v ac (rms)/dc material info reference - drawing numbers product specification ps-45984-001 sales drawing sd-45985-400 this document was generated on 11/05/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0459854233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X