Part Number Hot Search : 
AM447 KBPC101 440FS 65RSWD EVALZ 20437 EVALZ SLC0100
Product Description
Full Text Search
 

To Download XPS-2385MW-D285G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 1 xps-2385mw-dxxxg (rohs compliant) 10g multirate / 80 km / 50 ghz dwdm xfp single-mode optical transceiver ********************************************************************************************************************************************************************** features l supports 9.95 gbps to 11.1gbps l complaint with xfp msa l compliant with xfi 10g serial electrical interface l maximum link length of 80 km l temperature-stabilized dwdm eml transmitter l 50 ghz itu grid, c band l 2-wire interface for integrated digital diagnostic monitoring l xfi loopback mode l no reference clock required l power dissipation < 3.5 w l dual 5v and +3.3 v power supply l rohs-6 compliant l -5 to 70 o c case operating temperature applications l dwdm 10gb/s sonet/sdh itu-t g.698.1 l dwdm 10 gb/s sonet/sdh with itu-t g.709 l dwdm 80km 10g etherent l dwdm 80km 10g fibre channel l dwdm 80km 10g ethernet with fec laser safety this single-mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. description xps-2385mw-dxxxg series dwdm transceiver is designed for single-mode fibre serial optical data communications such as 10g sonet/sdh, 10gbase-zr/zw ethernet and 10g fibre channel. this module is designed for single mode fiber and operates at a nominal wavelength of 50ghz itu grid, c band dwdm wavelength. the transmitter section consists of a temperature-stabilized dwdm electrical-modulated laser (eml), driver and signal conditioner. the receiver section incorporates an avalanche photodiode integrated with a trans-impedance preamplifier (tia) and signal conditioner. the module is with the xfp 30-pin connector to allow hot plug capability. integrated tx and rx signal conditioners provide high jitter-tolerance for full xfi compliance and no external reference clock required. the internally ac coupled high speed serial i/o simplifies interfacing to external circuitry. dual 5v and 3.3v power supply are used. the optical output can be disabled by lvttl logic high-level input of tx_dis. loss of signal (rx_los) output is provided to indicate the loss of an input optical signal of receiver. a serial eeprom in the transceiver allows the user to access transceiver digital diagnostic monitoring and configuration data via the 2-wire xfp management interface. this interface uses a single address, a0h, with a memory map divided into a lower and upper area. basic digital diagnostic data is held in the lower area while specific data is held in a series of tables in the high memory area.
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 2 order information p/no. bit rate (gb/s) 10g distance (km) spacing (ghz) wavelength (nm) package case temp ( o c) rohs compliant xps-2385mw-dxxxg 10g multirate* er / ew 80 50 dwdm* xfp with dmi -5 to 70 yes *: multirate for sonet oc-192 lr-2, 10gbase-zr/zw, 10g fibre channel, itu-t g.709, 10gbase-zr/zw + fec. * : xxx: 50ghz itu grid wavelength (please see below) channel # product code frequency (thz) center wavelength (nm) label 200 xps-2385mw-d200g 192.00 1561.42 200 205 xps-2385mw-d205g 192.05 1561.01 205 210 xps-2385mw-d210g 192.10 1560.61 210 215 xps-2385mw-d215g 192.15 1560.20 215 220 xps-2385mw-d220g 192.20 1559.79 220 225 xps-2385mw-d225g 192.25 1559.39 225 230 xps-2385mw-d230g 192.30 1558.98 230 235 xps-2385mw-d235g 192.35 1558.58 235 240 xps-2385mw-d240g 192.40 1558.17 240 245 xps-2385mw-d245g 192.45 1557.77 245 250 xps-2385mw-d250g 192.50 1557.36 250 255 xps-2385mw-d255g 192.55 1556.96 255 260 xps-2385mw-d260g 192.60 1556.55 260 265 xps-2385mw-d265g 192.65 1556.15 265 270 xps-2385mw-d270g 192.70 1555.75 270 275 xps-2385mw-d275g 192.75 1555.34 275 280 xps-2385mw-d280g 192.80 1554.94 280 285 XPS-2385MW-D285G 192.85 1554.54 285 290 xps-2385mw-d290g 192.90 1554.13 290 295 xps-2385mw-d295g 192.95 1553.73 295 300 xps-2385mw-d300g 193.00 1553.33 300 305 xps-2385mw-d305g 193.05 1552.93 305 310 xps-2385mw-d310g 193.10 1552.52 310 315 xps-2385mw-d315g 193.15 1552.12 315 320 xps-2385mw-d320g 193.20 1551.72 320 325 xps-2385mw-d325g 193.25 1551.32 325 330 xps-2385mw-d330g 193.30 1550.92 330 335 xps-2385mw-d335g 193.35 1550.52 335 340 xps-2385mw-d340g 193.40 1550.12 340 345 xps-2385mw-d345g 193.45 1549.72 345 350 xps-2385mw-d350g 193.50 1549.32 350 355 xps-2385mw-d355g 193.55 1548.91 355 360 xps-2385mw-d360g 193.60 1548.51 360 365 xps-2385mw-d365g 193.65 1548.11 365 370 xps-2385mw-d370g 193.70 1547.72 370 375 xps-2385mw-d375g 193.75 1547.32 375 380 xps-2385mw-d380g 193.80 1546.92 380 385 xps-2385mw-d385g 193.85 1546.52 385 390 xps-2385mw-d390g 193.90 1546.12 390 395 xps-2385mw-d395g 193.95 1545.72 395 400 xps-2385mw-d400g 194.00 1545.32 400 405 xps-2385mw-d405g 194.05 1544.92 405 410 xps-2385mw-d410g 194.10 1544.53 410 415 xps-2385mw-d415g 194.15 1544.13 415 420 xps-2385mw-d420g 194.20 1543.73 420 425 xps-2385mw-d425g 194.25 1543.33 425 430 xps-2385mw-d430g 194.30 1542.94 430 435 xps-2385mw-d435g 194.35 1542.54 435 440 xps-2385mw-d440g 194.40 1542.14 440 445 xps-2385mw-d445g 194.45 1541.75 445
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 3 channel # product code frequency (thz) center wavelength (nm) label 450 xps-2385mw-d450g 194.50 1541.35 450 455 xps-2385mw-d455g 194.55 1540.95 455 460 xps-2385mw-d460g 194.60 1540.56 460 465 xps-2385mw-d465g 194.65 1540.16 465 470 xps-2385mw-d470g 194.70 1539.77 470 475 xps-2385mw-d475g 194.75 1539.37 475 480 xps-2385mw-d480g 194.80 1538.98 480 485 xps-2385mw-d485g 194.85 1538.58 485 490 xps-2385mw-d490g 194.90 1538.19 490 495 xps-2385mw-d495g 194.95 1537.79 495 500 xps-2385mw-d500g 195.00 1537.40 500 505 xps-2385mw-d505g 195.05 1537.00 505 510 xps-2385mw-d510g 195.10 1536.61 510 515 xps-2385mw-d515g 195.15 1536.22 515 520 xps-2385mw-d520g 195.20 1535.82 520 525 xps-2385mw-d525g 195.25 1535.43 525 530 xps-2385mw-d530g 195.30 1535.04 530 535 xps-2385mw-d535g 195.35 1534.64 535 540 xps-2385mw-d540g 195.40 1534.25 540 545 xps-2385mw-d545g 195.45 1533.86 545 550 xps-2385mw-d550g 195.50 1533.47 550 555 xps-2385mw-d555g 195.55 1533.07 555 560 xps-2385mw-d560g 195.60 1532.68 560 565 xps-2385mw-d565g 195.65 1532.29 565 570 xps-2385mw-d570g 195.70 1531.90 570 575 xps-2385mw-d575g 195.75 1531.51 575 580 xps-2385mw-d580g 195.80 1531.12 580 585 xps-2385mw-d585g 195.85 1530.72 585 590 xps-2385mw-d590g 195.90 1530.33 590 595 xps-2385mw-d595g 195.95 1529.94 595 600 xps-2385mw-d600g 196.00 1529.55 600
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 4 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating case temperature topr -5 70 o c relative humidity rh 0 85 % non condensing power supply voltage (5v) vcc5 -0.5 6.0 v power supply voltage (3.3v) v cc 3 -0.5 3.6 v receiver input optical power mip 4 dbm received average power recommended operating conditions parameter symbol min typ max units / notes power supply voltage (5v) v cc 5 4.75 5 5.25 v power supply voltage (3.3v) v cc 3 3.13 3.3 3.47 v power supply current (@5v) i cc 5 300 ma / 1 power supply current (@3.3v) i cc 3 750 ma / 1 power dissipation p d 3.5 w operating case temperature topr -5 70 o c data rate 9.95 10.3125 11.1 gb/s 1. including in rush current. maximum module current ramp rate is 100 ma/ m s. transmitter optical specifications (topr= -5 to 70 o c, vcc5=5v 5%, vcc3 = 3.3v 5%) parameter symbol min typ max units notes average launch power po, avg 0 +4 dbm 2 extinction ratio er 8.2 db center wavelength spacing 50 ghz transmitter center wavelength -- over life time l c x-60 x x+60 pm 3 output spectrum width l 1 nm -20 db width side mode suppression ratio smsr 30 db transmitter and dispersion penalty @ -500 to 1600 ps/nm tdp 3 db relative intensity noise rin -130 db/hz eye mask 1 ieee 802.3ae 10g ethernet eye mask 2 gr-253-core / itu-t g.691 10g sonet average launch power of off transmitter -30 dbm 2. output power is power coupled into a 9/125 m m single-mode fiber. 3. x = specified itu grid wavelength. wavelength stability is achieved within 60 seconds of power up. receiver optical specifications (topr= -5 to 70 o c, vcc5=5v 5%,vcc3 = 3.3v 5%) parameter symbol min typ max units notes sen1 -24 4 / at 9.95 gb/s sensitivity sen2 -22 dbm 4 / at 11.1 gb/s receiver overload p max -7 --- dbm los -- deasserted los d --- --- -28 dbm transition: low to high los -- asserted los a -36 --- --- dbm transition: high to low los -- hysteresis 0.5 --- db wavelength of operation l c 1260 1620 nm optical return loss orl -27 db 4. measured with worst er; ber < 10 -12 and prbs 2 31 -1.
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 5 electrical characteristics parameter symbol min typ max units notes high-speed signal (cml) interface specification input data rate 9.95 10.3125 11.1 gb/s 6 differential input impedance rin 100 differential data input amplitude 120 820 mvpp 7, internally ac coupled output data rate 9.95 10.3125 11.1 gb/s 6 differential output impedance rout 100 differential data output amplitude 340 650 850 mvpp 7, internally ac coupled low-speed signal (lvttl) interface specification input high voltage 2.0 vcc v input low voltage gnd 0.8 v output high voltage 2.4 vcc v output low voltage gnd 0.5 v reference clock (lvpecl) interface specification no reference clock required. 6. 10gbase-er/ew and 10g fibre channel. 7. the differential input and output amplitudes are per xfp msa mask at points b and c . transceiver timing characteristics parameter symbol min typ max units notes tx_dis assert time t_off 10 m s tx_dis negate time t_on 2 ms time to initialize t_init 300 ms interrupt assert delay interrupt_on 200 ms interrupt negate delay interrupt_off 500 m s p_down/pst assert delay p_down/rst_on 100 m s p_down nagate delay p_down/rst_off 300 ms mod_nr assert delay mod_nr_on 1 ms mod_nr negate delay mod_nr_off 1 ms mod_desel assert time t_mod_desel 2 ms mod_desel de-assert time t_mod_sel 2 ms p_down reset time t_reset 10 m s rx_los assert delay t_los_on 100 m s rx_los negate delay t_los_off 100 m s serial id clock rate f scl 0 400 khz
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 6 management interface the structure of the memory map is shown in figure 1, which is accessible over a 2-wire serial interface at the 8-bit address 1010000x (a0h). the normal 256 byte i2c address space is divided into low and upper blocks of 128 bytes. the lower block of 128 bytes is always directly available and is used for the diagnostics and control function. multiple blocks of memories are available in the upper 128 bytes of the address space. these are individually addressed through a table select byte which the user enters into a location in the lower address space. thus, there is a total available address space of 128*256 = 32 kbytes in this upper memory space. the contents of table 01h are listed in table 1 below. please refer sff inf-8077i (revision 4.5) for detailed information. figure 1. 2-wire serial digital diagnostic memory map table 1 monitoring specification data address parameter accuracy 96 ~ 97 temperature 3 o c 98 ~ 99 reserved 100 ~ 101 tx bias 10% 102 ~ 103 tx power 2db 104 ~ 105 rx power 2db 106 ~ 107 vcc3 3%
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 7 connection diagram table 3 pin description pin logic signal name description note 1 gnd module ground 1 2 vee5 -5.2v power supply (not required) 3 3 lvttl-i mod_desel module de-select; when held low allows module to respond to 2-wire serial interface 4 lvttl-o interrupt interrupt; indicates presence of an important condition which can be read over the 2wire serial interface 2 5 lvttl-i tx_dis transmitter disable; turns off transmitter laser output 6 vcc5 +5v power supply 3 7 gnd module ground 1 8 vcc3 +3.3v power supply 9 vcc3 +3.3v power supply 10 lvttl-i/o scl serial 2-wire interface clock 2 11 lvttl-i/o sda serial 2-wire interface data line 2 12 lvttl-o mod_abs indicates module is not present. grounded in the module 2 13 lvttl-o mod_nr module not ready; indicating module operational fault 2 14 lvttl-o rx_los receiver loss of signal indicator 2 15 gnd module ground 1 16 gnd module ground 1 17 cml-o rd- receiver inverted data output 18 cml-o rd+ receiver non-inverted data output 19 gnd module ground 1 20 vcc2 +1.8v power supply (not required) 3
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 8 power down; when high, requires the module to limit power consumption to 1.5w or below. 2-wire serial interface must be functional in the low power mode. 21 lvttl-i p_down/rst reset; the falling edge initiates a complete reset of the module including the 2- wire serial interface, equivalent to a power cycle. 22 vcc2 +1.8v power supply (not required) 3 23 gnd module ground 1 24 pecl-i refclk+ reference clock non-inverted input, ac coupled on the host board. (not used. internally terminated to 50 ohm (100 ohm diff.)) 4 25 pecl-i refclk- reference clock inverted input, ac coupled on the host board. (not used. internally terminated to 50 ohm (100 ohm diff.)) 4 26 gnd module ground 1 27 gnd module ground 1 28 cml-i td- transmitter inverted data input 29 cml-i td+ transmitter non-inverted data input 30 gnd module ground 1 1. module ground pins gnd are isolated from the module case and chassis ground within the module. 2. shall be pulled up with 4.7k-10kohms to a voltage between 3.15v and 3.45v on the host board. 3. these pins are open within module. 4. a reference clock input is not required. if present, it will be ignored. mechanical specification (units in mm)
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 9 recommended power circuit schematic 0.1 f 0.1 f xfp module 0.1 f host board 4.7 h 4.7 h 4.7 h 4.7 h 0.1 f 0.1 f 0.1 f 0.1 f 22 f 22 f 22 f 22 f 0.1 f xfp connector optional host +3.3v host +1.8v host -5.2v optional optional host +5v vcc5 vcc3 vcc2 vee5 recommended interface circuit z=50 z=50 z=50 z=50 host board vcc(+3.3v) 100 xfp module 100 4.7k to 10k rd - rd + td - td + p_down/rst scl sda rx_los tx_dis 100 mod_desel mod_abs mod_nr interrupt refclkp refclkn cml cml cml cml gnd vcc(+3.3v) serdat out+ serdat out- serdat in+ serdat in- 10k
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 10 table 2 serial id memory contents (table 01h) address field size (byte) name of filed description hex 128 1 identifier xfp 06 129 1 ext. identifier power consumption < 3.5w, no ref colck required 90 130 1 connector type lc connector 07 131~138 8 transceiver 10gbase-zr/zw, 10gfc 1200-sm-ll-v 10g sonet/sdh 22 20 00 00 00 00 00 00 139 1 encoding 64b/66b, 8b10b, sonet scrambled & nrz f0 140 1 br-min 9.9gbps 63 141 1 br-max 11.1gbps 6f 142 1 length (smf)-km 80 km 50 143 1 length (e-50 m) 0 m 00 144 1 length (50 m) 0 m 00 145 1 length (62.5 m) 0 m 00 146 1 length (copper) 0 m 00 147 1 device tech dwdm eml, apd detector 76 148~163 16 vendor name optoway 4f 50 54 4f 57 41 59 20 20 20 20 20 20 20 20 20 164 1 cdr support cdr supports 9.953g ~ 11.1g & xfi loopback f9 165~167 3 vendor oui 00 0e fa 168~183 16 vendor pn xps-2385mw-dxxxg 58 50 53 2d 32 33 38 35 4d 57 2d 44 3x 3x 3x 47 184~185 2 vendor rev ascii ( 31 61 means 1a revision) xx xx 186~187 2 wavelength 1xxx.xxnm xx xx 188~189 2 wavelength tolerance +/- 0.06nm 00 0c 190 1 max case temp 70deg 46 191 1 cc_base check sum of byte 128 -- 190 192~195 4 power supply 3.5 wmax, 1.5w pd_max , 750ma 3.3v, 500 ma 5v af 96 a8 00 196~211 16 vendor sn ascii xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx 212~219 8 date code ascii year (2 byte), month (2 byte), day (2 byte) xx xx xx xx xx xx 20 20 220 1 diagnostic monitoring type no ber support, average power 08 221 1 enhanced options optional soft tx_disable implemented, optional soft p_down implemented 60 222 1 aux monitoring aux1 for vcc3, aux2 for vcc5. 76 223 1 cc_ext check sum of byte 192 -- 222 224~255 32 vendor specific reserved note: specifications subject to change without notice.
o ptoway xps-2385mw-dxxxg *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/1/2012 v2.0 11 revision history version subject release date 1.0 initial datasheet 2010/7/1 2.0 change the tx wavelength stability to +/- 60 pm 2012/9/1


▲Up To Search▲   

 
Price & Availability of XPS-2385MW-D285G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X