Part Number Hot Search : 
M8S14FDJ G8912BLI 107M0 HCT374 DTC114 2SC33 EC49022 HC139A
Product Description
Full Text Search
 

To Download SST25VF010-20-4I-QAE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2003 silicon storage technology, inc. s71233-00-000 4/03 1 the sst logo and superflash are registered trademarks of silicon storage technology, inc. these specifications are subject to change without notice. data sheet features: ? single 2.7-3.6v read and write operations  serial interface architecture ? spi compatible: mode 0 and mode 3  20 mhz max clock frequency  superior reliability ? endurance: 100,000 cycles (typical) ? greater than 100 years data retention  low power consumption: ? active read current: 7 ma (typical) ? standby current: 8 a (typical)  flexible erase capability ? uniform 4 kbyte sectors ? uniform 32 kbyte overlay blocks  fast erase and byte-program: ? chip-erase time: 70 ms (typical) ? sector- or block-erase time: 18 ms (typical) ? byte-program time: 14 s (typical)  auto address increment (aai) programming ? decrease total chip programming time over byte-program operations  end-of-write detection ? software status  hold pin (hold#) ? suspends a serial sequence to the memory without deselecting the device  write protection (wp#) ? enables/disables the lock-down function of the status register  software write protection ? write protection through block-protection bits in status register  packages available ? 8-lead soic (4.9mm x 6mm) ? 8-contact wson product description sst?s serial flash family features a four-wire, spi-com- patible interface that allows for a low pin-count package occupying less board space and ultimately lowering total system costs. sst25vf010 spi serial flash memory is manufactured with sst?s proprietary, high performance cmos superflash technology. the split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. the sst25vf010 device significantly improves perfor- mance, while lowering power consumption. the total energy consumed is a function of the applied voltage, current, and time of application. since for any given volt- age range, the superflash technology uses less current to program and has a shorter erase time, the total energy consumed during any erase or program operation is less than alternative flash memory technologies. the sst25vf010 device operates with a single 2.7-3.6v power supply. the sst25vf010 device is offered in both 8-lead soic and 8-contact wson packages. see figure 1 for the pin assignments. 1 mbit spi serial flash sst25vf010 sst25vf0101 mb serial peripheral interface (spi) flash memory
2 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 1233 b1.0 i/o buffers and data latches superflash memory x - decoder control logic address buffers and latches ce# y - decoder sck si so wp# hold# serial interface f unctional b lock d iagram
data sheet 1 mbit spi serial flash sst25vf010 3 ?2003 silicon storage technology, inc. s71233-00-000 4/03 pin description figure 1: p in a ssignments figure 2: spi p rotocol table 1: p in d escription symbol pin name functions sck serial clock to provide the timing of the serial interface. commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. si serial data input to transfer commands, addresses, or data serially into the device. inputs are latched on the rising edge of the serial clock. so serial data output to transfer data serially out of the device. data is shifted out on the falling edge of the serial clock. ce# chip enable the device is enabled by a high to low transition on ce#. ce# must remain low for the duration of any command sequence. wp# write protect the write protect (wp#) pin is used to enable/disable bpl bit in the status register. hold# hold to temporarily stop serial communication with spi flash memory without resetting the device. v dd power supply to provide power supply (2.7-3.6v). v ss ground t1.0 1233 1 2 3 4 8 7 6 5 ce# so wp# v ss v dd hold# sck si top view 1233 08-soic p1.0 8- lead soic 8- contact wson 1 2 3 4 8 7 6 5 ce# so wp# v ss top view v dd hold# sck si 1233 08-wson p2.0 1233 f02.0 mode 3 sck si so ce# mode 3 don't care bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 mode 0 mode 0 high impedance
4 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 product identification memory organization the sst25vf010 superflash memory array is organized in 4 kbyte sectors with 32 kbyte overlay blocks. device operation the sst25vf010 is accessed through the spi (serial peripheral interface) bus compatible protocol. the spi bus consist of four control lines; chip enable (ce#) is used to select the device, and data is accessed through the serial data input (si), serial data output (so), and serial clock (sck). the sst25vf010 supports both mode 0 (0,0) and mode 3 (1,1) of spi bus operations. the difference between the two modes, as shown in figure 2, is the state of the sck signal when the bus master is in stand-by mode and no data is being transferred. the sck signal is low for mode 0 and sck signal is high for mode 3. for both modes, the serial data in (si) is sampled at the rising edge of the sck clock signal and the serial data output (so) is driven after the falling edge of the sck clock signal. table 2: p roduct i dentification address data manufacturer?s id 00000h bfh device id sst25vf010 00001h 49h t2.0 1233
data sheet 1 mbit spi serial flash sst25vf010 5 ?2003 silicon storage technology, inc. s71233-00-000 4/03 hold operation hold# pin is used to pause a serial sequence underway with the spi flash memory without resetting the clocking sequence. to activate the hold# mode, ce# must be in active low state. the hold# mode begins when the sck active low state coincides with the falling edge of the hold# signal. the hold mode ends when the hold# signal?s rising edge coincides with the sck active low state. if the falling edge of the hold# signal does not coincide with the sck active low state, then the device enters hold mode when the sck next reaches the active low state. similarly, if the rising edge of the hold# signal does not coincide with the sck active low state, then the device exits in hold mode when the sck next reaches the active low state. see figure 3 for hold condition waveform. once the device enters hold mode, so will be in high- impedance state while si and sck can be v il or v ih . if ce# is driven active high during a hold condition, it resets the internal logic of the device. as long as hold# signal is low, the memory remains in the hold condition. to resume communication with the device, hold# must be driven active high, and ce# must be driven active low. see figure 17 for hold timing. figure 3: h old c ondition w aveform write protection the sst25vf010 provides software write protection. the write protect pin (wp#) enables or disables the lock-down function of the status register. the block-protection bits (bp1, bp0, and bpl) in the status register provide write protection to the memory array and the status register. see table 4 for block-protection description. write protect pin (wp#) the write protect (wp#) pin enables the lock-down func- tion of the bpl bit (bit 7) in the status register. when wp# is driven low, the execution of the write-status-register (wrsr) instruction is determined by the value of the bpl bit (see table 3). when wp# is high, the lock-down func- tion of the bpl bit is disabled. active hold active hold active 1233 f03.0 sck hold# table 3: c onditions to execute w rite -s tatus - r egister (wrsr) i nstruction wp# bpl execute wrsr instruction l1not allowed l0allowed hxallowed t3.0 1233
6 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 status register the software status register provides status on whether the flash memory array is available for any read or write oper- ation, whether the device is write enabled, and the state of the memory write protection. during an internal erase or program operation, the status register may be read only to determine the completion of an operation in progress. table 5 describes the function of each bit in the software status register. busy the busy bit determines whether there is an internal erase or program operation in progress. a ?1? for the busy bit indi- cates the device is busy with an operation in progress. a ?0? indicates the device is ready for the next valid operation. write enable latch (wel) the write-enable-latch bit indicates the status of the inter- nal memory write enable latch. if the write-enable-latch bit is set to ?1?, it indicates the device is write enabled. if the bit is set to ?0? (reset), it indicates the device is not write enabled and does not accept any memory write (program/ erase) commands. the write-enable-latch bit is automati- cally reset under the following conditions:  power-up  write-disable (wrdi) instruction completion  byte-program instruction completion  auto address increment (aai) programming reached its highest memory address  sector-erase instruction completion  block-erase instruction completion  chip-erase instruction completion block protection (bp1, bp0) the block-protection (bp1, bp0) bits define the size of the memory area, as defined in table 4, to be software pro- tected against any memory write (program or erase) operations. the write-status-register (wrsr) instruction is used to program the bp1 and bp0 bits as long as wp# is high or the block-protect-lock (bpl) bit is 0. chip-erase can only be executed if block-protection bits are both 0. after power-up, bp1 and bp0 are set to 1. block protection lock-down (bpl) wp# pin driven low (v il ), enables the block-protection- lock-down (bpl) bit. when bpl is set to 1, it prevents any further alteration of the bpl, bp1, and bp0 bits. when the wp# pin is driven high (v ih ), the bpl bit has no effect and its value is ?don?t care?. after power-up, the bpl bit is reset to 0. auto address increment (aai) the auto address increment programming-status bit pro- vides status on whether the device is in aai programming mode or byte-program mode. the default at power up is byte-program mode. table 4: s oftware s tatus r egister b lock p rotection 1 1. default at power-up for bp1 and bp0 is ?11?. protection level status register bit protected memory area bp1 bp0 000none 1 (1/4 memory array) 0 1 018000h-01ffffh 2 (1/2 memory array) 1 0 010000h-01ffffh 3 (full memory array) 1 1 000000h-01ffffh t4.0 1233 table 5: s oftware s tatus r egister bit name function default at power-up read/write 0 busy 1 = internal write operation is in progress 0 = no internal write operation is in progress 0r 1 wel 1 = device is memory write enabled 0 = device is not memory write enabled 0r 2 bp0 indicate current level of block write protection (see table 4) 1 r/w 3 bp1 indicate current level of block write protection (see table 4) 1 r/w 4:5 res reserved for future use 0 n/a 6 aai auto address increment programming status 1 = aai programming mode 0 = byte-program mode 0r 7 bpl 1 = bp1, bp0 are read-only bits 0 = bp1, bp0 are read/writable 0r/w t5.0 1233
data sheet 1 mbit spi serial flash sst25vf010 7 ?2003 silicon storage technology, inc. s71233-00-000 4/03 instructions instructions are used to read, write (erase and program), and configure the sst25vf010. the instruction bus cycles are 8 bits each for commands (op code), data, and addresses. prior to executing any byte-program, auto address increment (aai) programming, sector-erase, block-erase, or chip-erase instructions, the write-enable (wren) instruction must be executed first. the complete list of the instructions is provided in table 6. all instructions are synchronized off a high to low transition of ce#. inputs will be accepted on the rising edge of sck starting with the most significant bit. ce# must be driven low before an instruction is entered and must be driven high after the last bit of the instruction has been shifted in (except for read, read-id and read-status-register instructions). any low to high transition on ce#, before receiving the last bit of an instruction bus cycle, will terminate the instruction in progress and return the device to the standby mode. instruction commands (op code), addresses, and data are all input from the most significant bit (msb) first. table 6: d evice o peration i nstructions 1 1. a ms = most significant address a ms = a 16 for sst25vf010 address bits above the most significant bit of each density can be v il or v ih bus cycle 2 2. one bus cycle is eight clock periods. 123 4 5 cycle type/operation 3,4 3. operation: s in = serial in, s out = serial out 4. x = dummy input cycles (v il or v ih ); - = non-applicable cycles (cycles are not necessary) s in s out s in s out s in s out s in s out s in s out read 03h hi-z a 23 -a 16 hi-z a 15 -a 8 hi-z a 7 -a 0 hi-z x d out sector-erase 5,6 5. sector addresses: use a ms -a 12 , remaining addresses can be v il or v ih 6. prior to any byte-program, aai-program, sector-erase, block-erase, or chip-erase operation, the write-enable (wren) instructi on must be executed. 20h hi-z a 23 -a 16 hi-z a 15 -a 8 hi-z a 7 -a 0 hi-z - - block-erase 5,7 7. block addresses for: use a ms -a 15 , remaining addresses can be v il or v ih 52h hi-z a 23 -a 16 hi-z a 15 -a 8 hi-z a 7 -a 0 hi-z - - chip-erase 6 60hhi-z-------- byte-program 6 02h hi-z a 23 -a 16 hi-z a 15 -a 8 hi-z a 7 -a 0 hi-z d in hi-z auto address increment (aai) program 6,8 8. to continue programming to the next sequential address location, enter the 8-bit command, afh, followed by the data to be programmed. afh hi-z a 23 -a 16 hi-z a 15 -a 8 hi-z a 7 -a 0 hi-z d in hi-z read-status-register (rdsr) 05h hi-z x d out -note 9 9. the read-status-register is continuous with ongoing clock c ycles until terminated by a low to high transition on ce#. -note 9 -note 9 enable-write-status-register (ewsr) 10 10. the enable-write-status-register (ewsr) instruction and the write-status-register (wrsr) instruction must work in conjunctio n of each other. the wrsr instruction must be executed immediately (very next bus cycle) after the ewsr instruction to make both instructions effective. 50hhi-z-------- write-status-register (wrsr) 10 01h hi-z data hi-z - - -. - - - write-enable (wren) 06h hi-z - - - - - - - - write-disable (wrdi) 04h hi-z - - - - - - - - read-id 90h or abh hi-z 00h hi-z 00h hi-z id addr 11 11. manufacturer?s id is read with a 0 =0, and device id is read with a 0 =1. all other address bits are 00h. the manufacturer?s and device id output stream is continuous until terminated by a low to high transition on ce# hi-z x d out 12 12. device id = 49h for sst25vf010 t6.0 1233
8 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 read the read instruction outputs the data starting from the specified address location. the data output stream is con- tinuous through all addresses until terminated by a low to high transition on ce#. the internal address pointer will automatically increment until the highest memory address is reached. once the highest memory address is reached, the address pointer will automatically increment to the beginning (wrap-around) of the address space, i.e. for 4 mbit density, once the data from address location 7ffffh had been read, the next output will be from address location 00000h. the read instruction is initiated by executing an 8-bit com- mand, 03h, followed by address bits [a 23 -a 0 ]. ce# must remain active low for the duration of the read cycle. see figure 4 for the read sequence. figure 4: r ead s equence byte-program the byte-program instruction programs the bits in the selected byte to the desired data. the selected byte must be in the erased state (ffh) when initiating a program operation. a byte-program instruction applied to a pro- tected memory area will be ignored. prior to any write operation, the write-enable (wren) instruction must be executed. ce# must remain active low for the duration of the byte-program instruction. the byte- program instruction is initiated by executing an 8-bit com- mand, 02h, followed by address bits [a 23 -a 0 ]. following the address, the data is input in order from msb (bit 7) to lsb (bit 0). ce# must be driven high before the instruction is executed. the user may poll the busy bit in the software status register or wait t bp for the completion of the internal self-timed byte-program operation. see figure 5 for the byte-program sequence. figure 5: b yte -p rogram s equence 1233 f04.0 ce# so si sck add. 012345678 add. add. 03 high impedance 15 16 23 24 31 32 39 40 70 47 48 55 56 63 64 n+2 n+3 n+4 n n+1 d out msb mode 0 mode 3 d out d out d out d out 1233 f0.0 ce# so si sck add. 012345678 add. add. d in 02 high impedance 15 16 23 24 31 32 39 mode 0 mode 3 msb lsb
data sheet 1 mbit spi serial flash sst25vf010 9 ?2003 silicon storage technology, inc. s71233-00-000 4/03 auto address increment (aai) program the aai program instruction allows multiple bytes of data to be programmed without re-issuing the next sequential address location. this feature decreases total program- ming time when the entire memory array is to be pro- grammed. an aai program instruction pointing to a protected memory area will be ignored. the selected address range must be in the erased state (ffh) when ini- tiating an aai program instruction. prior to any write operation, the write-enable (wren) instruction must be executed. the aai program instruction is initiated by executing an 8-bit command, afh, followed by address bits [a 23 -a 0 ]. following the addresses, the data is input sequentially from msb (bit 7) to lsb (bit 0). ce# must be driven high before the aai program instruction is executed. the user must poll the busy bit in the software status register or wait t bp for the completion of each inter- nal self-timed byte-program cycle. once the device com- pletes programming byte, the next sequential address may be program, enter the 8-bit command, afh, followed by the data to be programmed. when the last desired byte had been programmed, execute the write-disable (wrdi) instruction, 04h, to terminate aai. after execution of the wrdi command, the user must poll the status register to ensure the device completes programming. see figure 6 for aai programming sequence. there is no wrap mode during aai programming; once the highest unprotected memory address is reached, the device will exit aai operation and reset the write-enable- latch bit (wel = 0). figure 6: a uto a ddress i ncrement (aai) p rogram s equence ce# si sck a[23:16] a[15:8] a[7:0] af data byte 1 af data byte 2 ce# si so sck write disable (wrdi) instruction to terminate aai operation read status register (rdsr) instruction to verify end of aai operation 04 last data byte af 05 d out mode 3 mode 0 t bp t bp t bp 1233 f06.0 012345678 3233343536373839 1516 2324 31 0123456789101112131415 01 01234567 0123456789101112131415 0123456789101112131415
10 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 sector-erase the sector-erase instruction clears all bits in the selected 4 kbyte sector to ffh. a sector-erase instruction applied to a protected memory area will be ignored. prior to any write operation, the write-enable (wren) instruction must be executed. ce# must remain active low for the duration of the any command sequence. the sector-erase instruction is initiated by executing an 8-bit command, 20h, followed by address bits [a 23 -a 0 ]. address bits [a ms -a 12 ] (a ms = most significant address) are used to determine the sector address (sa x ), remaining address bits can be v il or v ih. ce# must be driven high before the instruction is exe- cuted. the user may poll the busy bit in the software status register or wait t se for the completion of the internal self- timed sector-erase cycle. see figure 7 for the sector- erase sequence. figure 7: s ector -e rase s equence block-erase the block-erase instruction clears all bits in the selected 32 kbyte block to ffh. a block-erase instruction applied to a protected memory area will be ignored. prior to any write operation, the write-enable (wren) instruction must be executed. ce# must remain active low for the duration of any command sequence. the block-erase instruction is initiated by executing an 8-bit command, 52h, followed by address bits [a 23 -a 0 ]. address bits [a ms -a 15 ] (a ms = most significant address) are used to determine block address (ba x ), remaining address bits can be v il or v ih . ce# must be driven high before the instruction is executed. the user may poll the busy bit in the software status register or wait t be for the completion of the internal self-timed block- erase cycle. see figure 8 for the block-erase sequence. figure 8: b lock -e rase s equence ce# so si sck add. 012345678 add. add. 20 high impedance 15 16 23 24 31 mode 0 mode 3 1233 f07.0 ce# so si sck add. 012345678 add. add. 52 high impedance 15 16 23 24 31 mode 0 mode 3 1233 f08.0
data sheet 1 mbit spi serial flash sst25vf010 11 ?2003 silicon storage technology, inc. s71233-00-000 4/03 chip-erase the chip-erase instruction clears all bits in the device to ffh. a chip-erase instruction will be ignored if any of the memory area is protected. prior to any write operation, the write-enable (wren) instruction must be executed. ce# must remain active low for the duration of the chip-erase instruction sequence. the chip-erase instruction is initiated by executing an 8-bit command, 60h. ce# must be driven high before the instruction is executed. the user may poll the busy bit in the software status register or wait t ce for the completion of the internal self-timed chip-erase cycle. see figure 9 for the chip-erase sequence. figure 9: c hip -e rase s equence read-status-register (rdsr) the read-status-register (rdsr) instruction allows read- ing of the status register. the status register may be read at any time even during a write (program/erase) operation. when a write operation is in progress, the busy bit may be checked before sending any new commands to assure that the new commands are properly received by the device. ce# must be driven low before the rdsr instruction is entered and remain low until the status data is read. read- status-register is continuous with ongoing clock cycles until it is terminated by a low to high transition of the ce#. see figure 10 for the rdsr instruction sequence. figure 10: r ead -s tatus -r egister (rdsr) s equence ce# so si sck 01234567 60 high impedance mode 0 mode 3 1233 f09.0 0123456 7891011121314 1233 f10.0 mode 3 sck si so ce# bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 05 mode 0 high impedance status register out msb
12 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 write-enable (wren) the write-enable (wren) instruction sets the write- enable-latch bit to 1 allowing write operations to occur. the wren instruction must be executed prior to any write (program/erase) operation. ce# must be driven high before the wren instruction is executed. figure 11: w rite e nable (wren) s equence write-disable (wrdi) the write-disable (wrdi) instruction resets the write- enable-latch bit and aai bit to 0 disabling any new write operations from occurring. ce# must be driven high before the wrdi instruction is executed. figure 12: w rite d isable (wrdi) s equence enable-write-status-register (ewsr) the enable-write-status-register (ewsr) instruction arms the write-status-register (wrsr) instruction and opens the status register for alteration. the enable-write- status-register instruction does not have any effect and will be wasted, if it is not followed immediately by the write- status-register (wrsr) instruction. ce# must be driven low before the ewsr instruction is entered and must be driven high before the ewsr instruction is executed. ce# so si sck 01234567 06 high impedance mode 0 mode 3 1233 f11.0 ce# so si sck 01234567 04 high impedance mode 0 mode 3 1233 f12.0
data sheet 1 mbit spi serial flash sst25vf010 13 ?2003 silicon storage technology, inc. s71233-00-000 4/03 write-status-register (wrsr) the write-status-register instruction works in conjunction with the enable-write-status-register (ewsr) instruction to write new values to the bp1, bp0, and bpl bits of the status register. the write-status-register instruction must be executed immediately after the execution of the enable- write-status-register instruction (very next instruction bus cycle). this two-step instruction sequence of the ewsr instruction followed by the wrsr instruction works like sdp (software data protection) command structure which prevents any accidental alteration of the status register val- ues. the write-status-register instruction will be ignored when wp# is low and bpl bit is set to ?1?. when the wp# is low, the bpl bit can only be set from ?0? to ?1? to lock- down the status register, but cannot be reset from ?1? to ?0?. when wp# is high, the lock-down function of the bpl bit is disabled and the bpl, bp0, and bp1 bits in the status reg- ister can all be changed. as long as bpl bit is set to 0 or wp# pin is driven high (v ih ) prior to the low-to-high transi- tion of the ce# pin at the end of the wrsr instruction, the bp0, bp1, and bpl bit in the status register can all be altered by the wrsr instruction. in this case, a single wrsr instruction can set the bpl bit to ?1? to lock down the status register as well as altering the bp0 and bp1 bit at the same time. see table 3 for a summary description of wp# and bpl functions. ce# must be driven low before the command sequence of the wrsr instruction is entered and driven high before the wrsr instruction is executed. see figure 13 for ewsr and wrsr instruction sequences. figure 13: e nable -w rite -s tatus -r egister (ewsr) and w rite -s tatus -r egister (wrsr) s equence 1233 f13.0 mode 3 high impedance mode 0 status register in 76543210 msb 01 mode 3 sck si so ce# mode 0 50 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
14 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 read-id the read-id instruction identifies the device as sst25vf010 and manufacturer as sst. the device infor- mation can be read from executing an 8-bit command, 90h or abh, followed by address bits [a 23 -a 0 ]. following the read-id instruction, the manufacturer?s id is located in address 00000h and the device id is located in address 00001h. once the device is in read-id mode, the manu- facturer?s and device id output data toggles between address 00000h and 00001h until terminated by a low to high transition on ce#. figure 14: r ead -id s equence 1233 f14.0 ce# so si sck 00 012345678 00 add 1 90 or ab high impedance 15 16 23 24 31 32 39 40 47 48 55 56 63 bf device id bf device id note: the manufacturer's and device id output stream is continuous until terminated by a low to high transition on ce#. 1. 00h will output the manfacturer's id first and 01h will output device id first before toggling between the two. high impedance mode 3 mode 0
data sheet 1 mbit spi serial flash sst25vf010 15 ?2003 silicon storage technology, inc. s71233-00-000 4/03 electrical specifications absolute maximum stress ratings (applied conditions greater than those listed under ?absolute maximum stress ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. exposure to absolute maximum stress rating conditions may affect device reliability.) temperature under bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55c to +125c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65c to +150c d. c. voltage on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0. 5v to v dd +0.5v transient voltage (<20 ns) on any pin to ground potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0v to v dd +2.0v package power dissipation capability (ta = 25c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0w surface mount lead soldering temperature (3 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240c output short circuit current 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 ma 1. output shorted for no more than one second. no more than one output shorted at a time. o perating r ange : range ambient temp v dd commercial 0c to +70c 2.7-3.6v industrial -40c to +85c 2.7-3.6v ac c onditions of t est input rise/fall time . . . . . . . . . . . . . . . 5 ns output load . . . . . . . . . . . . . . . . . . . . . c l = 30 pf see figures 19 and 20 table 7: dc o perating c haracteristics v dd = 2.7-3.6v symbol parameter limits test conditions min max units i ddr read current 10 ma ce#=0.1 v dd /0.9 v dd @20 mhz, so=open i ddw program and erase current 30 ma ce#=v dd i sb standby current 400 a ce#=v dd , v in =v dd or v ss i li input leakage current 1 a v in =gnd to v dd , v dd =v dd max i lo output leakage current 1 a v out =gnd to v dd , v dd =v dd max v il input low voltage 0.8 v v dd =v dd min v ih input high voltage 0.7 v dd vv dd =v dd max v ol output low voltage 0.2 v i ol =100 a, v dd =v dd min v oh output high voltage v dd -0.2 v i oh =-100 a, v dd =v dd min t7.0 1233 table 8: r ecommended s ystem p ower - up t imings symbol parameter minimum units t pu-read 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. v dd min to read operation 10 s t pu-write 1 v dd min to write operation 10 s t8.0 1233 table 9: c apacitance (ta = 25c, f=1 mhz, other pins open) parameter description test condition maximum c out 1 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. output pin capacitance v out = 0v 12 pf c in 1 input capacitance v in = 0v 6 pf t9.0 1233
16 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 table 10: r eliability c haracteristics symbol parameter minimum specification units test method n end 1 endurance 10,000 cycles jedec standard a117 t dr 1 data retention 100 years jedec standard a103 i lt h 1 latch up 100 + i dd ma jedec standard 78 t10.0 1233 1. this parameter is measured only for init ial qualification and after a design or proces s change that could affect this paramet er. table 11: ac o perating c haracteristics v dd = 2.7-3.6v symbol parameter limits min max units f clk serial clock frequency 20 mhz t sckh serial clock high time 20 ns t sckl serial clock low time 20 ns t sckr serial clock rise time 5 ns t sckf serial clock fall time 5 ns t ces 1 1. relative to sck. ce# active setup time 20 ns t ceh 1 ce# active hold time 20 ns t chs 1 ce# not active setup time 10 ns t chh 1 ce# not active hold time 10 ns t cph ce# high time 100 ns t chz ce# high to high-z output 20 ns t clz sck low to low-z output 0 ns t ds data in setup time 5 ns t dh data in hold time 5 ns t hls hold# low setup time 10 ns t hhs hold# high setup time 10 ns t hlh hold# low hold time 15 ns t hhh hold# high hold time 10 ns t hz hold# low to high-z output 20 ns t lz hold# high to low-z output 20 ns t oh output hold from sck change 0 ns t v output valid from sck 20 ns t se sector-erase 25 ms t be block-erase 25 ms t sce chip-erase 100 ms t bp byte-program 20 s t11.1 1233
data sheet 1 mbit spi serial flash sst25vf010 17 ?2003 silicon storage technology, inc. s71233-00-000 4/03 figure 15: s erial i nput t iming d iagram figure 16: s erial o utput t iming d iagram high-z high-z ce# so si sck msb lsb t ds t dh t chh t ces t ceh t chs t sckr t sckf t cph 1233 f15.0 1233 f16.0 ce# si so sck msb t clz t v t sckh t chz t oh t sckl lsb
18 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 figure 17: h old t iming d iagram figure 18: p ower - up t iming d iagram t hz t lz t hhh t hls t hlh t hhs 1233 f17.0 hold# ce# sck so si time v dd min v dd max v dd device fully accessible t pu-read t pu-write chip selection is not allowed. all commands are rejected by the device. 1233 f18.0
data sheet 1 mbit spi serial flash sst25vf010 19 ?2003 silicon storage technology, inc. s71233-00-000 4/03 figure 19: ac i nput /o utput r eference w aveforms figure 20: a t est l oad e xample 1233 f19.0 reference points output input v ht v lt v ht v lt v iht v ilt ac test inputs are driven at v iht (0.9v dd ) for a logic ?1? and v ilt (0.1v dd ) for a logic ?0?. measurement reference points for inputs and outputs are v ht (0.7v dd ) and v lt (0.3v dd ). input rise and fall times (10% ? 90%) are <5 ns. note: v ht - v high te s t v lt - v low te s t v iht - v input high test v ilt - v input low test 1233 f20.0 to tester to dut c l
20 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 product ordering information valid combinations for sst25vf010 sst25vf010-20-4c-sa sst25vf010-20-4c-qa sst25vf010-20-4c-sa-dd029 sst25vf010-20-4c-qa-dd029 sst25vf010-20-4i-sa sst25vf010-20-4i-qa sst25vf010-20-4i-sa-dd029 sst25vf010-20-4i-qa-dd029 note: valid combinations are those products in mass production or will be in mass production. consult your sst sales representative to confirm availability of valid combinations and to determine availability of new combinations. non-pb: all devices in this data sheet are also offered in non-pb (no lead added) packages. the non-pb part number is simply the standard part number with the letter ?e? added to the end of the package code. the non-pb package codes corresponding to the packages listed above are sae and qae. device speed suffix1 suffix2 suffix 3 sst25v fxxx -xxx -x x -x x - xxxxx customer specification number dd029 = low i sb of 15 a (max) devices package modifier a = 8 leads or contacts package type s = soic q = wson temperature range c = commercial = 0c to +70c i = industrial = -40c to +85c minimum endurance 4 = 10,000 cycles operating frequency 20 = 20 mhz device density 010 = 1 mbit voltage v = 2.7-3.6v
data sheet 1 mbit spi serial flash sst25vf010 21 ?2003 silicon storage technology, inc. s71233-00-000 4/03 packaging diagrams 8- lead s mall o utline i ntegrated c ircuit (soic) sst p ackage c ode : sa 08-soic-5x6-sa-8 note: 1. complies with jedec publication 95 ms-012 aa dimensions, although some dimensions may be more stringent. 2. all linear dimensions are in millimeters (max/min). 3. coplanarity: 0.1 mm 4. maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads. top view side view end view 5.0 4.8 6.20 5.80 4.00 3.80 pin #1 identifier 0.51 0.33 1.27 bsc 0.25 0.10 1.75 1.35 7? 4 places 0.25 0.19 1.27 0.40 45? 7? 4 places 0? 8? 1mm
22 data sheet 1 mbit spi serial flash sst25vf010 ?2003 silicon storage technology, inc. s71233-00-000 4/03 8- contact v ery - very - thin s mall o utline n o - lead (wson) sst p ackage c ode : qa table 12: r evision h istory number description date 00  initial release of s71233  previously released in s71192 apr 2003 note: 1. all linear dimensions are in millimeters (max/min). 8-wson-6x5-qa-8 4.00 0.10 1.27 bsc pin #1 0.48 0.35 0.076 3.40 0.10 0.25 0.19 5.00 0.10 6.00 0.10 0.05 max 0.70 0.50 0.80 0.70 0.80 0.70 pin #1 corner top view bottom view cross section side view 1mm silicon storage technology, inc.  1171 sonora court  sunnyvale, ca 94086  telephone 408-735-9110  fax 408-735-9036 www.superflash.com or www.sst.com


▲Up To Search▲   

 
Price & Availability of SST25VF010-20-4I-QAE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X