Part Number Hot Search : 
9240RPQE 30KP51CA CSD363O SXX18 HER30 1212E H103J BA5826
Product Description
Full Text Search
 

To Download SM2200AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sm220af~SM2200AF 20 v ~ 200 v 2.0 amp surface mount schottky barrier rectifiers elektronische bauelemente 07-feb-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen-free and rohs co mpliant features  ideal for surface mount applications  easy pick and place  built-in strain relief  low forward voltage drop packaging information  metallurgically bonded construction  polarity: color band denotes cathode end  case: molded plastic  epoxy: ul94-v0 rate flame retardant  weight: 0.032 grams (approximately) package information package mpq leader size smaf 3k 7 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit sm 220af sm 240af sm 260af sm 2100af sm 2150af sm 2200af maximum recurrent peak reverse voltage v rrm 20 40 60 100 150 200 v working peak reverse voltage v rms 14 28 42 70 105 140 v maximum dc blocking voltage v r 20 40 60 100 150 200 v maximum instantaneous forward voltage @ 2a v f 0.45 0.5 0.7 0.85 0.87 0.9 v maximum average forward rectified current, see fig.1 i o 2 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a maximum reverse current 2 t c =25 c i r 0.5 0.2 ma t c =100 c 15 5 typical thermal resistance r ja 120 c / w typical thermal resistance r jc 90 diode junction capacitance (typ.) 1 c j 70 50 40 pf operating temperature range t j -50 ~ 125 -50~150 c storage temperature range t stg -50~150 c note: 1. f=1mhz and applied 4v dc reverse voltage 2. pulse test pulse width = 300 s, duty cycle 2.0%. Q smaf ref. millimeter ref. millimeter min. max. min. max. a 3.95 4.60 d 0.75 1.50 b 2.25 2.95 e 1.25 1.65 c 4.80 5.60 f 0.90 1.10
sm220af~SM2200AF 20 v ~ 200 v 2.0 amp surface mount schottky barrier rectifiers elektronische bauelemente 07-feb-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM2200AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X