Part Number Hot Search : 
CA3338M BCM61 24052 1N5819 FP1601 D1425 MSO2TM LM319H
Product Description
Full Text Search
 

To Download SBG1035CT-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30092 rev. 3 - 2 1 of 2 sbg1030ct - sbg1045ct www.diodes.com  diodes incorporated sbg1030ct - sbg1045ct 10a surface mount schottky barrier rectifier features single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  case: d 2 pak  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish - bright tin. solderable per mil-std-202, method 208  also available in lead free plating (bright tin finish). please see ordering information , note 5, on page 2  polarity: see diagram  marking: type number  mounting position: any  weight: 1.7 grams (approximate) mechanical data b c d e g h j k l m a 123 4 pin 1 pin 3 pin2&4 d 2 pak dim min max a 9.65 10.69 b 14.60 15.88 c 0.51 1.14 d 2.29 2.79 e 4.37 4.83 g 1.14 1.40 h 1.14 1.40 j 8.25 9.25 k 0.30 0.64 l 2.03 2.92 m 2.29 2.79 all dimensions in mm characteristic symbol sbg 1030ct sbg 1035ct sbg 1040ct sbg 1045ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 v rms reverse voltage v r(rms) 21 25 28 32 v average rectified output current @ t c = 95  c i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a forward voltage, per element @ i f = 5.0a v fm 0.55 v peak reverse current @ t j = 25  c at rated dc blocking voltage @ t j = 125  c i rm 1.0 50 ma typical junction capacitance (note 2) c j 275 pf typical thermal resistance junction to case (note 1) r  jc 3.0 k/w operating and storage temperature range t j, t stg -65 to +125  c  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  surge overload rating to 125a peak  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  available in lead free finish/rohs compliant version (note 3) notes: 1. thermal resistance: junction to case mounted on heat sink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7.
ds30092 rev. 3 - 2 2 of 2 sbg1030ct - sbg1045ct www.diodes.com 0 25 50 75 100 125 150 110100 i , peak f o rward surge current (a) fsm number of cycles at 60hz fig. 3 max non-repetitive surge current 0 2 4 6 8 10 0 50 100 150 i , avera g e fwd c urrent ( a ) (av) t , case temperature ( c) c fig. 1 forward current derating curve 12 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 2 typical forward characteristics 0.1 1.0 10 100 00.40.81. 2 t = 125 c j t=25 c j 100 1000 0.1 1.0 10 100 c , juncti o n capacitance (pf) j v , reverse voltage (v) r fig. 4 typical junction capacitance t=25 c j f = 1.0mhz 500 200 ordering information (note 4) device packaging shipping sbg1030ct-t d 2 pak 800/tape & reel, 13-inch SBG1035CT-T d 2 pak 800/tape & reel, 13-inch sbg1040ct-t d 2 pak 800/tape & reel, 13-inch sbg1045ct-t d 2 pak 800/tape & reel, 13-inch notes: 4. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free/rohs compliant version part number, please add "-f" suffix to the part number. example: sb g1030ct-t-f.


▲Up To Search▲   

 
Price & Availability of SBG1035CT-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X