Part Number Hot Search : 
DTMPU63 254121 SP5301 39F1G WT203 SMA20 RM214C SR6150
Product Description
Full Text Search
 

To Download RCZR-13V-PSLFSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 riz connector l-type disconnectable crimp style wire-to-wire connectors ?space saving ?high durability ?hybrid type ?signal circuit 1.5mm pitch lever-locking type specifications ?current rating: signal circuit/1.0a ac, dc (awg#26) power supply circuit/15a ac, dc (awg#14) ?voltage rating: signal circuit/50v ac, dc power supply circuit/250v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: signal circuit initial value/40m ? max. after environmental testing/60m? max. power supply circuit initial value/10m ? max. after environmental testing/20m ? max. ?insulation resistance : 500m ? min. ?withstanding voltage: signal circuit 500v ac/minute power supply circuit 1,500v ac/minute ?applicable wire: signal circuit applicable socket/rcz connector power supply circuit conductor size/awg#24 to #14 insulation o.d./1.4 to 3.6mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e 60389 certified lr 20812 r50157902 this connector is a hybrid type single-row drawer connector combined signal and power supply circuits connector to connect the units, absorbs misalignment between units, and excels durability. riz connector with lever locking device is adopted as applicable socket to prevent incomplete mating. plug when mounting from mating side when mounting from socket side when mounting from mating side when mounting from socket side hybrid type panel thickness: t0.8 to 2.0mm receptacle hybrid type panel thickness: t0.8 to 2.0mm 52.1 0.05 47.1 0.05 60 0.05 m3 panel 4.6 0.05 4.6 0.05 9.4 0.05 51.7 0.05 56.7 0.05 13 0.05 4.5 0.05 60 0.05 m3 panel 51.7 0.05 56.7 0.05 13 0.05 4.5 0.05 60 0.05 m3 panel 52.1 0.05 47.1 0.05 60 0.05 m3 4.8 4.45 0.05 10 0.05 panel 0.05 hybrid type 23.1 + 1.0 0 23.1 + 1.0 0 20.1 + 1.0 0 26.1 + 1.0 0 note: 1. punch holes in the panel according to the figures shown above. burrs must be removed. 2. the strength of the panel must be considered when punching two or more holes. 3. the connector must be inserted from the same side as the hole is punched. panel layout and assembly layout
2 2 riz connector l-type 0.62 23.6 5.2 13.4 2.6 model no. mm 2 awg # srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 0.2 0.5 0.3 0.75 0.75 2.0 24 20 22 18 18 14 material and finish copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q?y / reel 1.4 1.9 1.55 3.1 2.0 3.6 4,000 3,000 3,000 ? ? ? ? ? ? ? ? ? 21.4 5.2 9.0 3.0 mm 2 awg # srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 0.2 0.5 0.3 0.75 0.75 2.0 24 20 22 18 18 14 1.4 1.9 1.55 3.1 2.0 3.6 4,000 3,000 3,000 model no. applicable wire insulation o.d. (mm) q?y / reel material and finish copper alloy, nickel-undercoated, mating part; gold-plated crimping part; tin-plated (reflow treatment) ? ? ? ? ? ? ? ? ? rohs compliance this product displays (lf)(sn) on a label. rohs compliance this product displays (lf)(sn) on a label. srwm-01gg-s0.6 srwm-21gg-s0.6 srwm-61gg-s0.6 mks-l mks-l mks-l contact crimping machine crimp applicator with dies ap-k2n mk/srpf/m-01-06 mk/srpf/m-21-06 mk/srpf/m-61-06 crimp applicator dies aplmk srpf/m01-06 aplmk srpf/m21-06 aplmk srpf/m61-06 applicator srwf-01gg-m0.6 srwf-21gg-m0.6 srwf-61gg-m0.6 mks-l mks-l mks-l ap-k2n mk/srpf/m-01-06 mk/srpf/m-21-06 mk/srpf/m-61-06 aplmk srpf/m01-06 aplmk srpf/m21-06 aplmk srpf/m61-06 crimp applicator with dies crimp applicator dies applicator contact crimping machine plug contact for power supply circuit receptacle contact for power supply circuit
13lr-riz-k4gg-sr3 13 60 3 q?y / box model no. circuits power supply signal contact: copper alloy, nickel-undercoated, selective gold-plated tin-plated (reflow-treatment) housing: pbt, ul94v-0, black material and finish 60 f5 44.1 2.5 2.5 h jst 69 45.5 7 18 15 7.5 10 1.5 3 20.7 gnd power supply circuit power supply circuit 3g 1 s s s s 13 2 1 hybrid type (connector with integrated signal and power) rohs compliance this product displays (lf)(sn) on a label. 60 69 45.7 18 1.5 15 7.5 6.4 22.9 19.9 48.7 2.5 2.5 h jst 1 2 s s s s 3 13 1 10 hybrid type (connector with integrated signal and power) q?y / box model no. 13lp-riz-k2gg-s3 circuits power supply 13 3 signal 45 material and finish contact: copper alloy, nickel-undercoated, selective gold-plated tin-plated (reflow-treatment) housing: pbt, ul94v-0, black rohs compliance this product displays (lf)(sn) on a label. 5 6 7 8 94 3 2 1 h jst 1.5 a b c 5.7 6.8 6.5 circuits model no. q?y / bag rczr-13v-ps 13 1,000 material pa 66, ul94v-0 dimensions (mm) b 21.0 c 19.9 a 18.0 rohs compliance this product displays (lf)(sn) on a label. 2.2 4.05 1.5 1.1 1.1 model no. mm 2 awg # sczh-002t-p0.5 0.08 0.13 28 26 material and finish copper alloy, tin-plated (reflow treatment) applicable wire insulation o.d. (mm) q?y / reel 0.8 1.1 13,000 ? ? ? rohs compliance sczh-002t-p0.5 mks-l contact crimping machine crimp applicator with dies ap-k2n mk/sczh-002-05 crimp applicator dies aplmk sczh002-05 applicator riz connector l-type 3 plug receptacle czh connector contact (for rcz connector) rcz connector socket housing


▲Up To Search▲   

 
Price & Availability of RCZR-13V-PSLFSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X