Part Number Hot Search : 
P50N06FI B270005 5230B BCR5PM MAX274 12812 0B1TR TFP2N60A
Product Description
Full Text Search
 

To Download PSA08-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2394 rev no: v.4 date: apr/23/2005 page: 1 of 3 approved: j. lu checked: joe lee drawn: w.j.zhu erp:1311000028 package dimensions & internal circuit diagram description the green source color devices are made with gallium phosphide green light emitting diode. psa08 - 11gwa green notes: 1. all dimensions are in millimeters (inches), tolerance is 0 .25(0.01")unless otherwise noted. 2. specifications are subject to change without notice. 20.32mm (0.8inch) 16 segment single digit alphanumeric display features  0.8 inch character height.  low current operation.  high contrast and light output.  common cathode and common anode available.  easy mounting on p.c. boards or sockets.  mechanically rugged.  standard : gray face, white segment.  rohs compliant. ( datasheet : )
spec no: dsad2394 rev no: v.4 date: apr/23/2005 page: 2 of 3 approved: j. lu checked: joe lee drawn: w.j.zhu erp:1311000028 selection guid e part no. dice lens type iv (ucd) @ 10ma min. typ. psa08 - 11gwa green (gap) white diffused 1200 4700 common anode, rt. hand decimal. description electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 5mm below package base. symbol parameter device typ. max. test conditions units peak peak wavelength green 565 nm i f =20ma d dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half - width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r = 5v parameter green units power dissipation 105 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature - 40c to +85c lead solder temperature [2] 260c for 5 seconds
spec no: dsad2394 rev no: v.4 date: apr/23/2005 page: 3 of 3 approved: j. lu checked: joe lee drawn: w.j.zhu erp:1311000028 green psa08 - 11gwa remarks: if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of PSA08-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X