Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download P796-00-001-00-070000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mill-max bottom-entry receptacles supplied on tape for surface mount applications features : ? uses mill-max #02 contact, designed to accept a pin or component lead .040-.050? diameter, .100-.175? long. ? supplied on 12mm wide carrier tape to feed industry standard pick and place machines, 1500 parts per 13? reel. ? mounts in a .090 .003? pth. ? designed for ?intrusive reflow? assembly and soldering: intrusive reflow (also called ?pin-in-paste?) is a technique of using conventional thru-hole components in a reflow soldering process. the receptacles are placed into plated-thru-holes in the circuit board (solder paste has previously been screen printed on pads adjacent to the holes) and the board is reflowed in the same pass as other smt components. solder will fill the holes and achieve solder joints as reliable as wave soldering without having to mask the receptacles. ?overprinting? paste on the solder mask can be used to adjust the volume of paste required to fill each hole. (6/01- 507) max imum solutions r maximum interconnect solutions mill-max mfg. corp. ? 190 pine hollow road, oyster bay, ny 11771-0300 516-922-6000 ? fax: 516-922-9253 e-mail: techserv@mill-max.com or sales@mill-max.com www.mill-max.com
bottom entry smt receptacles pr#507 1/19/00


▲Up To Search▲   

 
Price & Availability of P796-00-001-00-070000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X