Part Number Hot Search : 
16107FP A5201 2SD13 UM805 ETFV25 TD62004P PD50F2 BZX84
Product Description
Full Text Search
 

To Download NAS77 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information visit our web site at rbcbearings.com flanged bushings 98 journal bearings ?008 rbc bearings incorporated. all rights reserved. ?material options: aluminum bronze, beryllium copper, alloy steel, cres ?finish options: cadmium plating, aluminum coating ?a final size (fs) option is available. parts are manufactured to customers required dimensions NAS77 unlined flanged bushings + .000 - .005 h .010 l .005 o.d. .005 .015 x 45 + .0000 unless otherwise + .0010 specified in table i.d. .025 .035 x 45 chamfer both ends (see note 6) .062 max where l is .250 inches and longer .015 max where l is less than .250 inches .062 + .0015 - .0000 b d .005 r .002 .010 .005 .005 r .002 optiona l .005 max undercu t dimensions ?tolerances in. mm in. mm in. mm in. mm lbs. kg NAS77a3-xxx 0.1900 4.826 *0.3136 7.965 0.062 1.575 0.437 11.100 0.0147 0.0067 NAS77a4-xxx 0.2500 6.350 *0.3761 9.553 0.062 1.575 0.500 12.700 0.0186 0.0084 NAS77a5-xxx 0.3125 7.938 *0.4386 11.140 0.062 1.575 0.562 14.275 0.0222 0.0101 NAS77a6-xxx 0.3750 9.525 **0.5013 12.733 0.062 1.575 0.625 15.875 0.0259 0.0117 NAS77a7-xxx 0.4375 11.113 **0.5638 14.321 0.062 1.575 0.687 17.450 0.0295 0.0134 NAS77a8-xxx 0.5000 12.700 ***0.6265 15.913 0.062 1.575 0.750 19.050 0.0332 0.0151 NAS77a9-xxx 0.5625 14.288 0.6892 17.506 0.062 1.575 0.812 20.625 0.0369 0.0167 NAS77a10-xxx 0.6250 15.875 0.8142 20.681 0.062 1.575 1.000 25.400 0.0639 0.0290 NAS77a11-xxx 0.6875 17.463 0.8767 22.268 0.062 1.575 1.062 26.975 0.0693 0.0315 NAS77a12-xxx 0.7500 19.050 0.9393 23.858 0.062 1.575 1.125 28.575 0.0749 0.0340 NAS77a14-xxx 0.8750 22.225 1.0648 27.046 0.062 1.575 1.250 31.750 0.0860 0.0390 NAS77a16-xxx 1.0000 25.400 1.1898 30.221 0.062 1.575 1.375 34.925 0.0970 0.0440 NAS77a18-xxx 1.1250 28.575 1.3148 33.396 0.062 1.575 1.500 38.100 0.1080 0.0490 NAS77a20-xxx 1.2500 31.750 1.4399 36.573 0.062 1.575 1.625 41.275 0.1190 0.0540 NAS77a22-xxx 1.3750 34.925 1.5649 39.748 0.062 1.575 1.750 44.450 0.1300 0.0590 NAS77a24-xxx 1.5000 38.100 1.6899 42.923 0.062 1.575 1.875 47.625 0.1410 0.0639 available journal material options: a=aluminum bronze alloy 642 per ams 4640 (shown above) s=steel alloy 4130 per ams-s-6758 c=cres type 17-4ph per ams 5643 b=beryllium copper per astm-b-196 xxx: length in .010 increments (ex: -025 = .025 in.) *+.000, -.0005 +.000, -.013 **+.000, -.0007 +.000, -.018 ***+.000, -.0008 +.000, -.020 *+.000, -.0020 +.000, -.051 weight approx. (assume 1 in. length) h +.010, -.010 +.25, -.25 f +.000, -.005 +.00, -.13 d +.000, -.0010 +.000, -.025 b +.0015, -.0000 +.038, -.000 part number specifications and ordering information


▲Up To Search▲   

 
Price & Availability of NAS77

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X