Part Number Hot Search : 
20M250 2SD21 SQ4470EY AES1H LVDS3 KSD201 SMA63 LVDS3
Product Description
Full Text Search
 

To Download LSBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LSBD4148 / lsbd914 / lsbas16 surface mount fast switching diode reverse voltage C 70 volts forward current C 0.20 ampere features ? for surface mounted applications. ? silicon epitaxial planer diode. ? fast switching single chip. mechanical data ? case: sot-23 plastic ? case material: green molding compound, ul flammability classification 94v-0, (no br. sb. ci) ? weight: 21m grams chip sot-23 chip sot-23 dim. min. max. a 0.75 0.95 b 0.70 0.80 c 0.35 0.75 d 2.40 2.60 e 2.90 3.10 f 0.70 0.80 g 0.20 0.40 h & i 0.9 min. j 2.0 typ. k 1.14 typ. all dimensions in millimeter maximum ratings and thermal characteristics @ t a = 25 unless otherwise specified characteristic symbol value units non-repetitive peak reverse voltage peak repetitive reverse voltage v rm v rrm 100 70 v v forward continuous current i f 200 ma non-repetitive peak forward current t < 1.0s, t j = 25c i fsm 0.5 a average forward current (note 1) i fav 150 ma power dissipation (note 1) p d 350 mw thermal resistance junction to ambient air (note 1) r ja 450 c/w junction temperature t j 150 c storage temperature range t stg -55 to +150 c electrical characteristics @ t a = 25 unless otherwise specified parameter symbol value unit test condition minimum reverse breakdown voltage v (br)r 75 v ir = 2.5ua maximum forward voltage v f 1000 mv if = 10ma maximum dc reverse current at rated dc blocking voltage i r 2.5 50 30 ua vr = 70v vr = 70v, t j = 150c vr = 25v, t j = 150c typical junction capacitance c j 4 pf v f = v r = 0, f = 1mhz reverse recovery time trr 4 ns i f = 10ma to i r = 1ma, v r = 6v, r l = 100 note : rev. 0, feb-2009, ksye03 (1) unit mounted with 0.2*0.2(5.0*5.0mm) copper pa d areas
rating and characteristic curves LSBD4148 / lsbd914 / lsbas16 fig.1- forward current derating curve 0 0.05 0.1 0.15 0.2 0.25 0 25 50 75 100 125 150 case temaerature, ( c) average forward current, (a) fig.2- typical junction capacitance 0 0.5 1 1.5 2 2.5 0.01 0.1 1 10 100 reverse voltage,v capantance,(pf) fig.3- typical forword characteristics 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward voltage, (v) instantaneous forward current, (ma) fig.4- typical reve rse characteristics 0.00001 0.0001 0.001 0.01 0.1 10 30 50 70 90 110 130 percent of rated peak reverse voltage(v)%, instantaneous forward current, (a) note: lsc and its subsidiaries reserve the right to make modifications, enhancements, improvements, co rrections or other changes, to this document, and the product s and services described herein at anytime, without notice. o tj=25c tj=150 c resistive or inductive load tj=25c, f=1mhz tj=25c tj=150 c


▲Up To Search▲   

 
Price & Availability of LSBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X