Part Number Hot Search : 
0200A DCO48DMW X3215 SG2626T 625ETT RT9206PS P1300ZB BD249A
Product Description
Full Text Search
 

To Download KBPC2500WM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ) valid for one branch ? gltig fr einen brckenzweig 352 221101 ? by semikron type ?wm?/?wp? kbpc 2500 f ? kbpc 2516 f kbpc 2500 w ? kbpc 2516 w silicon-bridge rectifiers silizium-brckengleichrichter type ?fm?/?fp? nominal current 25 a nennstrom alternating input voltage 35?1000 v eingangswechselspannung metal case (index ?m?) or plastic case with alu-bottom (index ?p?) metallgeh?use (index ?m?) oder kunststoffgeh. mit alu-boden (index ?p?) dimensions 28.6 x 28.6 x 7.3 [mm] abmessungen weight approx. 23 g gewicht ca. compound has classification ul94v-0 vergu?masse ul94v-0 klassifiziert dimensions / ma?e in mm standard packaging bulk standard lieferform lose im karton recognized product ? underwriters laboratories inc.? file e175067 anerkanntes produkt ? underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ alternating input volt. eingangswechselspg.. v vrms [v] rep. peak reverse voltage period. spitzensperrspg. v rrm [v] 1 ) surge peak reverse voltage sto?spitzensperrspannung v rsm [v] 1 ) kbpc 2500 f/w 35 50 80 kbpc 2501 f/w 70 100 130 kbpc 2502 f/w 140 200 250 kbpc 2504 f/w 280 400 450 kbpc 2506 f/w 420 600 700 kbpc 2508 f/w 560 800 1000 kbpc 2510 f/w 700 1000 1200 kbpc 2512 f/w 800 1200 1300 kbpc 2514 f/w 900 1400 1400 kbpc 2516 f/w 1000 1600 1600
1 ) valid, if the temperature of the case is kept to 120 l c ? gltig, wenn die geh?usetemperatur auf 120 l c gehalten wird 2 ) valid for one branch ? gltig fr einen brckenzweig ? by semikron 221101 353 kbpc 2500 f/w ? kbpc 2516 f/w repetitive peak fwd. current ? period. spitzenstrom f > 15 hz i frm 60 a 1 ) peak forward surge current, 60 hz half sine-wave t a = 25 l ci fsm 300 a sto?strom fr eine 60 hz sinus-halbwelle rating for fusing ? grenzlastintegral, t < 10 ms t a = 25 l ci 2 t 375 a 2 s operating junction temperature ? sperrschichttemperatur t j ? 50?+150 l c storage temperature ? lagerungstemperatur t s ? 50?+150 l c characteristics kennwerte max. current with cooling fin 300 cm 2 t a = 50 l cr-load i fav 25.0 a dauergrenzstrom mit khlblech 300 cm 2 c-load i fav 20.0 a forward voltage ? durchla?spannung t j = 25 l ci f = 12.5 a v f < 1.2 v 2 ) leakage current ? sperrstrom t j = 25 l cv r = v rrm i r < 25 w a isolation voltage terminals to case v iso > 2500 v isolationsspannung anschlsse zum geh?use thermal resistance junction to case r thc < 2.0 k/w w?rmewiderstand sperrschicht ? geh?use admissible torque for mounting 10-32 unf 18 10% lb.in zul?ssiges anzugsdrehmoment m 5 2 10% nm


▲Up To Search▲   

 
Price & Availability of KBPC2500WM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X