Part Number Hot Search : 
MTD2007F NTE987SM BP201G ML9058E BP201G M75010 1S2460 BC327
Product Description
Full Text Search
 

To Download ILQ615-3X007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 1 optocoupler, phototransistor output (dual, quad channel) ild615, ilq615 vishay semiconductors description the ild615, ilq615 are multi-channel phototransistor optocouplers that use gaas irled emitters and high gain npn phototransistors. these devices are constructed using over/under leadframe optical coupling and double molded insulation technology resultin g a withstand test voltage of 7500 vac peak and a working voltage of 1700 v rms . the binned min./max. and linea r ctr characteristics make these devices well suited for dc or ac voltage detection. eliminating the phototransistor base connection provides added electrical noise immunity from the transients found in many industrial control environments. because of guaranteed ma ximum non-saturated and saturated switching characteristics, the ild615, ilq615 can be used in medium speed data i/o and control systems. the binned min./max. ctr specification allow easy worst case interface calculations for both level detection and switching applications. interfacing with a cmos logic is enhanced by the guaranteed ctr at i f = 1 ma. features ? identical channel to channel footprint ? dual and quad packages feature: - reduced board space - lower pin and parts count - better channel to channel ctr match - improved common mode rejection ? isolation test voltage from double molded package, 5300 v rms ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec agency approvals ? ul1577, file no. e52744 system code h, double protection ? csa 93751 ? bsi iec 60950; iec 60065 ? din en 60747-5-2 (vde0884)/din en 60747-5-5 pending, available with option 1 i179052-2 1 2 3 4 8 7 6 5 e c c e a c c a a c c a a c c a e c c e e c c e 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 v de i179012-1 dual channel quad channel
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83652 2 rev. 1.6, 04-mar-11 ild615, ilq615 vishay semiconductors optocoupler, phototransistor output (dual, quad channel) notes ? also available in tubes; do not add t to end. ? additional options may be possible, please contact sales office. ordering information i lx615-#x0##t part number x = d (dual) or q (quad) ctr bin package option tape and reel agency certified/package dual channel quad channel ctr (%) 10 ma ul, csa, bsi, vde 40 to 80 63 to 125 100 to 200 160 to 320 40 to 80 63 to 125 100 to 200 160 to 320 dip-8 ild615-1 ild615-2 ild615-3 ild615-4 - - - - dip-8, 400 mil, option 6 - - - ild615-4x006 - - - - smd-8, option 7 ild615-1x007t ------- smd-8, option 9 ild615-1x009 ild615-2x009t (1) ild615-3x009t ild615-4x009t (1) --- - dip-16 ----ilq615-1ilq615-2ilq 615-3 ilq615-4 smd-16, option 7 -----ilq615-2x007 ILQ615-3X007t (1) ilq615-4x007 smd-16, option 9 ----ilq615-1x009- ilq615-3x009t (1) ilq615-4x009t (1) vde 40 to 80 63 to 125 100 to 200 160 to 320 40 to 80 63 to 125 100 to 200 160 to 320 dip-8 - ild615-2x001 - ild615-4x001 - - - - dip-8, 400 mil, option 6 - ild615-2x016 ild615-3x016 ild615-4x016 - - - - smd-8, option 7 - - ild615-3x017t (1) ---- - dip-16 ------ilq 615-3x001 ilq615-4x001 dip-16, 400 mil, option 6 ------ilq 615-3x016 - smd-16, option 7 -----ilq615-2x017-- absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6v forward current i f 60 ma surge current i fsm 1.5 a power dissipation p diss 100 mw derate linearly from 25 c 1.33 mw/c output collector emitter breakdown voltage bv ceo 70 v emitter collector br eakdown voltage bv eco 7v collector current i c 50 ma t < 1 ms i c 100 ma power dissipation p diss 150 mw derate linearly from 25 c 2mw/c > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip option 7 option 6 option 9
document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 3 ild615, ilq615 optocoupler, phototransistor output (dual, quad channel) vishay semiconductors notes ? stresses in excess of the absolute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mounted devices (smd). refer to wave profile for soldering conditi ons for through hole devices (dip). note ? minimum and maximum values are tested requierements. typical va lues are characteristics of the device and are the result of en gineering evaluations. typical values are for information only and are not part of the testing requirements. coupler storage temperature t stg - 55 to + 150 c operating temperature t amb - 55 to + 100 c junction temperature t j 100 c soldering temperature (1) 2 mm distance from case bottom t sld 260 c package power dissipation ild615 400 mw derate linear ly from 25 c 5.33 mw/c package power dissipation ilq615 500 mw derate linear ly from 25 c 6.67 mw/c isolation test voltage t = 1 s v iso 5300 v rms isolation voltage v iorm 890 v p total power dissipation p tot 250 mw creepage distance ? 7mm clearance distance ? 7mm isolation resistance v io = 500 v, t amb = 25 c r io ? 10 12 ? v io = 500 v, t amb = 100 c r io ? 10 11 ? electrical characteristcs (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 10 ma v f 1 1.15 1.3 v breakdown voltage i r = 10 a v br 630 v reverse current v r = 6 v i r 0.01 10 a capacitance v r = 0 v, f = 1 mhz c o 25 pf thermal resistance, junction to lead r thjl 750 k/w output collector emitte r capacitance v ce = 5 v, f = 1 mhz c ce 6.8 pf collector emitter leakage current, -1, -2 v ce = 10 v i ceo 250na collector emitter leakage current, -3, -4 v ce = 10 v i ceo 5 100 na collector emitter breakdown voltage i ce = 0.5 ma bv ceo 70 v emitter collector breakdown voltage i e = 0.1 ma bv eco 7v thermal resistance, junction to lead r thjl 500 k/w package transfer characteristics channel/channel ctr match i f = 10 ma, v ce = 5 v ctrx/ctry 1 to 1 2 to 1 coupler capacitance (input to output) v io = 0 v, f = 1 mhz c io 0.8 pf insulation resistance v io = 500 v, t a = 25 c r s 10 12 10 14 ? channel to cha nnel isolation 500 vac absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83652 4 rev. 1.6, 04-mar-11 ild615, ilq615 vishay semiconductors optocoupler, phototransistor output (dual, quad channel) note ? according to din en 60747-5-2 (see figure 2). this optoco upler is suitable for sa fe electrical isolation only within the safet y ratings. compliance with the safety ratings shall be ensured by means of suitable protective circuits. current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit current transfer ratio (collector emi tter saturated) i f = 10 ma, v ce = 0.4 v ild615-1 ctr cesat 25 % ilq615-1 ild615-2 ctr cesat 40 % ilq615-2 ild615-3 ctr cesat 60 % ilq615-3 ild615-4 ctr cesat 100 % ilq615-4 current transfer ratio (collector emitter) i f = 1 ma, v ce = 5 v ild615-1 ctr ce 13 30 % ilq615-1 ild615-2 ctr ce 22 45 % ilq615-2 ild615-3 ctr ce 34 70 % ilq615-3 ild615-4 ctr ce 56 90 % ilq615-4 i f = 10 ma, v ce = 5 v ild615-1 ctr ce 40 60 80 % ilq615-1 ild615-2 ctr ce 63 80 125 % ilq615-2 ild615-3 ctr ce 100 150 200 % ilq615-3 ild615-4 ctr ce 160 200 320 % ilq615-4 safety and insulation rated parameters parameter test condition symbol min. typ. max. unit partial discharge test voltage - routine test 100 %, t test = 1 s v pd 1.669 kv partial discharge test voltage - lot test (sample test) t tr = 60 s, t test = 10 s, (see figure 2) v iotm 10 kv v pd 1.424 kv insulation resistance v io = 500 v r io 10 12 ? v io = 500 v, t amb = 100 c r io 10 11 ? v io = 500 v, t amb ? 175 c (construction test only) r io 10 9 ? forward current i si 275 ma power dissipation p so 400 mw rated impulse voltage v iotm 10 kv safety temperature t si 175 c
document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 5 ild615, ilq615 optocoupler, phototransistor output (dual, quad channel) vishay semiconductors fig. 1 - derating diagram fig. 2 - test pulse diagram for sample test according to din en 60747-5-2 (vde0884); iec60747-5-5 0 50 100 150 200 250 300 350 400 450 0 25 50 75 100 125 150 175 t amb - ambient temperature (c) phototransistor p so (mw) ir-diode i si (ma) t 13930 t 1 , t 2 = 1 to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2 switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit non-saturated current v cc = 5 v, r l = 75 ? , 50 % of v pp i f 10 ma turn-on time v cc = 5 v, r l = 75 ? , 50 % of v pp t on 3s rise time v cc = 5 v, r l = 75 ? , 50 % of v pp t r 2s turn-off time v cc = 5 v, r l = 75 ? , 50 % of v pp t off 2.3 s fall time v cc = 5 v, r l = 75 ? , 50 % of v pp t f 2s propagation h to l v cc = 5 v, r l = 75 ? , 50 % of v pp t phl 1.1 s propagation l to h v cc = 5 v, r l = 75 ? , 50 % of v pp t plh 2.5 s saturated current v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 i f 20 ma ilq615-1 ild615-2 i f 10 ma ilq615-2 ild615-3 i f 10 ma ilq615-3 ild615-4 i f 5ma ilq615-4 turn-on time v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t on 3s ilq615-1 ild615-2 t on 4.3 s ilq615-2 ild615-3 t on 4.3 s ilq615-3 ild615-4 t on 6s ilq615-4
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83652 6 rev. 1.6, 04-mar-11 ild615, ilq615 vishay semiconductors optocoupler, phototransistor output (dual, quad channel) saturated rise time v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t r 2s ilq1615-1 ild615-2 t r 2.8 s ilq615-2 ild615-3 t r 2.8 s ilq615-3 ild615-4 t r 4.6 s ilq615-4 turn-off time v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t off 18 s ilq615-1 ild615-2 t off 25 s ilq615-2 ild615-3 t off 25 s ilq615-3 ild615-4 t off 25 s ilq615-4 fall time v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t f 11 s ilq615-1 ild615-2 t f 14 s ilq615-2 ild615-3 t f 14 s ilq615-3 ild615-4 t f 15 s ilq615-4 propagation h to l v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t phl 1.6 s ilq615-1 ild615-2 t phl 2.6 s ilq615-2 ild615-3 t phl 2.6 s ilq615-3 ild615-4 t phl 5.4 s ilq615-4 propagation l to h v cc = 5 v, r l = 1 k ? , v th = 1.5 v ild615-1 t plh 8.6 s ilq615-1 ild615-2 t plh 7.2 s ilq615-2 ild615-3 t plh 7.2 s ilq615-3 ild615-4 t plh 7.4 s ilq615-4 switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit common mode transient immunity (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit common mode rejection output high v cm = 50 v p-p , r l = 1 k ? , i f = 0 ma cm h 5000 v/s common mode rejection output low v cm = 50 v p-p , r l = 1 k ? , i f = 0 ma cm l 5000 v/s common mode coup ling capacitance c cm 0.01 pf
document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 7 ild615, ilq615 optocoupler, phototransistor output (dual, quad channel) vishay semiconductors typical characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - non-saturated switching timing fig. 4 - saturated switching timing fig. 5 - non-saturated switching timing fig. 6 - saturated switching timing fig. 7 - maximum led power dissipation fig. 8 - forward voltage vs. forward current iild615_01 v o v cc = 5 v r l = 75 f = 10 khz, df = 50 % i f = 10 ma iild615_02 v o v cc = 5 v r l f = 10 khz, df = 50 % iild615_03 t r t f t d 50 % t plh v o i f t plh t s t on t off iild615_04 i f t r v o t d t s t f t phl t plh v th = 1.5 v - 60 - 40 - 20 0 20 40 60 80 100 200 100 0 50 t amb - ambient temperature (c) p led - led power (mw) 150 iild615_07 i f - forward current (ma) 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1. 3 1.4 v f - forward voltage (v) t amb = - 55 c t amb = 25 c t amb = 85 c
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83652 8 rev. 1.6, 04-mar-11 ild615, ilq615 vishay semiconductors optocoupler, phototransistor output (dual, quad channel) fig. 9 - peak led current vs. pulse duration, ? fig. 10 - maximum detector power dissipation fig. 11 - maximum collector current vs. collector voltage fig. 12 - normalization factor for non-saturated and saturated ctr vs. i f fig. 13 - normalization factor for non-saturated and saturated ctr vs. i f fig. 14 - normalization factor for non-saturated and saturated ctr vs. i f iild615_08 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 000 1000 100 10 t - led pulse duration (s) i f(pk) - peak led current (ma) 0.005 0.05 0.02 0.01 0.1 0.2 0.5 duty factor t df = /t iild615_09 - 60 - 40 - 20 0 20 40 60 80 100 0 50 100 150 200 t amb - ambient temperature (c) p det - detector power (mw) iild615_10 0.1 10 100 1000 100 10 1 0.1 v ce - collector emitter voltage (v) i ce - collector current (ma) 25 c 50 c 75 c 90 c 1 r th = 500 c/w iild615_11 ctr nf - normalized ctr factor 0.1 1 10 100 2.0 1.5 1.0 0.5 0.0 i f - led current (ma) nctr ce t a = 25 c normalized to: v ce = 10 v, i f = 5 ma, ctr ce(sat) v ce = 0.4 v nctr ce(sat) iild615_12 ctr nf - normalized ctr factor 0.1 1 10 100 2.0 1.5 1.0 0.5 0.0 i f - led current (ma) nctr ce t a = 50 c normalized to: v ce = 10 v, i f = 5 ma ctr ce(sat) v ce = 0.4 v nctr ce(sat) iild615_13 0.1 1 10 100 2.0 1.5 1.0 0.5 0.0 nctr ce t a = 70 c normalized to: nctr ce(sat) ctr nf - normalized ctr factor i f - led current (ma) v ce = 10 v, i f = 5 ma ctr ce(sat) v ce = 0.4 v
document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 9 ild615, ilq615 optocoupler, phototransistor output (dual, quad channel) vishay semiconductors fig. 15 - normalization factor for non-saturated and saturated ctr vs. i f fig. 16 - collector emitter current vs. temperature and led current fig. 17 - collector emitter leakage vs. temperature fig. 18 - -1, propagation dela y vs. collector load resistor fig. 19 - -2, -3, propagation de lay vs. collector load resistor fig. 20 - -4, propagation dela y vs. collector load resistor iild615_14 0.1 1 10 100 2.0 1.5 1.0 0.5 0.0 nctr ce t a = 100 c normalized to: nctr ce(sat) ctr nf - normalized ctr factor i f - led current (ma) v ce = 10 v, i f = 5 ma ctr ce(sat) v ce = 0.4 v iild615_15 60 50 30 20 10 0 0 5 10 15 20 25 30 35 50 c 70 c 85 c i f - led current (ma) i ce - collector current (ma) 25 c 40 iild615_16 100 80 60 40 20 0 - 20 10 10 10 10 10 10 10 10 - 2 - 1 0 1 2 3 4 5 t amb - ambient temperature (c) i ceo - collector emittet (na) v ce = 10 v typical iild615_17 r l - load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 4.0 t plh t phl t plh - propagation low-high ( s) t phl - propagation high-low ( s) i f = 10 ma v cc = 5 v, v th = 1.5 v 2.5 3.0 3.5 iild615_18 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation low-high( s) t phl - propagation high-low ( s) i f = 10 ma v cc = 5 v, v th = 1.5 v iild615_19 r l - collector load resistor (k ) 100 10 1 0.1 1 10 100 1000 1.0 1.5 2.0 2.5 t plh t phl t plh - propagation low - high (s) t phl - propagation low - high ( s) i f = 10 ma v cc = 5 v, v th = 1.5 v
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 83652 10 rev. 1.6, 04-mar-11 ild615, ilq615 vishay semiconductors optocoupler, phototransistor output (dual, quad channel) package dimensions in millimeters i178006 pin one id 6.645 0.165 9.77 0.14 0.95 0.19 4 typ. 2.54 typ. 10 3 to 9 7.62 typ. 0.51 0.05 0.25 0.05 3.045 0.255 3.555 0.255 0.70 0.19 6.095 0.255 4 3 2 1 0.79 1.27 5 6 7 8 iso method a 6.48 6.81 19.77 20.07 0.76 1.14 4 2.54 typ. 10 typ. 3 to 9 0.46 0.56 0.20 0.30 2.79 3.30 pin one id 3.30 3.81 8 7 6 5 4 3 2 1 9 10 11 12 13 14 15 16 7.62 typ. 5.84 6.35 1.27 i178007 iso method a 0.51 0.89 0.79
document number: 83652 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.6, 04-mar-11 11 ild615, ilq615 optocoupler, phototransistor output (dual, quad channel) vishay semiconductors package marking notes ? only options 1 and 7 reflec ted in the package marking. ? the vde logo is only marked on option1 parts. ? tape and reel suffix (t) is not part of the package marking. option 6 option 7 20802-22 option 9 10.16 typ. 7.62 typ. 8 min. 7.62 typ. 4.3 0.3 0.6 min. 10.3 max. 0.7 min. 10.3 max. 7.62 typ. 8 min. 0.6 min. 0.1 0.1 3.6 0.3 3.5 0.3 0.1 min. 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.54 r 0.25 1.78 0.76 1.52 8 min. 11.05 2.55 0.25 21764-88 ild615 v yww h 68
vishay dip-16 document number 83239 rev. 1.1, 09-dec-03 vishay semiconductors www.vishay.com 1 dip-16 package dimensions in inches (mm) .255 (6.48) .265 (6.81) .779 (19.77 ) .790 (20.07) .030 (.76) .045 (1.14) 4 .100 (2.54)typ. 10 typ. 3C9 .018 (.46) .022 (.56) .008 (.20) .012 (.30) .110 (2.79) .130 (3.30) pin one id .130 (3.30) .150 (3.81) .020(.51) .035 (.89) 87654321 910111213141516 .031(.79) .300 (7.62) typ. .230 (5.84) .250 (6.35) .050 (1.27) i178007 iso method a
www.vishay.com 2 document number 83239 rev. 1.1, 09-dec-03 vishay dip-16 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
vishay dip-8 document number 83241 rev. 1.1, 09-dec-03 vishay semiconductors www.vishay.com 1 dip-8 package dimensions in inches (mm) i178006 pin one id .255 (6.48) .268 (6.81) .379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .100 (2.54) typ. 10 3C9 .300 (7.62) typ. .018 (.46) .022 (.56) .008 (.20) .012 (.30) .110 (2.79) .130 (3.30) .130 (3.30) .150 (3.81) .020 (.51 ) .035 (.89 ) .230(5.84) .250(6.35) 4 3 2 1 .031 (0.79) .050 (1.27) 5 6 78 iso method a
www.vishay.com 2 document number 83241 rev. 1.1, 09-dec-03 vishay dip-8 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 1 footprints footprints vishay semiconductors fig. 1 - so8a and dso8a smd fig. 2 - sop-4, miniflat fig. 3 - sop-6, 5 pin wide body fig. 4 - 8 pin pcmcia 0.236 (5.99) r 0.010 (0.13) 0.050 (1.27) 17977 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.170 (4.32) 0.260 (6.6) 0.195 (5.0) 0.296 (7.6) 0.004 (0.1) 0.006 (0.15) 0.050 (1.27) 0.035 (0.9) possi b le footprint 1 8 403 0.027 (0.7) 0.172 (4.4) 0.273 (7.0) 0.027 (0.7) 0.004 (0.1) 0.00 6(0 .15) 0.050 (1.27) 0.035 (0.9) 0.099 (2.54) 0.325 ( 8 .2) 0.425 (10. 8 ) 0.293 (7.5) 0.39 8 (10.2) possi b le footprint 1 8 406 17972 0.336 ( 8 .53) 0.266 (6.76) 0.356 (9.04) 0.050 (1.27) 0.045 (1.14) r 0.010 (0.25) 0.014 (0.36) 0.036 (0.91)
www.vishay.com for technical questions, pleas e contact: optocoupler.answers@vishay.com document number: 83715 2 rev. 1.4, 11-jan-08 footprints vishay semiconductors footprints fig. 5 - 8 pin pcmcia, heat sink fig. 6 - mini coupler fig. 7 - sop-16 fig. 8 - 4 pin mini-flat fig. 9 - sop-6, 4 pin wide body fig. 10 - 4 pin smd option 7 r 0.010 (0.25) 0.336 ( 8 .53) 0.0 8 6 (2.1 8 ) 0.050 (1.27) 17976 0.266 (6.76) 0.356 (9.04) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 1797 8 0.296 (7.52) 0.276 (7.01) 0.010 (0.25) 0.053 (1.35) 0.024 (0.61) 0.026 (0.66) 0.216 (5.49) 0.050 (1.27) 0.040 (1.02) r 0.005 (0.13) 17974 r 0.010 (0.25) 0.270 (6. 8 6) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.050 (1.27) 0.200 (5.0 8 ) 0.290 (7.37) 0.100 (2.54) 17973 0.270 (6. 8 6) 0.014 (0.36) 0.036 (0.91) 0.045 (1.14) 0.200 (5.0 8 ) 0.290 (7.37) r 0.010 (0.25) 1 8 405 0.027 (0.7) 0.004 (0.1) 0.006 (0.15) 0.035 (0.9) 0.099 (2.54) 0.325 ( 8 .2) 0.425 (10. 8 ) 0.293 (7.5) 0.39 8 (10.2) possi b le footprint 1796 2 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min.
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 3 footprints footprints vishay semiconductors fig. 11 - 6 pin smd option 7 fig. 12 - 8 pin smd option 7 fig. 13 - 16 pin smd option 7 fig. 14 - 4 pin smd option 8 17963 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17964 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17965 r 0.010 (0.25) 0.406 (10.31) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17966 r 0.010 (0.25) 0.472 (11.99) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.512 (13.00) 0.392 (9.95) min.
www.vishay.com for technical questions, pleas e contact: optocoupler.answers@vishay.com document number: 83715 4 rev. 1.4, 11-jan-08 footprints vishay semiconductors footprints fig. 15 - 6 pin smd option 8 fig. 16 - 4 pin smd option 9 fig. 17 - 6 pin smd option 9 fig. 18 - 8 pin smd option 9 fig. 19 - 16 pin smd option 9 17967 r 0.010 (0.25) 0.472 (11.99) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.512 (13.00) 0.392 (9.95) min. 1796 8 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17969 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17970 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min. 17971 r 0.010 (0.25) 0.395 (10.03) 0.100 (2.54) 0.030 (0.76) 0.070 (1.7 8 ) 0.060 (1.52) 0.435 (11.05) 0.315 ( 8 .00) min.
document number: 83715 for technical questions, please contact: optocoupl er.answers@vishay.com www.vishay.com rev. 1.4, 11-jan-08 5 footprints footprints vishay semiconductors fig. 20 - 16 pin pcmcia 17975 r 0.010 (0.25) 0.336 ( 8 .53) 0.100 (2.54) 0.050 (1.27) 0.266 (6.76) 0.014 (0.36) 0.045(1.14) 0.356 (9.04) 0.036 (0.91)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of ILQ615-3X007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X