Part Number Hot Search : 
20000 ADM207 HGT1S B225K35 EL4393 MP45010 PQ160 WP793YD
Product Description
Full Text Search
 

To Download HLMP-0401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the hlmp-0x0x series of rectangular lamps are direct replacements for agilent?s series with the same part numbers. the series is similar to mv5x123 except for the larger lens size. like the mv5x123, the hlmp-0x0x is stackable. the lamps are tinted and diffused. high efficiency red hlmp- 0300/1 yellow hlmp- 0400/1 high efficiency green hlmp- 0503/4 absolute maximum rating (t a =25 c) parameter her yellow heg units power dissipation (hlmp-040x=85ma) 135 135 135 mw peak forward current (1sec pluse, 0.3% dc) 90 90 60 ma continuous dc forward current 30 20 30 ma lead soldering time at 260 c 5 5 5 sec operating temperature -55 to + 100 -55 to +100 -50 to +100 c storage temperature -55 to +100 -55 to +100 -50 to +100 c 2.5 x 7.4 mm rectangular solid state lamps features ? wide viewing angle ? solid state reliability ? perfect for panel indicators
2.5 x 7.4 mm rectangular solid state lamps
2.5 x 7.4 mm rectangular solid state lamps
disclaimer fairchild semiconductor reserves the the righ t to make changes without further notice to any products herein to improve reliabili ty, function or design. fairchild does not assume any liability arising out of the applic ation or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express writte n approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or 2. a critical component in any component of a life support systems which, (a) are intended for surg ical device or system whose failure to perform can be implant into the body, or (b) support or sustain life, reasonably expected to cause the failure of the lif e and (c) whose failure to perform when properly support device or system, or to affect its safety or used in accordance with instructions for use provided effectiveness. in labeling, can be reasonably expected to result in a significant injury of the user. 2.5 x 7.4 mm rectangular solid state lamps http\\:www.everlight.com ? 2006 everlight electronics co., ltd.


▲Up To Search▲   

 
Price & Availability of HLMP-0401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X