Part Number Hot Search : 
1N6373 00031 MC34016P AM186 CY14B10 CP31010 6PSJ5832 105M5
Product Description
Full Text Search
 

To Download HCPL-0452-000E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description these diode-transistor opto coup lers use an insulating layer between a led and an integrated photodetector to provide elec trical in su lation between input and out put. separate connections for the photodiode bias and out - put-transistor collector increase the speed up to a hun - dred times that of a conven tional phototransistor coupler by reduc ing the base-collector capacitance. these single channel optocoup lers are available in 8-pin dip , so-8 and widebody package confgurations. the hcpl-4502/4503 and hcnw4502/4503 are designed for high speed ttl/ttl applications. a standard 16 ma ttl sink current through the input led will provide enough output current for 1 ttl load and a 5.6 k? pull-up resistor. ctr for these devices is 19% minimum at i f = 16 ma. functional diagram a 0.1 f bypass capacitor must be connected between pins 5 and 8. hcnw4502/3 hcpl-0452/0453/4502/4503 single channel, high speed optocouplers data sheet features ? 15 kv/s minimum common mode transient immunity at v cm = 1500 v ? high speed: 1 mb/s ? ttl compatible ? available in 8-pin dip, so-8, widebody packages ? open collector output ? guaranteed performance from temperature: 0c to 70c ? safety approval ul recognized C 3750 v rms for 1 minute (5000 v rms for 1 minute for hcnw and option 020 devices) per ul1577 csa approved iec/en/din en 60747-5-5 approved C v iorm = 630 v peak for hcpl-4503#060 C v iorm = 1414 v peak for hcnw devices ? dual channel version available (4534/0534) ? mil-prf-38534 hermetic version available (55xx/65xx/4n55) applications ? high voltage insulation ? video signal isolation ? power transistor isolation in motor drives ? line receivers ? feedback element in switched mode power supplies ? high speed logic ground isolation C ttl/ttl, ttl/cmos, ttl/lsttl ? replaces pulse transformers ? replaces slow phototransistor isolators ? analog signal ground isolation lead (pb) free rohs 6 fully compliant rohs 6 fully compliant options available; -xxxe denotes a lead-free product caution: it is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by esd. 7 1 2 3 4 5 6 8 nc anode cathode nc v cc nc v o gnd truth table (positive logic) led on off v o low high
2 schematic selection guide widebody minimum cmr 8-pin dip (300 mil) small-outline so-8 (400 mil) hermetic current single dual single dual single single and dv/dt v cm transfer channel channel channel channel channel dual channel (v/s) (v) ratio (%) package package* package package* package packages* 10 19 hcpl-4502 hcpl-0452 hcnw4502 15,000 1500 19 hcpl-4503 hcpl-4534 hcpl-0453 hcpl-0534 hcnw4503 1,000 10 9 hcpl-55xx hcpl-65xx 4n55 *technical data for these products are on separate avago publications. the hcpl-4502, hcpl-0452, and hcnw4502 provide the electrical and switching performance of the 6n136, hcpl- 0501, and hcnw136 with increased esd protection. the hcpl-4503, hcpl-0453, and hcnw4503 are similar to the hcpl-4502, hcpl-0452, and hcnw4502 optocouplers but have increased common mode transient immunity of 15 kv/s minimum at v cm = 1500 v guaranteed. i f shield hcpl-4503/0453 hcnw4503 8 6 5 gnd v cc 2 3 v o i cc v f i o anode cathode + ?
3 ordering information hcpl-4502 and hcpl-4503, hcpl-0452, hcpl-0453 are ul recognized with 3750 v rms for 1 minute per ul1577. hcnw4502 and hcnw4503 are ul recognized with 5000 v rms for 1 minute per ul1577. all devices isted above are ap - proved under csa component acceptance notice #5, file ca 88324. part number option package surface mount gull wing tape & reel ul 5000 v rms / 1 minute rating iec/en/din en 60747-5-5 quantity rohs compliant non rohs compliant hcpl-4502 hcpl-4503 -000e no option 300mil dip-8 50 per tube -300e #300 x x 50 per tube -500e #500 x x x 1000 per reel -020e #020 x 50 per tube -320e #320 x x x 50 per tube -520e #520 x x x x 1000 per reel -060e #060 x 50 per tube -360e #360 x x x 50 per tube -560e #560 x x x x 1000 per reel hcpl-0452 hcpl-0453 -000e no option so-8 100 per tube -500e #500 x x x 1500 per reel -060e #060 x 100 per tube -560e #560 x x x x 1500 per reel hcnw4502 hcnw4503 -000e no option 400mil widebody dip-8 x x 42 per tube -300e #300 x x x x 42 per tube -500e #500 x x x x x 750 per reel to order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. example 1: hcpl-4502-560e to order product of 300mil dip gull wing surface mount package in tape and reel packaging with iec/en/din en 60747-5-5 safety approval in rohs compliant. example 2: hcpl-4502 to order product of 300mil dip package in tube packaging and non rohs compliant. option datasheets are available. contact your avago sales representative or authorized distributor for information. remarks: the notation #xxx is used for existing products, while (new) products launched since 15th july 2001 and rohs compliant option will use -xxxe.
4 1.080 0.320 (0.043 0.013) 2.54 0.25 (0.100 0.010) 0.51 (0.020) min. 0.65 (0.025) max. 4.70 (0.185) max. 2.92 (0.115) min. 5 typ. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010) 9.65 0.25 (0.380 0.010) 1.78 (0.070) max. 1.19 (0.047) max. a xxxxz yyww date code dimensions in millimeters and (inches). 5 6 7 8 4 3 2 1 option code* ul recognition ur type number *marking code letter for option numbers "l" = option 020 "v" = option 060 option numbers 300 and 500 not marked. note: floating lead protrusion is 0.25 mm (10 mils) max. 3.56 0.13 (0.140 0.005) package outline drawings 8-pin dip package (hcpl-4502/3) 8-pin dip package with gull wing surface mount option 300 (hcpl-4502/3) 0.635 0.25 (0.025 0.010) 12 nom. 9.65 0.25 (0.380 0.010) 0.635 0.130 (0.025 0.005) 7.62 0.25 (0.300 0.010) 5 6 7 8 4 3 2 1 9.65 0.25 (0.380 0.010) 6.350 0.25 (0.250 0.010) 1.016 (0.040) 1.27 (0.050) 10.9 (0.430) 2.0 (0.080) land pattern recommendation 1.080 0.320 (0.043 0.013) 3.56 0.13 (0.140 0.005) 1.780 (0.070) max. 1.19 (0.047) max. 2.54 (0.100) bsc dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002)
5 small outline so-8 package (hcpl-0452/3) 8-pin widebody dip package (hcnw4502/3) xxx yww 4 3 2 1 5 6 7 8 5.994 0.203 (0.236 0.008) 3.937 0.127 (0.155 0.005) 0.406 0.076 (0.016 0.003) 1.270 (0.050) bsc 5.080 0.127 (0.200 0.005) 3.175 0.127 (0.125 0.005) 1.524 (0.060) 45 x 0.432 (0.017) 0.228 0.025 (0.009 0.001) type number (last 3 digits) date code 0.305 (0.012) min. total package length (inclusive of mold ?ash) 5.207 0.254 (0.205 0.010) dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches) max. 0.203 0.102 (0.008 0.004) 7 pin one 0 ~ 7 * * 7.49 (0.295) 1.9 (0.075) 0.64 (0.025) land pattern recommendation 5 6 7 8 4 3 2 1 11.15 0.15 (0.442 0.006) 1.78 0.15 (0.070 0.006) 5.10 (0.201) max. 1.55 (0.061) max. 2.54 (0.100) typ. dimensions in millimeters (inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 7 typ. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) 11.00 (0.433) 9.00 0.15 (0.354 0.006) max. 10.16 (0.400) typ. a hcnwxxxx yyww date code type number 0.51 (0.021) min. 0.40 (0.016) 0.56 (0.022) 3.10 (0.122) 3.90 (0.154)
6 8-pin widebody dip package with gull wing surface mount option 300 (hcnw4502/3) solder refow temperature profle 1.00 0.15 (0.039 0.006) 7 nom. 12.30 0.30 (0.484 0.012) 0.75 0.25 (0.030 0.010) 11.00 (0.433) 5 6 7 8 4 3 2 1 11.15 0.15 (0.442 0.006) 9.00 0.15 (0.354 0.006) 1.3 (0.051) 13.56 (0.534) 2.29 (0.09) land pattern recommendation 1.78 0.15 (0.070 0.006) 4.00 (0.158) max. 1.55 (0.061) max. 2.54 (0.100) bsc dimensions in millimeters (inches). lead coplanarity = 0.10 mm (0.004 inches). note: floating lead protrusion is 0.25 mm (10 mils) max. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) max. 0 time (seconds) temperature (c) 200 100 50 150 100 200 250 300 0 30 sec. 50 sec. 30 sec. 160c 140c 150c peak temp. 245c peak temp. 240c peak temp. 230c soldering time 200c preheating time 150c, 90 + 30 sec. 2.5 c 0.5c/sec. 3c + 1c/?0.5c tight typical loose room temperature note: non-halide ?ux should be used. preheating rate 3c + 1c/?0.5c/sec. reflow heating rate 2.5c 0.5c/sec.
7 regulatory information the devices contained in this data sheet have been approved by the following organizations: ul recognized under ul 1577, component recognition program, file e55361. csa approved under csa component acceptance notice #5, file ca 88324. iec/en/din en 60747-5-5 (hcnw and option 060 only) approved with maximum working insulation voltage v iorm =560v peak for hcpl-0452/0453, v iorm =630 v peak for hcpl-4502/4503, and v iorm =1414 v peak for hcnw4502/4503. recommended pb-free ir profle insulation and safety related specifcations 8-pin dip widebody (300 mil) so-8 (400 mil) parameter symbol value value value unit conditions minimum external l(101) 7.1 4.9 9.6 mm measured from input terminals air gap (external to output terminals, shortest clearance) distance through air. minimum external l(102) 7.4 4.8 10.0 mm measured from input terminals tracking (external to output terminals, shortest creepage) distance path along body. minimum internal 0.08 0.08 1.0 mm through insulation distance, plastic gap conductor to conductor, usually (internal clearance) the direct distance between the photoemitter and photodetector inside the optocoupler cavity. minimum internal na na 4.0 mm measured from input terminals tracking (internal to output terminals, along creepage) internal cavity. tracking resistance cti > 175 > 175 > 175 v din iec 112/vde 0303 part 1 (comparative tracking index) isolation group iiia iiia iiia material group (din vde 0110, 1/89, table 1) option 300 - surface mount classifcation is class a in accordance with cecc 00802. 217c ramp-down 6c/sec. max. ramp-up 3c/sec. max. 150 - 200c * 260 +0/-5c t 25c to peak 60 to 150 sec. 15 sec. time within 5c of actual peak temperature tp ts preheat 60 to 180 sec. t l tl t smax t smin 25 tp time temperature notes: the time from 25c to peak temperature = 8 minutes max. t smax = 200c, t smin = 150c non-halide ?ux should be used. * recommended peak temperature for widebody 400mils package is 245c
8 iec/en/din en 60747-5-5 insulation related characteristics (hcnw4502/3 only) description symbol characteristic units installation classifcation per din vde 0110/39, table 1 for rated mains voltage 600 v rms i-iv for rated mains voltage 1000 v rms i-iii climatic classifcation 55/85/21 pollution degree (din vde 0110/39) 2 maximum working insulation voltage v iorm 1414 v peak input to output test voltage, method b* v iorm x 1.875 = v pr , 100% production test with t m = 1 sec, v pr 2652 v peak partial discharge < 5 pc input to output test voltage, method a* v iorm x 1.6 = v pr , type and sample test, v pr 2262 v peak t m = 10 sec, partial discharge < 5 pc highest allowable overvoltage* (transient overvoltage, t ini = 60 sec) v iotm 8000 v peak safety limiting values (maximum values allowed in the event of a failure, also see figure 9, thermal derating curve.) case temperature t s 150 c input current i s,input 400 ma output power p s,output 700 mw insulation resistance at t s , v io = 500 v r s 10 9 f *refer to the front of the optocoupler section of the current catalog, under product safety regulations section iec/en/din en 60747-5-5, for a detailed description. note: isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application. iec/en/din en 60747-5-5 insulation related characteristics ( option 060 only) characteristic description symbol hcpl-4502/4503 hcpl-0452/0453 units installation classifcation per din vde 0110/39, table 1 for rated mains voltage 300 v rms i-iv i-iv for rated mains voltage 600 v rms i-iv i-i i i climatic classifcation 55/100/21 55/100/21 pollution degree (din vde 0110/39) 2 2 maximum working insulation voltage v iorm 630 560 v peak input to output test voltage, method b* v iorm x 1.875 = v pr , 100% production test with t m = 1 sec, v pr 1181 1050 v peak partial discharge < 5 pc input to output test voltage, method a* v iorm x 1.6 = v pr , type and sample test, v pr 1008 896 v peak t m = 10 sec, partial discharge < 5 pc highest allowable overvoltage* (transient overvoltage, t ini = 60 sec) v iotm 8000 6000 v peak safety limiting values (maximum values allowed in the event of a failure, also see figure 9, thermal derating curve.) case temperature t s 175 175 c input current i s,input 230 150 ma output power p s,output 600 600 mw insulation resistance at t s , v io = 500 v r s 10 9 10 9 f
9 absolute maximum ratings parameter symbol device min. max. units note storage temperature t s -55 125 c operating temperature t a 8-pin dip -55 100 c so-8 widebody -55 85 average forward input current i f(avg) 25 ma 1 peak forward input current i f(peak) 8-pin dip 2 (50% duty cycle, 1 ms pulse width) so-8 50 ma (50% duty cycle, 1 ms pulse width) widebody 40 peak transient input current i f(trans) 8-pin dip 1 a (1 s pulse width, 300 pps) so-8 widebody 0.1 reverse led input voltage (pin 3-2) v r 8-pin dip 5 v so-8 widebody 3 input power dissipation p in 8-pin dip 45 mw 3 so-8 widebody 40 average output current (pin 6) i o(avg) 8 ma peak output current i o(peak) 16 ma emitter-base reverse voltage v ebr 5 v (pin 5-7, except 4502/3, 0452/3) supply voltage (pin 8-5) v cc -0.5 30 v output voltage (pin 6-5) v o -0.5 20 v base current (pin 7, except 4502/3, 0452/3) i b 5 ma output power dissipation p o 100 mw 4 lead solder temperature (through-hole parts only) 1.6 mm below seating plane, 10 seconds t ls 8-pin dip 260 c up to seating plane, 10 seconds widebody 260 c refow temperature profle t rp so-8 and option 300 see package outline drawings section
10 electrical specifcations (dc) over recommended temperature (t a = 0c to 70c) unless otherwise specifed. see note 13. parameter symbol device min. typ.* max. units test conditions fig. note current transfer ratio ctr hcpl-4502/3 hcpl-0452/3 hcnw4502/3 19 15 24 24 50 % t a = 25c v o = 0.4 v v o = 0.5 v i f = 16 ma, v cc = 4.5 v 1, 2, 4 5 logic low output voltage v ol hcpl-4502/3 hcpl-0452/3 hcnw4502/3 0.1 0.1 0.4 0.5 v t a = 25c i o = 3.0 ma i o = 2.4 ma i f = 16 ma, v cc = 4.5 v logic high output current i oh 0.003 0.5 a t a = 25c v o = v cc = 5.5 v i f = 0 ma 7 0.01 1 t a = 25c v o = v cc = 15 v 50 v o = v cc = 15 v logic low supply current i ccl 50 200 a i f = 16 ma, v o = open, v cc = 15 v 10 logic high supply current i cch 0.02 1 a t a = 25c i f = 16 ma, v o = open, 10 2 v cc = 15 v input forward v f voltage 8-pin dip so-8 1.5 1.7 v t a = 25c i f = 16 ma 3 1.8 widebody 1.45 1.68 1.85 t a = 25c i f = 16 ma 1.35 1.95 input reverse breakdown voltage bv r 8-pin dip so-8 5 v i r = 10 a widebody 3 i r = 100 a temperature coefcient of forward volt - age ?v f / ?t a 8-pin dip so-8 -1.6 mv/c i f = 16 ma widebody -1.9 input capacitance c in 8-pin dip so-8 60 pf f = 1 mhz, v f = 0 v widebody 90 transistor dc current gain h fe 8-pin dip so-8 150 v o = 5 v, i o = 3 ma 130 v o = 0.4 v, i b = 20 a widebody 180 v o = 0.4 v, i b = 20 a 160 v o = 5 v, i o = 3 ma *all typicals at t a = 25c.
11 switching specifcations (ac) over recommended temperature (t a = 0c to 70c), v cc = 5 v, i f = 16 ma unless otherwise specifed. parameter sym. device min. typ.* max. units test conditions fig. note propagation t phl hcpl-4502/3 0.2 0.8 s t a = 25c r l = 1.9 kf 5, 6, 8 hcpl-0452/3 1.0 10 hcnw4502/3 propagation t plh hcpl-4502/3 0.6 0.8 s t a = 25c r l = 1.9 kf 5, 6, 8 hcpl-0452/3 1.0 10 hcnw4502/3 common mode |cm h | hcpl-4502 1 kv/s r l = 1.9 kf i f = 0 ma, t a = 25c, 11 7, 8 hcpl-0452 v cm = 10 v p-p hcnw4502 c l = 15 pf hcpl-4503 15 30 r l = 1.9 kf i f = 0 ma, t a = 25c, hcpl-0453 v cm = 1500 v p-p , hcnw4503 c l = 15 pf common mode |cm l | hcpl-4502 1 kv/s r l = 1.9 kf i f = 16 ma, t a = 25c, 11 7, 8 hcpl-0452 v cm = 10 v p-p hcnw4502 c l = 15 pf hcpl-4503 15 30 r l = 1.9 kf i f = 16 ma, t a = 25c, hcpl-0453 v cm = 1500 v p-p , hcnw4503 c l = 15 pf *all typicals at t a = 25c. delay time to logic low at output delay time to logic high at output transient im - munity at logic high level output transient im - munity at logic low level output
12 notes: 1. derate linearly above 70c free-air temperature at a rate of 0.8 ma/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 0.5 ma/c (so-8). 2. derate linearly above 70c free-air temperature at a rate of 1.6 ma/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 1.0 ma/c (so-8). 3. derate linearly above 70c free-air temperature at a rate of 0.9 mw/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 1.1 mw/c (so-8). 4. derate linearly above 70c free-air temperature at a rate of 2.0 mw/c (8-pin dip). derate linearly above 85c free-air temperature at a rate of 2.3 mw/c (so-8). 5. current transfer ratio in percent is defned as the ratio of output collector current, i o , to the forward led input current, i f , times 100. 6. device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together. 7. common mode transient immunity in a logic high level is the maximum tolerable (positive) dv cm /dt on the leading edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic high state (i.e., v o > 2.0 v). common mode transient immunity in a logic low level is the maximum tolerable (negative) dv cm /dt on the trailing edge of the common mode pulse signal, v cm , to assure that the output will remain in a logic low state (i.e., v o < 0.8 v). 8. the 1.9 kf load represents 1 ttl unit load of 1.6 ma and the 5.6 kf pull-up resistor. 9. see option 020 data sheet for more information. 10. use of a 0.1 f bypass capacitor connected between pins 5 and 8 is recommended. 11. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 4500 v rms for 1 second (leakage detection current limit, i i-o 5 a). this test is performed before the 100% production test shown in the iec/en/din en 60747-5-5 insulation related characteristics table if applicable. 12. in accordance with ul 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 v rms for 1 second (leakage detection current limit, i i-o 5 a). this test is performed before the 100% production test shown in the iec/en/din en 60747-5-5 insulation related characteristics table if applicable. 13. this rating is equally validated by an equivalent ac proof test. package characteristics over recommended temperature (t a = 0c to 70c) unless otherwise specifed. parameter sym. device min. typ.* max. units test conditions fig. note input-output v iso 8-pin dip 3750 v rms rh < 50%, 6, 11 momentary so-8 t = 1 min., withstand widebody 5000 t a = 25c 6, 12 voltage** 8-pin dip 5000 6, 9, (option 020) 12 i i-o 8-pin dip 1 a 45% rh, t = 5 s, 6, 13 v i-o = 3 kvdc, t a = 25c input-output r i-o 8-pin dip 10 12 f v i-o = 500 vdc 6 resistance so-8 widebody 10 12 10 13 t a = 25c 10 11 t a = 100c input-output c i-o 8-pin dip 0.6 pf f = 1 mhz 6 capacitance so-8 widebody 0.5 0.6 *all typicals at t a = 25c. **the input-output momentary withstand voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. for the continuous voltage rating refer to the iec/en/din en 60747-5-5 insulation related characteristics table (if applicable), your equipment level safety specifcation or avago application note 1074 entitled optocoupler input-output endurance voltage, publication num - ber 5963-2203e.
13 10 5 0 0 10 20 40 ma 35 ma 30 ma 25 ma 20 ma 15 ma 10 ma i f = 5 ma t a = 25c v cc = 5.0 v 8 pin dip, so-8 12 8 0 0 10 20 40 ma 35 ma 30 ma 25 ma 20 ma 15 ma 10 ma i f = 5 ma 4 16 widebody i o - d output current - ma i o - d output current - ma v o - output voltage - v v o - output voltage - v t a = 25c v cc = 5.0 v 1.5 1.0 0.5 0.1 0 1 10 100 normalized current transfer ratio 8 pin dip, so-8 0 0 1 10 100 normalized current transfer ratio 1.5 0.5 1.0 hcnw4502/3 widebody 8 pin dip, so-8 widebody hcpl-4502/3, hcpl-0452/0453 i f - input current - ma i f - input current - ma normalized i f = 16 ma v o = 0.4 v v cc = 5 v t a = 25c normalized i f = 16 ma v o = 0.4 v v cc = 4.5 v t a = 25c 100 10 0.1 0.01 1.1 1 .2 1.3 1 .4 1.6 1.5 1.0 0.001 1000 1000 100 10 1.0 0.1 0.01 0.001 1.2 1 .3 1.4 1 .5 1.8 1.7 1.6 i f v f + - i f - forward current - ma i f - forward current - ma v f - forward voltage - volts v f - forward voltage - volts t a = 25c i f v f + - t a = 25c figure 2. current transfer ratio vs. input current. figure 3. input current vs. forward voltage. figure 1. dc and pulsed transfer characteristics.
14 normalized current transfer ratio normalized current transfer ratio 8 pin dip, so-8 8 pin dip, so-8 8 pin dip, so-8 widebody widebody widebody t a - temperature - c t a - temperature - c r l - load resistance - (k ?) r l - load resistance - (k ?) t a - temperature - c t a - temperature - c 1.1 1.0 0.9 0.8 0.7 0.6 -60 - 20 0 80 -40 20 40 60 100 1.1 1.0 0.9 0.8 0.7 0.6 -60 -20 20 60 100 0.5 80 40 0 -40 0.4 hcnw4502/3 hcpl-4502/3, hcpl-0452/0453 normalized i f = 16 ma v o = 0.4 v v cc = 5 v t a = 25c normalized i f = 16 ma v o = 0.4 v v cc = 5 v t a = 25c 2000 1500 1000 500 0 -60 - 20 20 60 100 t plh t phl t p - propagation delay - ns t p - propagation delay - s t p - propagation delay - s t p - propagation delay - ns hcpl-4502/3 (r l = 1.9k?) hcpl-0452/3 i f = 16 ma, v cc = 5.0 v 1000 800 600 400 200 0 -60 -20 0 80 -40 20 40 60 100 t phl t plh (r l = 1.9k?) hcnw4502/3 i f = 16 ma, v cc = 5.0 v 3.0 2.0 1.0 0.1 4 0.6 0.4 3 2 1 0.2 8 7 6 59 10 0.8 t plh t phl i f = 10 ma i f = 16 ma 10.0 6.0 4.0 1.0 0.1 10 40 100 0.6 0.4 4 2 1 0.2 t plh t phl v cc = 5.0 v t a = 25c i f = 10 ma i f = 16 ma v cc = 5.0 v t a = 25c figure 6. propagation delay time vs. load resistance. figure 5. propagation delay vs. temperature. figure 4. current transfer ratio vs. temperature.
15 8 pin dip, so-8 t a - temperature - c 8 pin dip, so-8 i f - quiescent input current - ma i oh - logic high output current - na i oh - logic high output current - na -50 -25 0 +25 +50 +75 +100 10 +4 10 -2 10 -1 10 0 10 +1 10 +2 10 +3 -75 -60 0 20 40 100 10 0 10 +1 10 +2 10 +3 -40 80 60 widebody t a - temperature - c -20 i f = 0 v o = v cc = 15 v i f = 0 v o = v cc = 5.0 v 0 0.10 0.20 0.30 0 25 16 4 8 12 20 0 0.10 0.30 0.20 0.40 0.50 widebody - small signal current transfer ratio i o  i f - small signal current transfer ratio i o  i f t a = 25c, r l = 100?, v cc = 5 v t a = 25c, r l = 100?, v cc = 5 v i f - quiescent input current - ma 0 25 16 4 8 12 20 0 0 200 50 400 125 25 75 100 150 600 800 200 100 300 500 700 175 hcpl-0452/0453/4502/4503 option 060 0 0 175 1000 50 400 125 25 75 100 150 600 800 200 100 300 500 700 900 p s (mw) i s (ma) hcnw4502/3 p s (mw) i s (ma) for hcpl-4502/4503 i s (ma) for hcpl-0452/0453 output power - p s , input current - i s output power - p s , input current - i s t s - case temperature - c t s - case temperature - c figure 9. thermal derating curve, dependence of safety limiting value with case temperature per iec/en/din en 60747-5-5. figure 8. small-signal current transfer ratio vs. quiescent input current. figure 7. logic high output current vs. temperature.
v o i f monitor i f 0.1f r l c l = 1.5 f r m 0 t phl t plh v o i f v ol 1.5 v +5 v 1 2 3 4 8 7 6 5 1.5 v 5 v 10% duty cycle 1/f < 100 s v o 5 v v ol v o 0 v 10% 90% 90% 10% switch at a: i f = 0 ma switch at b: i f = 16 ma v cm t r t f 7 1 2 3 4 5 6 8 v o 0.1 f r l +5 v pulse gen. v cm + - v ff i f a b pulse gen. z o = 50? t r = 5 ns figure 11. test circuit for transient immunity and typical waveforms. figure 10. switching test circuit. for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. av02-1392en - august 6, 2013


▲Up To Search▲   

 
Price & Availability of HCPL-0452-000E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X