Part Number Hot Search : 
2SC4613 2SA670 STK479 W6811ISG 2SC4428 30CTQ040 HM51258P BYD57D
Product Description
Full Text Search
 

To Download GI7524F-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gi750 thru gi758 document number 88627 30-aug-05 vishay general semiconductor www.vishay.com 1 case style p600 high current axial plastic rectifier major ratings and characteristics i f(av) 6.0 a v rrm 50 v to 800 v i fsm 400 a v f 0.9 v, 0.95 v i r 5.0 a t j max. 150 c features  low forward voltage drop  low leakage current, i r less than 0.1a  high forward current capability  high forward surge capability  solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application. (note: these devices are not q101 qualified. there- fore, the devices specified in this datasheet have not been designed for use in automotive or hi-rel appli- cations.) mechanical data case: p600, void-free molded epoxy body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated (e3 suffix) leads, solder- able per j-std-002b and jesd22-b102d polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gi750 gi751 gi752 gi754 gi756 gi758 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 v maximum rms voltage v rms 35 70 140 280 420 560 v maximum dc blocking voltage v dc 50 100 200 400 600 800 v maximum non-repetitive peak reverse voltage v rsm 60 120 240 480 720 1200 v maximum average forward rectified current at t a = 60 c, p.c.b. mounting (fig. 1) t l = 60 c, 0.125" (3.18 mm) lead length (fig. 2) i f(av) 6.0 22 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 400 a operating junction and storage temperature range t j ,t stg - 50 to + 150 c
www.vishay.com 2 document number 88627 30-aug-05 gi750 thru gi758 vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, p.c.b. mounted with 1.1" x 1.1" (30 x 30 mm) copper pads ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol gi750 gi751 gi752 gi754 gi756 gi758 unit maximum instantaneous forward voltage at: 6.0 a 100 a v f 0.90 1.25 0.95 1.30 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 100 c i r 5.0 1.0 a ma typical reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.5 s typical junction capacitance at 4.0 v, 1 mhz c j 150 pf parameter symbol gi750 gi751 gi752 gi754 gi756 gi758 unit typical thermal resistance (1) r ja r jl 20 4.0 c/w figure 1. maximum forward current derating curve 0 1.0 5.0 4.0 3.0 2.0 6.0 7.0 0 40 60 8 0 20 100 120 140 160 1 8 0 200 8 .0 a v erage for w ard rectified c u rrent (a) am b ient temperat u re ( c) 60 hz resisti v eor ind u cti v e load 1.1 x 1.1? (30 x 30 mm) copper pads figure 2. maximum forward current derating curve 0 4.0 8 .0 12 16 0 40 60 8 0 20 100 120 140 160 1 8 0 200 20 24 2 8 a v erage for w ard c u rrent (a) lead temperat u re ( c) 60 hz resisti v eor ind u cti v e load both leads attached to heat sinks w ith length as sho w n "l" l = 0.125" (3.1 8 mm) l = 0.25" (6.35mm) l = 0.375" (9.5 mm) l = 0.625" (15. 8 mm)
gi750 thru gi758 document number 88627 30-aug-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. maximum peak forward surge current figure 4. typical instantaneous forward characteristics peak for w ard s u rge c u rrent (a) nu m b er of cycles at 60 hz 1 10 100 50 100 600 n on-repetiti v e repetiti v e v rrm may b e applied b et w een each cycle of s u rge, the t j noted is t j prior to s u rge t j = 150 c t j = 25 c t j = 150 c t j = 25 c instantaneo u sfor w ard c u rrent ( a) 10 100 1.0 0.1 0.01 instantaneo u sfor w ard v oltage ( v ) 1.2 0. 8 0.6 1.4 1.6 1. 8 1.0 p u lse w idth = 300 s 1% d u ty cycle t j = 25 c figure 5. typical reve rse characteristics figure 6. typical trans ient thermal impedance instantaneo u sre v erse c u rrent ( a) 1.0 10 100 0.01 0.1 0 20 100 40 60 8 0 percent of rated peak re v erse v oltage (%) t j = 100 c t j = 125 c t j = 25 c transient thermal impedance (c/ w ) 10 100 0.1 1 t--p u lse d u ration (sec.) mo u nted on 0.20 x 0.27" (5 x 7 mm) copper pad areas 0.01 0.1 1 10 100 0.052 (1.32) 0.048 (1.22) 0.360 (9.1) 0.340 (8.6) dia. 1.0 (25.4) min. 0.360 (9.1) 0.340 (8.6) 1.0 (25.4) min. case style p600
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of GI7524F-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X