Part Number Hot Search : 
SMF05 00K6T CM150 TS4890IS KA358DTF MN13801 80N60F ZXCL330
Product Description
Full Text Search
 

To Download DB201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  db 20 1 thru db 20 7 2.0 amp single phase bridge rectifier 50 to 1000 volts features x 4-pin dip package x low profile package x high surge current capability x ul recognized file # e165989 maximum ratings x operating temperature: -55 q c to +150 q c x storage temperature: -55 q cto +150 q c mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage db 201 db 201 50v 35v 50v db 202 db 202 100v 70v 100v db 203 db 203 200v 140v 200v db 204 db 204 400v 280v 400v db 205 db 205 600v 420v 600v db 206 db 206 800v 560v 800v 1000v700v1000v electrical characteristics @ 25 q c unless otherwise specified average forward current i f(av) 2.0 a t a = 40 q c peak forward surge current i fsm 6 0a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v i fm = 2.0 a; t a = 25 q c maximum dc reverse current at rated dc blocking voltage i r 10 p a 0.5 ma t j = 25 q c t j = 125 q c typical junction capacitance c j 25pf measured at 1.0mhz, v r =4.0v db-1  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: 1 2007/01/11 ? case material: molded plastic , ul flammability classification tm micro commercial components dimensions dim min max min max note a .316 .335 8.05 8.51 b .245 .255 6.20 6.50 c .300 .350 7.60 8.90 d .236 .299 6.01 7.60 e.102 .130 2.603.30 a bc d e g h + - ~ ~ notch f h g inches mm .060 1.50 typ .195 .016 .022 .041 .056 typ .205 5.00 5.20 f rating 94v-0 1 of 3 db207 db207
db 201 thru db 207 www. mccsemi .com revision: 1 2007/01/11 mcc tm micro commercial components fig.4-typical forward characteristics instantaneous forward voltage,volts instantaneous forward current,(a) t j =25  pulse width:300us 2% duty cycle 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 fig.3-typical junction capacitance reverse voltage,(volts) capacitance(pf) 10.0 100 0.1 1.0 4.0 1.0 10 100 t j =25  ,f=1mh z fig.5-typical reverse characteristics t j =25  t j =125  0 20 40 60 80 100 120 140 0.01 0.1 1.0 10 100 instantaneous reverse current,(  0 2.0 50 100 150 single phase half w ave 60hz resistive or inductive load number of cycles at 60h z peak forward surge current amperes fig.2-maximum non-repetitive peak forward surge current 0 10 20 30 40 50 60 10 1 100 t a =25  single sine-w ave jedec method 2 of 3
mcc revision: 1 2007/01/11 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of DB201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X