Part Number Hot Search : 
ADJ51006 CYW2336 1202A 244MT IDT7202 ACTR423 P0102 D78F0
Product Description
Full Text Search
 

To Download ABM3B-FREQ-18-R50-E-4-5-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  29 journey ? aliso v iejo, ca 92656 (949) 448-7070 ? f ax : (949) 448-8484 e- mail : abinfo @ abracon.com ? i nternet a ddress : ww w . abracon.com abracon is iso 9001 / q s 9000 certified note: left blank if standard ? all specifications and markings subject to change without notice microprocessor cr yst als ul tra minia ture ceramic surf ace mount ab m 3b frequency range 3.5 mhz - 25 mhz operation mode fundamental, a t operating t emperature -10 c to + 60 c (see options) storage t emperature -55 c to + 125 c frequency t olerance @ 25 c 50 ppm max. (see options) frequency stability over t emp. 50 ppm max. (see options) equivalent series resistance 200 w for 3.5 mhz < f < 4.0 mhz (esr) maximum 150 w for 4.0 mhz < f < 6.0 mhz 100 w for 6.0 mhz < f < 10.0 mhz 80 w for 10 mhz < f < 14.0 mhz 50 w for 14 mhz < f < _ 25 mhz shunt capacitance c 0 7 p f max. load capacitance c l 1 6p f (see option) drive level 10 0 w max. aging @ 25 c first y ear 5 p p m max. st st andard specifica andard specifica tions tions frequency range 10.000 mhz - 60.000 mhz operation mode fundamental , a t operating t emperature -10 c to + 60 c (see options) storage t emperature -40 c to + 85 c frequency t olerance @ 25 c 50 ppm max. (see options) frequency stability over t emp. 50 ppm max. (see options) equivalent series resistance 100 w max. for f=10.000mhz -1 1.999mhz (esr) maximum 70 w max. for f=12.000mhz -15.999mhz 50 w max. for f=16.000mhz -60.000mhz shunt capacitance c 0 7 p f max. load capacitance c l 18 p f (see options) drive level 50 0 w max., 5 0 w correlation aging @ 25 c first y ear 5 p p m max. insulation resistance 500 m w min. at 100 vdc 15v please see environmental, and mechanical specifications, group 2. t ape and reel (1,000 pc s/ reel). ab m 3b - frequency - cl - esr - t emperature - t olerance - stabilit y - packaging xx.xxxx mhz rxxx(value in w ) - t (t ape & reel) load cap.in pf or -s for series 1 for 10 ppm max (*) 7 for 15 ppm max (*) 2 for 20 ppm max (*) 3 for 25 ppm max (*) 4 for 30 ppm max (*) 5 for 100 ppm max e for 0 c to + 70 c b for -20 c to + 70 c c for -30 c to + 70 c n for -30 c to + 85 c d for -40 c to + 85 c 1 for 10 ppm max (**) 7 for 15 ppm max (**) 2 for 20 ppm max (**) 3 for 25 ppm max (**) 4 for 30 ppm max ordering options ordering options dimensions: inches (mm) (*) -10 c to +60 c only (**) please call for availability . applica tions: ? computers, modems and microprocessors. ? communication and t est equipment. ? high density applications. ? pcmcia and wireless applications. fea tures: ? ultra miniature size 5.0 x 3.2 x 1.1 mm max. ? fundamental mode. ? suitable for reflow . ? t ight stability available ? ceramic package and metal lid assures high precision and reliability . ?


▲Up To Search▲   

 
Price & Availability of ABM3B-FREQ-18-R50-E-4-5-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X