Part Number Hot Search : 
H11F33SD 134CRP 134CRP BU606 KP463 1N6279L 65120 MC54F32D
Product Description
Full Text Search
 

To Download 6248 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pomona ? all dimensions are i n inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9/99 pomona access 90751 (800) 444 - 6785 or ( 4 2 5 ) 4 4 6 - 6 0 1 0 sy/eh/ls more drawings available at www.pomonaelectronics.com c: \ laura goldberg \ flukedatasheet \ d6308_2_01.doc page 1 of 2 model 6308 test companion? kit for amprobe sales: 8 0 0 - 4 9 0 - 2 3 6 1 fax: 8 8 8 - 4 0 3 - 3 3 6 0 technical assistance: 800 - 241 - 2060 features: ideal for use with amprobe am - 50, am - 71 and am - 1200 series digital multimeters includes cordura shoulder carrying case test accessories (except spade lugs) comply to iec 1010 - 2 - 031, which is the international safety standard for test accessories materials: model 5914 : industrial alligator clip: body - steel, nickel plated, insulation - nylon 6, fire retardant, jaws open to 1?. ratings: iec1010 - 2 - 031, category iii, 600 vrms, 10 amperes.
pomona ? all dimensions are i n inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6/9/99 pomona access 90751 (800) 444 - 6785 or ( 4 2 5 ) 4 4 6 - 6 0 1 0 sy/eh/ls more drawings available at www.pomonaelectronics.com c: \ laura goldberg \ flukedatasheet \ d6308_2_01.doc page 2 of 2 model 6308 test companion? kit for amprobe sales: 8 0 0 - 4 9 0 - 2 3 6 1 fax: 8 8 8 - 4 0 3 - 3 3 6 0 technical assistance: 800 - 241 - 2060 model 6282 : test probe with stainless steel tip: insulation ? nylon 6, fire retardant, ul94 v - o rated, probe tip ? stainless steel, 4mm safety jack: brass, nickel plated, color: one black, one red, ratings: 1000 vrms, 10 amperes model 5907a : test lead straight to right angle: banana spring: nickel plated beryllium c opper, insulation ? nylon 6, fire retardant, ul94 v - o, wire: 48" silicone 18" awg, color: one black, one red, ratings: 1000 vrms, 10 amperes model 6248 : minigrabber to sheathed banana jack; grabber: body: nylon 6 ? fire retardant ? ul94 v - o rated, color p er part number, hook: beryllium copper, gold plated, compression spring: music wire, wire:18 awg, 65 x 36 tinned copper, insulation ? silicone, .144? (3,66 mm) o.d., color per part number, banana jack: body - brass, nickel plated, insulation - nylon 6, f ire retardant ul94 v - 0 rated, color per part number, ratings: iec 1010 2 - 031, category ii, p2 compliant voltage: 300 vrms/dc max., current: 5 amperes max. model 6261 : minipincer to sheathed banana jack; grabber: body: nylon 6 ? fire retardant ? ul94 v - o r ated, color per part number, pincer: beryllium copper, gold plated, compression spring: music wire, wire: 8 awg, 65 x 36 tinned copper, insulation ? silicone, .144? (3,66 mm) o.d., color per part number banana jack: body - brass, nickel plated insulation - nylon 6, fire retardant ul94 v - 0 rated, color per part number. ratings: iec 1010 2 - 031, category ii, p2 compliant, voltage: 300 vrms/dc max. current: 5 amperes max. model 6203 : spade lug: brass, nickel plated, insulation - nylon 6, fire retardant, ul94 v - o, spade - nickel plated copper, color: one black, one red, ratings: 1000 vrms, 15 amperes model 5910a : maxigrabber set with pincer tip - ratings: 1000 vrms, 10 amperes, cat iii, p2 model 5911a : maxigrabber set with hook tip - ratings: 1000 vrms, 10 amp eres, cat iii, p2 ordering information: model 6308 (kit includes items from above) replacement p/n?s: model 5914 : industrial alligator clip, model 6282 : test probe with stainless steel tip, model 5907a : test lead straight to right angle, model 6248 : minig rabber to sheathed banana jack, model 6261 : minipincer to sheathed banana jack, model 6203 : spade lug, maxigrabber set with pincer tip, model 5911a : maxigrabber set with hook tip


▲Up To Search▲   

 
Price & Availability of 6248

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X