Part Number Hot Search : 
2N6394 321519 102ME HER106 76309 PE91043 CLE135 2SK1586
Product Description
Full Text Search
 

To Download 2SD880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD880 npn silicon power transistors features ? with to-220 package ? power amplifier applications maximum ratings symbol rating rating unit v ceo collector-emitter voltage 60 v v cbo collector-base voltage 60 v v ebo emitter-base voltage 7 v i c collector current 3 a p c collector power dissipation 1.5 w t j junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min type max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =50madc, i b =0) 60 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =100uadc, i e =0) 60 --- --- vdc v (br)ebo emitter-base breakdown voltage (i e =100uadc, i c =0) 7 --- --- vdc i cbo collector-base cutoff current (v cb =60vdc,i e =0) --- --- 100 uadc i ebo emitter-base cutoff current (v eb =7vdc, i c =0) --- --- 100 uadc on characteristics h fe forward current transfer ratio (i c =500madc, v ce =5vdc) 60 --- 300 --- v ce(sat) collector-emitter saturation voltage (i c =3adc, i b =300madc) --- --- 1 vdc v be base-emitter voltage (i c =0.5adc,v ce =5vdc) --- --- 1 vdc f t transistor frequency (i c =500madc, v ce =5vdc) --- 3 --- mhz c ob collector output capacitance (v cb =10vdc, i e =0, f=1mhz) --- 70 --- pf t on turn on time --- 0.8 --- us t s storage time --- 1.5 --- us t f fall time i b1 =-i b2 =0.2a, i c =2a, v cc =30v, pw=20us --- 0.8 --- us classification of h fe(1) rank q y gr range 60-120 100-200 150-300  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92 
  a b c k j i h g f e d n m l h to-220 pin pin 1. base pin 2. collector 12 3 pin 3. emitter  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: 3 2007/03/01 tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 2SD880 -q 2SD880 -y 2SD880 -gr
mcc revision: 3 2007/03/01 tm micro commercial components www. mccsemi .com 2 of 2 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of 2SD880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X