Part Number Hot Search : 
MV8410 SMF4L54A MTV212M SM2N60 AN328 MV1404H C7860 L7866
Product Description
Full Text Search
 

To Download 22-003-112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 112, 113, & 114 deci-center ? jumpers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? aries offers a wide array of dip jumper configurations and wiring possibilities for all your programming needs. ? reliable, electronically tested solder connections. ? dip-end cable is potted to provide strain relief. ? protective covers are also provided on header . ? pitch bars help maintain .100 [2.54] conductor spacing. ? 10-color cable allows for easy identification and tracing. ? consult factory for jumper lengths under 3.000 [76.20]. specifications: ? header body and pitch bar are black ul 94 v-0 glass-filled 4/6 nylon. ? header pins are brass, 1/2 hard. ? pin plating is 10 [.25m] min. gold per mil-g-45204 over 50 [1.27m] min. nickel per sae-ams-qq-n-290. ? cable insulation is ul style 2697 polyvinyl chloride (pvc). ? cable laminate is clear pvc, self-extinguishing.** ? .050 [1.27] pitch conductors are 28 awg, 7/36 strand, tinned copper per astm b 33 (.039 [.99] pitch conductors are 26 awg, 7/34 strand). ? cable current rating=1 amp @ 10c [50f] above ambient. ? cable voltage rating=300 volts. ? cable temperature rating=176f [80c]. ? cable capacitance=13.0 pf/ft. [42.7pf/meter] nominal @1 mhz.** ? crosstalk: 10 sample, 5 ns rise time with 2 lines driven. near end=4.7%; far end=4.3% nominal.** ? propagation delay=1.5 ns/ft. [4.9 ns/meter] nominal.** ?insulation resistance=10 10 ohms (10 ft. [3 meters] min.). **note: applies to .050 [1.27] pitch cable only. mounting considerations: ?suggested pcb hole size=.033 .002 [.86 .05]. a ll dimensions : inches [ millimeters ] xx-xxx-xxx ordering informa tion all tolerances .005 [.13] unless otherwise specified no. of conductors (see table) cable length in inches: ex: 3 = -003-/ 3.5 = -003.5- min. length =3 [76.20mm] jumper series: 112, 113, 114 112x, 113x, 114x (see data sheet no. 11009 for wiring table) x=(no. of conductors - 1) x .100 [2.54] see data sheet no. 11009 for other configurations and additional information. centers c dim. d available sizes .300 [7.62] .395 [10.03] 4 thru 20 .400 [10.16] .495 [12.57] 22 .600 [15.24] .695 [17.65] 24, 28, 40 numbers shown pin side for reference only. series 1 12 printouts of this document may be out of date and should be considered uncontrolled 11008 rev. f l .125 bristol, pa usa tel: (215) 781-9956 fax: (215) 781-9845 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 22-003-112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X