Part Number Hot Search : 
BAS170 UZ6722 P6548T DTC124EA SBR30 BFG17A GM2120 5261B
Product Description
Full Text Search
 

To Download 1F222103-S2020M-AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to chang e, please call your nearest foxconn sales represent ative for update information. specifications future bus connector 1f series rec. solder type 2.0mm pitch 5 row s mechanical contact retention force: 0.50kg min. electrical voltage rating: 750v current rating: 1 a contact resistance: 55m max. dielectrical withstanding voltage: 1000v insulation resistance: 1000m min. physical housing: lcp, ul 94-0 rated, ivory white contact: phosphor bronze plating: see ?ordering information? drawing ordering i nf or mati on no. of pos. product no.: 1 f 2 2 * * * * - s * 0 2 0 * - * * n=none f=lead free lead free code 1:gold flash 3:0.76um(30u")min. gold plating 5:1.27um(50u")min. gold plating 6:0.25um(10u")min. gold plating a:0.76um(30u")min. fpt plating, 0.25um(10u")min. gold included mating area plating package type a=tube extension code n,t,l,m body style 20:standard part tail style s:solder type tail length(dim.t) 2: 2.65 mm 3: 3.45 mm 4: 4.25 mm


▲Up To Search▲   

 
Price & Availability of 1F222103-S2020M-AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X