Part Number Hot Search : 
TDA3504 CPE2046 74AHC2G PSMPT45C HCTS193K CY621 SBMJ160 1SAM7
Product Description
Full Text Search
 

To Download 16-0513-10H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 0513 pin-line collet sockets with solder tail pins note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? rows of socket strips may be mounted on any centers and are end-to-end or side-by-side stackable for .100 [2.54] grid or matrix patterns. ? available with solder tail or wire wrap pins. consult data sheet no. 12014 for wire wrap pins. ? ?break? feature allows strips to be cut to the number of positions desired. specifications: ? body material is black ul 94v-0 glass-filled 4/6 nylon. ? pin body is brass alloy 360 1/2 hard per uns c36000 astm- b16-00. ? pin body plating is either 10 [.25 m] min. gold per mil-g- 45204 or 200 [5.08 m] min. 93/7 tin/lead per astm b545 or 200 [5.08 m] min. tin per astm b545 type 1 over 100 [2.54 m] min. nickel per sae-ams-qq-n-290. ? 4-fingered collet contact is beryllium copper alloy per uns c17200 astm-b194-01. ? contact plating is either 200 [5.08 m] min. 93/7 tin/lead per astm b545 or 200 [5.08 m] min tin per astm b545 type 1 or 10 [.25 m] gold per mil-g-45204 over 50 min. [1.27 m] nickel per sae-ams-qq-n-290. heavy 30 [.76 m] gold plating also available. ? contact current rating=3 amps. ? insertion force=180 grams/pin; withdrawal force=90 grams/pin; normal force=140 grams/pin; based on a .018 [.46] dia. test lead. ? operating temperature=221f [105c] tin & tin/lead plating =257f [125c] gold plating. ? insertion force=180 grams/pin; withdrawal force=90 grams/pin; normal force=140 grams/pin; based on a .018 [.46] dia. test lead. ? accepts leads .015-.025 [.38-.64] in dia., .100-.146 [2.54-3.71] long. mounting considerations: ?suggested pcb hole size=.030 .002 [.76 .05] dia. a ll dimensions : inches [ millimeters ] all tolerances .005 [.13] unless otherwise specified ?a?=no. of pins per row x .100 [2.54] ?b?=(no. of pins per row - 1) x .100 [2.54] cont act det ail pin-line collet sockets also available with wire wrap pins. consult data sheet no. 12014. ordering informa tion xx-0513-1xxxx no. of pins: 1 to 25 series solder tail pin plating: 0=gold collet/tin shell 0tl= gold collet/tin/lead shell 1=gold collet/gold shell optional suffix: h=heavy gold on collet t=tin collet/tin shell tl=tin/lead collet/ tin/lead shell 12013 rev.d north america frenchtown, nj usa tel: (908) 996-6841 fax:(908) 996-3891 europe tel: +44 870 240 0249 fax: +44 871 919 6033 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com abc printouts of this document may be out of date and should be considered uncontrolled


▲Up To Search▲   

 
Price & Availability of 16-0513-10H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X