Part Number Hot Search : 
5526R S3C8629 15102SI BR1008S SC284 109721 LF45ABP AD9632AR
Product Description
Full Text Search
 

To Download 08055C472MAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17 x7r dielectric general specifications x7r formulations are called temperature stable ceramics and fall into eia class ii materials. x7r is the most popular of these intermediate dielectric constant materials. its temperature varia- tion of capacitance is within 15% from -55c to +125c. this capacitance change is non-linear. capacitance for x7r varies under the influence of electrical op- erating conditions such as voltage and frequency. x7r dielectric chip usage covers the broad spectrum of industrial applications where known changes in capacitance due to applied voltages are acceptable. part number (see page 2 for complete part number explanation) % cap change 10 -60 -40 -20 0 20 40 60 80 100 120 140 temperature c x7r dielectric? typical temperature coefficient 5 0 -5 -10 -15 -20 -25 %  capacitance +10 +20 +30 0 -10 -20 -30 1khz 10 khz 100 khz 1 mhz 10 mhz frequency  capacitance vs. frequency insulation resistance (ohm-farads) 1,000 10,000 100 0 0 20 120 40 60 80 temperature c insulation resistance vs temperature 100 impedance,  10 100 1000 frequency, mhz variation of impedance with cap value? impedance vs. frequency? 1,000 pf vs. 10,000 pf - x7r? 0805? ? 0.10 0.01 1.00 1,000 pf 10,000 pf 10.00 impedance,  110 100 1,000 frequency, mhz variation of impedance with chip size? impedance vs. frequency? 100,000 pf - x7r? ? ? 0.1 .01 1.0 1206 0805 10 1210 impedance,  110 100 1,000 frequency, mhz variation of impedance with chip size? impedance vs. frequency? 10,000 pf - x7r? ? ? 0.1 .01 1.0 1206 0805 10 1210 0805 size (l" x w") 5 voltage 4v = 4 6.3v = 6 10v = z 16v = y 25v = 3 50v = 5 100v = 1 200v = 2 500v = 7 c dielectric x7r = c 103 capacitance code (in pf) 2 sig. digits + number of zeros m capacitance tolerance j = 5%* k = 10% m = 20% *1f only, contact factory for additional values 2 packaging 2 = 7" reel 4 = 13" reel 7 = bulk cass. 9 = bulk contact factory for multiples a special code a = std. product t terminations t = plated ni and sn 7 = gold plated* z = flexiterm ? ** a failure rate a = not applicable *optional termination **see flexiterm ? x7r section note: contact factory for availability of termination and tolerance options for specific part numbers. contact factory for non-specified capacitance values.
18 x7r dielectric specifications and test methods parameter/test x7r specification limits measuring conditions operating temperature range -55oc to +125oc temperature cycle chamber capacitance within specified tolerance 2.5% for 50v dc rating freq.: 1.0 khz 10% dissipation factor 3.0% for 25v dc rating voltage: 1.0vrms .2v 3.5% for 25v and 16v dc rating 5.0% for 10v dc rating insulation resistance 100,000m or 1000m - f, charge device with rated voltage for whichever is less 120 5 secs @ room temp/humidity charge device with 300% of rated voltage for dielectric strength no breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 ma (max) note: charge device with 150% of rated voltage for 500v devices. appearance no defects deflection: 2mm capacitance test time: 30 seconds resistance to variation 12% flexure dissipation meets initial values (as above) stresses factor insulation initial value x 0.3 resistance solderability 95% of each terminal should be covered dip device in eutectic solder at 230 5oc with fresh solder for 5.0 0.5 seconds appearance no defects, <25% leaching of either end terminal capacitance variation 7.5% dip device in eutectic solder at 260oc for 60 dissipation meets initial values (as above) seconds. store at room temperature for 24 2 resistance to factor hours before measuring electrical properties. solder heat insulation meets initial values (as above) resistance dielectric meets initial values (as above) strength appearance no visual defects step 1: -55oc 2o 30 3 minutes capacitance variation 7.5% step 2: room temp 3 minutes dissipation meets initial values (as above) step 3: +125oc 2o 30 3 minutes thermal factor shock insulation meets initial values (as above) step 4: room temp 3 minutes resistance dielectric meets initial values (as above) repeat for 5 cycles and measure after strength 24 2 hours at room temperature appearance no visual defects capacitance variation 12.5% dissipation initial value x 2.0 (see above) load life factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength appearance no visual defects capacitance variation 12.5% load dissipation initial value x 2.0 (see above) humidity factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength charge device with 1.5 rated voltage ( 10v) in test chamber set at 125oc 2oc for 1000 hours (+48, -0) remove from test chamber and stabilize at room temperature for 24 2 hours before measuring. store in a test chamber set at 85oc 2oc/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. remove from chamber and stabilize at room temperature and humidity for 24 2 hours before measuring. 1mm/sec 90 mm
19 x7r dielectric capacitance range preferred sizes are shaded size 0101 0201 0402 0603 0805 1206 soldering reflow only reflow only reflow/wave reflow/wave reflow/wave reflow/wave packaging paper/embossed all paper all paper all paper paper/embossed paper/embossed (l) length mm 0.40 0.02 0.60 0.03 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 (in.) (0.016 0.0008) (0.024 0.001) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (w) width mm 0.20 0.02 0.30 0.03 0.50 0.10 0.81 0.15 1.25 0.20 1.60 0.20 (in.) (0.008 0.0008) (0.011 0.001) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (t) terminal mm 0.20 0.02 0.15 0.05 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 (in.) (0.008 0.0008) (0.006 0.002) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) wvdc 10 10 16 25 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 cap 100 a a a a (pf) 150 a a a a 220 a a a a c 330 a aaa c ggg jjjjjj k 470 a aa c ggg jjjjjj k 680 a aa c ggg jjjjjj k 1000 a a a c g g g j j jjjj k 1500 a c g g j j jjjj jjjjjjm 2200 a c g g j j jjjj jjjjjjm 3300 a c c g g j j jjjj jjjjjjm 4700 a c c g g j j jjjj jjjjjjm 6800 a c c g g j j jjjj jjjjjjp cap 0.010 a c c g g j j jjjj jjjjjjp (f 0.015 c g g j j jjjj jjjjjm 0.022 c c g g j j j j j n j j j j j m 0.033 c c g g j j j j n j j j j j m 0.047 c c g g g j j j j n j j j j j m 0.068 c c g g g j j j j n j j j j j p 0.10 c c g g g g j j j j n j j j j m p 0.15 g g j j j n n j j j j q 0.22 g g j* j j n n n j j j j q 0.33 nnnnn j jmpq 0.47 j* nnnnn mmmpq 0.68 nnn mmqqq 1.0 j*j* nnnn mmqqq 1.5 pqq 2.2 j* p* q q q q* 3.3 4.7 p* p* q* q* q* q* 10 p* p* q* q* q* 22 q* q* 47 100 wvdc 10 10 16 25 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 size 0101 0201 0402 0603 0805 1206 letter acegjkmnpqxyz max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed *optional specifications C contact factory
20 x7r dielectric capacitance range letter acegjkmnpqxyz max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed preferred sizes are shaded size 1210 1812 1825 2220 2225 soldering reflow only reflow only reflow only reflow only reflow only packaging paper/embossed all embossed all embossed all embossed all embossed (l) length mm 3.20 0.20 4.50 0.30 4.50 0.30 5.70 0.40 5.72 0.25 (in.) (0.126 0.008) (0.177 0.012) (0.177 0.012) (0.225 0.016) (0.225 0.010) (w) width mm 2.50 0.20 3.20 0.20 6.40 0.40 5.00 0.40 6.35 0.25 (in.) (0.098 0.008) (0.126 0.008) (0.252 0.016) (0.197 0.016) (0.250 0.010) (t) terminal mm 0.50 0.25 0.61 0.36 0.61 0.36 0.64 0.39 0.64 0.39 (in.) (0.020 0.010) (0.024 0.014) (0.024 0.014) (0.025 0.015) (0.025 0.015) wvdc 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 cap 100 (pf) 150 220 330 470 680 1000 1500 jjjjjjm 2200 jjjjjjm 3300 jjjjjjm 4700 jjjjjjm 6800 jjjjjjm cap 0.010 jjjjjjm kkkkmm xxxmp (f 0.015 jjjjjjpkkkpmm xxxmp 0.022 jjjjjjqkkkpmm xxxmp 0.033 jjjjjjqkkkxmm xxxmp 0.047 jjjjjj kkkzmm xxxmp 0.068 jjjjjm kkkzmm xxxmp 0.10 jjjjjm kkkzmm xxxmp 0.15 jjjjmz kkp mm xxxmp 0.22 jjjjpz kkp mm xxxmp 0.33 jjjjq kmx mm xxxmp 0.47 mmmmq k p mm x x x m p 0.68 m m p x x m q m p x x m p 1.0nnpxzmxmpxxmp 1.5nnzzz zz m xx mx 2.2xxzzz zz xx m 3.3xxzz z xz 4.7xxzz z xz 10 z z z* z 22 z* z* z 47 100 wvdc 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 size 1210 1812 1825 2220 2225 l     w     t t *optional specifications C contact factory
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: avx: ? 08055c393kat2a? 08055c393kat4a? 08055c393mat2a? 08055c471jat2a? 08055c471kat2a? 08055c471kat4a? 08055c471mat2a? 08055c472jat2a? 08055c472kat2a? 08055c472kat4a? 08055C472MAT2A ? 08055c473jat2a? 08055c473kat2a? 08055c473kat4a? 08055c473mat2a? 08055c473mat4a? 08055c561kat2a? 08055c561kat4a? 08055c561mat2a? 08055c562jat2a? 08055c562kat2a? 08055c562kat4a ? 08055c562mat2a? 08055c563jat2a? 08055c563kat2a? 08055c563kat4a? 08055c563mat2a? 08055c681kat2a? 08055c681kat4a? 08055c681mat2a? 08055c682jat2a? 08055c682kat2a? 08055c682kat4a ? 08055c682mat2a? 08055c682mat4a? 08055c683kat2a? 08055c683kat4a? 08055c683mat2a? 08055c683mat4a? 08055c821kat2a? 08055c821kat4a? 08055c821mat2a? 08055c822jat2a? 08055c822kat2a ? 08055c822kat4a? 08055c823jat2a? 08055c823kat2a? 08055c823mat2a? 08055e103mat2a? 08055c101jat2a ? 08055c101kat2a? 08055c102jat2a? 08055c102kat2a? 08055c102kat4a? 08055c102mat2a? 08055c102mat4a? 08055c103jat2a? 08055c103jat4a? 08055c103kat4a? 08055c103mat2a? 08055c103mat4a ? 08055c104ka72a? 08055c104mat2a? 08055c104mat4a? 08055c105kat2a? 08055c122kat2a? 08055c123kat2a? 08055c123mat2a? 08055c124kat2a? 08055c151kat2? 08055c151kat2a? 08055c152kat4a? 08055c152mat2a? 0805yc474ma72a? 0805yc474mat2a? 0805yc474mat4a? 0805yc561kat2a? 0805yc562kat2a? 0805yc562mat2a? 0805yc563kat2a? 0805yc563kat4a? 0805yc682kat2a? 0805yc683kat2a? 0805yc821kat2a? 0805yc821mat2a? 0805yc822kat2a? 0805yc822kat4a? 0805yc823kat2a? 0805zc102kat2a? 0805zc102mat2a? 0805zc103kat2a? 0805zc103mat2a? 0805zc103mat4a? 0805zc104kat2a? 0805zc104mat2a? 0805zc105jat2a? 0805zc105jat4a? 0805zc105ka72a ? 0805zc105kat2a? 0805zc105kat4a


▲Up To Search▲   

 
Price & Availability of 08055C472MAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X