Part Number Hot Search : 
SA157 A106K01 SA157 SEMFXXC A2810 DTC114E 5F10Z4E 1EDK3
Product Description
Full Text Search
 

To Download 0660-0-15-01-30-02-10-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?0660-0-15-01-30-02-10-0 description: ?0660 - receptacle with no tail accepts .015-.025 diameter leads. packaging: packaged in bulk mill-max part number shell?plating contact?plating rohs compliant 0660-0-15-01-30-02-10-0 200 - 300 " tin/lead over nickel 100 - 200 " tin/lead over nickel ?contact: contact used: #30, standard 4 finger contact current?rating?=? 3 amps beryllium?copper?alloy 172 (uns c17200) per astm b 194 properties?of?beryllium?copper: chemical composition: cu 98.1%, be 1.9% temper as stamped: td01 properties after heat treatment (th01): hardness: 36-43 rockwell c mechanical life: 100 cycles min. density: .298 lbs/in3 electrical conductivity: 22% iacs* resistance: 10 miliohms max operating temperature: -55c/+125c melting point: 980c/865c (liquidus/solidus) stress relaxation?: 96% of stress remains after 1,000 hours @ 100 c ; 70% of stress remains after 1,000 hours @ 200 c *international annealed copper standard, i.e. as a % of pure copper. ?since becu loses its spring properties over time at high temperatures; it is rated for continuous use up to 150c. for applications up to 300c, mill-max offers many contacts in beryllium nickel. contact tech support for more info. mill-max mfg. corp. datasheet last modified 1/24/2011 page 1 of 2
?shell?material: brass?alloy (uns c36000) per astm b 16 properties?of?brass?alloy: chemical composition: cu 61.5%, zn 35.4%, pb 3.1%? hardness as machined: 80-90 rockwell b density: .307 lbs/in3 electrical conductivity: 26% iacs* melting point: 900c/885c (liquidus/solidus) ?(3 to 4% lead is used to permit "free machining" and is permitted by ec directive 2002/95annex 6; so all pin materials are rohs compliant) *international annealed copper standard, i.e. as a % of pure copper. certificate?of?compliance: this is to certify that the product described above is manufactured to mill-max quality standards in accordance with all applicable specifications and drawing. mill-max certifies this product to be free from defects of materials and workmanship. this certificate of compliance covers the following requirements: dimensional (all features verified to be within tolerances described on the applicable drawing). raw material (materials and properties verified to be as described on the applicable drawing). plating (platings as required, thickness verified, and performance including solderability per mil-standard). performance (insertion extraction or other force requirements as described on the applicable drawing). compliance?statement?for?registration,?evaluation,?authorization?and?restriction?of?chemicals?(reach)? reference: 1. regulation ec no 1907/2006 of the european parliament and of the council of 18 december 2006, concerning the registration, evaluation, authorization and restriction of chemicals (reach) 2. echa, candidate list of substances of very high concern (svhc) http://echa.europa.eu/reach_en.asp mill-max is aware of the regulation and the svhc list the eu published (referenced above). mill-max does not produce or sell any of the listed substances in their homogeneous form. these substances are not intentionally added during the manufacturing of any mill-max products. to our knowledge, our products do not contain the substances described on the echa svhc list. testing is not performed for materials and substances that were not intentionally added. no warranty, liability of indemnification is expressed or implied with this information. mill-max maintains surveillance of the echa website to obtain the latest information and periodically reviews the svhc list for changes and additions. mill-max mfg. corp. datasheet last modified 1/24/2011 page 2 of 2


▲Up To Search▲   

 
Price & Availability of 0660-0-15-01-30-02-10-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X