Part Number Hot Search : 
SFZT92 9918H B9201 00N6T GKCD34P9 CMW01Y CY2280 330M63V
Product Description
Full Text Search
 

To Download 02013A560JAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 typical capacitance change envelope: 0 30 ppm/ c %  capacitance +0.5 0 -0.5 -55 -35 -15 +5 +25 +45 +65 +85 +105 +125 temperature c temperature coefficient insulation resistance (ohm-farads) 1,000 10,000 100 0 0 20 40 60 80 temperature c insulation resistance vs temperature 100 impedance,  10 100 1000 frequency, mhz variation of impedance with chip size impedance vs. frequency 1000 pf - c0g (np0) 1.0 0.1 10 1206 0805 1812 1210 impedance,  10 100 1000 frequency, mhz variation of impedance with ceramic formulation impedance vs. frequency 1000 pf - c0g (np0) vs x7r 0805 0.10 0.01 1.00 x7r npo 10.00 %  capacitance +1 +2 0 -1 -2 1khz 10 khz 100 khz 1 mhz 10 mhz frequency  capacitance vs. frequency impedance,  1,000 10,000 100 1 10 100 1000 frequency, mhz variation of impedance with cap value impedance vs. frequency 0805 - c0g (np0) 10 pf vs. 100 pf vs. 1000 pf 10 pf 100 pf 1000 pf 1.0 0.1 10.0 100,000 c0g (np0) dielectric general specifications c0g (np0) is the most popular formulation of the temperature-compensating, eia class i ceramic materials. modern c0g (np0) formulations contain neodymium, samarium and other rare earth oxides. c0g (np0) ceramics offer one of the most stable capacitor dielectrics available. capacitance change with temperature is 0 30ppm/c which is less than 0.3%  c from -55c to +125c. capacitance drift or hysteresis for c0g (np0) ceramics is negligible at less than 0.05% versus up to 2% for films. typical capacitance change with life is less than 0.1% for c0g (np0), one-fifth that shown by most other dielectrics. c0g (np0) formulations show no aging characteristics. 0805 size (l" x w") 5 voltage 6.3v = 6 10v = z 16v = y 25v = 3 50v = 5 100v = 1 200v = 2 500v = 7 a dielectric c0g (np0) = a 101 capacitance code (in pf) 2 sig. digits + number of zeros j capacitance tolerance b = .10 pf (<10pf) c = .25 pf (<10pf) d = .50 pf (<10pf) f = 1% ( 10 pf) g = 2% ( 10 pf) j=5% k = 10% a failure rate a = not applicable t terminations t = plated ni and sn 7 = gold plated 2 packaging 2 = 7" reel 4 = 13" reel 7 = bulk cass. 9 = bulk contact factory for multiples a special code a = std. product part number (see page 2 for complete part number explanation) contact factory for 1 = pd/ag term note: contact factory for availability of termination and tolerance options for specific part numbers. contact factory for non-specified capacitance values.
5 c0g (np0) dielectric specifications and test methods parameter/test np0 specification limits measuring conditions operating temperature range -55oc to +125oc temperature cycle chamber capacitance within specified tolerance freq.: 1.0 mhz 10% for cap 1000 pf q <30 pf: q 400+20 x cap value 1.0 khz 10% for cap > 1000 pf 30 pf: q 1000 voltage: 1.0vrms .2v insulation resistance 100,000m or 1000m - f, charge device with rated voltage for whichever is less 60 5 secs @ room temp/humidity charge device with 300% of rated voltage for dielectric strength no breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 ma (max) note: charge device with 150% of rated voltage for 500v devices. appearance no defects deflection: 2mm capacitance test time: 30 seconds resistance to variation 5% or .5 pf, whichever is greater flexure q meets initial values (as above) stresses insulation initial value x 0.3 resistance solderability 95% of each terminal should be covered dip device in eutectic solder at 230 5oc with fresh solder for 5.0 0.5 seconds appearance no defects, <25% leaching of either end terminal capacitance variation 2.5% or .25 pf, whichever is greater dip device in eutectic solder at 260oc for 60 q meets initial values (as above) seconds. store at room temperature for 24 2 resistance to hours before measuring electrical properties. solder heat insulation meets initial values (as above) resistance dielectric meets initial values (as above) strength appearance no visual defects step 1: -55oc 2o 30 3 minutes capacitance variation 2.5% or .25 pf, whichever is greater step 2: r oom temp 3 minutes q meets initial values (as above) step 3: +125oc 2o 30 3 minutes thermal shock insulation meets initial values (as above) step 4: room temp 3 minutes resistance dielectric meets initial values (as above) repeat for 5 cycles and measure after strength 24 hours at room temperature appearance no visual defects capacitance variation 3.0% or .3 pf, whichever is greater charge device with twice rated voltage in 30 pf: q 350 test chamber set at 125oc 2oc load life q 10 pf, <30 pf: q 275 +5c/2 for 1000 hours (+48, -0). (c=nominal cap) <10 pf: q 200 +10c insulation initial value x 0.3 (see above) remove from test chamber and stabilize at resistance room temperature for 24 hours dielectric meets initial values (as above) before measuring. strength appearance no visual defects capacitance variation 5.0% or .5 pf, whichever is greater store in a test chamber set at 85oc 2oc/ 30 pf: q 350 85% 5% relative humidity for 1000 hours load q 10 pf, <30 pf: q 275 +5c/2 (+48, -0) with rated voltage applied. humidity <10 pf: q 200 +10c insulation initial value x 0.3 (see above) remove from chamber and stabilize at resistance room temperature for 24 2 hours dielectric meets initial values (as above) before measuring. strength 1mm/sec 90 mm
6 c0g (np0) dielectric capacitance range preferred sizes are shaded letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed size 0201 0402 0603 0805 1206 soldering reflow only reflow only reflow only reflow/wave reflow/wave packaging all paper all paper all paper paper/embossed paper/embossed (l) length mm 0.60 0.03 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 (in.) (0.024 0.001) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (w) width mm 0.30 0.03 0.50 0.10 0.81 0.15 1.25 0.20 1.60 0.20 (in.) (0.011 0.001) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (t) terminal mm 0.15 0.05 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 (in.) (0.006 0.002) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) wvdc 25 50 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 cap 0.5 a c c c g g g g j j j j j j j j j j j (pf) 1.0 a c c c g g g g j j j j j j j j j j j 1.2 ac c cgggg j j j j j j jjjjj 1.5 a a c c c g g g g j j j j j j j j j j j 1.8 a a c c c g g g g j j j j j j j j j j j 2.2 a a c c c g g g g j j j j j j j j j j j 2.7 a a c c c g g g g j j j j j j j j j j j 3.3 a a c c c g g g g j j j j j j j j j j j 3.9 a a c c c g g g g j j j j j j j j j j j 4.7 a a c c c g g g g j j j j j j j j j j j 5.6 a a c c c g g g g j j j j j j j j j j j 6.8 a a c c c g g g g j j j j j j j j j j j 8.2 a a c c c g g g g j j j j j j j j j j j 10 a a c c c g g g g j j j j j j j j j j j 12 a a c c c g g g g j j j j j j j j j j j 15 a a c c c g g g g j j j j j j j j j j j 18 a a c c c g g g g j j j j j j j j j j j 22 a a c c c g g g g j j j j j j j j j j j 27 a a c c c g g g g j j j j j j j j j j j 33 a a c c c g g g g j j j j j j j j j j j 39a c c cgggg j j j j j j jjjjj 47a c c cgggg j j j j j j jjjjj 56a c c cgggg j j j j j j jjjjj 68a c c cgggg j j j j j j jjjjj 82a c c cgggg j j j j j j jjjjj 100a c c cgggg j j j j j j jjjjj 120 c c c g g g g j j j j j j j j j j j 150 c c c g g g g j j j j j j j j j j j 180 c c c g g g g j j j j j j j j j j j 220 c c c g g g g j j j j j j j j j j m 270 c c c g g g g j j j j m j j j j j m 330 c c c g g g g j j j j m j j j j j m 390 c c c g g g j j j j m j j j j j m 470 c c c g g g j j j j m j j j j j m 560 g g g j j j j m j j j j j m 680 g g g j j j j j j j j j p 820 g g g j j j j j j j j m 1000 g g g j j j j j j j j q 1200 jjj j jjjq 1500 jjj j jjmq 1800 jjj j jmm 2200 jjn j jmp 2700 jjn j jmp 3300 jj j jmp 3900 jj j jmp 4700 jj j jmp 5600 jjm 6800 mm 8200 mm cap 0.010 mm (f) 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.082 0.1 wvdc 25 50 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 size 0201 0402 0603 0805 1206 l     w     t t
7 c0g (np0) dielectric capacitance range preferred sizes are shaded size 1210 1812 1825 2220 2225 soldering reflow only reflow only reflow only reflow only reflow only packaging paper/embossed all embossed all embossed all embossed all embossed (l) length mm 3.20 0.20 4.50 0.30 4.50 0.30 5.70 0.40 5.72 0.25 (in.) (0.126 0.008) (0.177 0.012) (0.177 0.012) (0.225 0.016) (0.225 0.010) (w) width mm 2.50 0.20 3.20 0.20 6.40 0.40 5.00 0.40 6.35 0.25 (in.) (0.098 0.008) (0.126 0.008) (0.252 0.016) (0.197 0.016) (0.250 0.010) (t) terminal mm 0.50 0.25 0.61 0.36 0.61 0.36 0.64 0.39 0.64 0.39 (in.) (0.020 0.010) (0.024 0.014) (0.024 0.014) (0.025 0.015) (0.025 0.015) wvdc 25 50 100 200 500 25 50 100 200 500 50 100 200 50 100 200 50 100 200 cap 0.5 (pf) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 j 12 j 15 j 18 j 22 j 27 j 33 j 39 j 47 j 56 j 68 j 82 j 100 j 120 j 150 j 180 j 220 j 270 j 330 j 390 m 470 m 560 j j j j m 680 j j j j m 820 j j j j m 1000 j j j j m k k k k m m m m m m p 1200 j j j m m k k k k m m m m m m p 1500 j j j m m k k k k m m m m m m p 1800 j j j m k k k k m m m m m m p 2200 j j j q k k k k p m m m m m p 2700 j j j q k k k p q m m m m m p 3300 j j j k k k p q m m m x m m p 3900 j j m k k k p q m m m x m m p 4700 j j m k k k p q m m m x x x m m p 5600 j j k k m p x m m m x x x m m p 6800 j j k k m x m m m x x x m m p 8200 j j k m m m m x x x m m p cap 0.010 j j k m m m m x x x m m p (f) 0.012 j j k m m m x x x m m p 0.015 m m m m x x x m m y 0.018 m m p m x x x m m y 0.022 m m p x x m y y 0.027 m m p x x p y y 0.033 m m p x x p 0.039 m m p y p 0.047 m m p y p 0.068 m m p 0.082 m m q 0.1 q wvdc 25 50 100 200 500 25 50 100 200 500 50 100 200 50 100 200 50 100 200 size 1210 1812 1825 2220 2225 l     w     t t letter a c g m p ma 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed


▲Up To Search▲   

 
Price & Availability of 02013A560JAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X