Part Number Hot Search : 
0US60 RG30D MSO2M 330M3 RGP20B D301LT 4412M D301LT
Product Description
Full Text Search
 

To Download 006208110125001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  08  ? tube package ( only without kinked boss ) 00  ??a tray package 1.0mm spacing series 6208 zif ??? dip zif vertical through hole ??? ordering code xx 6208 xx0 1xx 001 ?
: number of contacts  0  ? without boss 1  ? ? with boss 0  ??? with kinked 1  ??? without kinked base pin type b type a connector an even number supporting tape
xx 6208 xxx 0xx 000 00  ??a tray package 08  ? tube package 1.0mm spacing series 6208 zif ??? smt zif vertical smt ??? ordering code ?
: number of contacts ??3?? variation code t 500  smt ? without boss 520  smt ? ? with boss ?y
:  /00' 104  yyyyy j "44&.#-:/6.#&3 )
:? 6/*54 56#& " # $%&'(                              ---   yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy  yyyyyyy y yyyyyyy yyyyyyy  yyyyyyy    --- yyyyyyyyy                                                                                                                                                                                                                  ? without boss ? ? with boss
1.0mm spacing series 6208 ??a ? tape and reel package ??? ordering code 00 6208 5xx x10 000 ?
: ??3?? variation code 1  ?? tape and reel 24.0mm 2  ?? tape and reel 32.0mm 3  ?? tape and reel 44.0mm 4  ?? tape and reel 56.0mm ? O no.of p os a 00 6208 505 110 000 506 507 508 509 00 6208 510 110 000 5 6 7 8 9 10 11. 6 12. 6 13. 6 14 .6 15. 6 16. 6 00 6208 511 210 000 512 513 514 515 00 6208 516 210 000 17. 6 18. 6 19. 6 20. 6 21. 6 22. 6 ? O no.of p os a 11 12 13 14 15 16 00 6208 517 310 000 518 519 520 521 522 523 524 525 00 6208 526 310 000 ? O no.of p os a 17 18 19 20 21 22 23 24 25 26 23. 6 24 .6 25. 6 26. 6 27. 6 28. 6 29. 6 30. 6 31. 6 32. 6 ? O no.of p os a 00 6208 528 4 10 000 00 6208 530 4 10 000 28 30 34 .7 36. 7 a
:? ???  connectors per tape and reel.  p/n p/n p/n p/n number of positions


▲Up To Search▲   

 
Price & Availability of 006208110125001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X