Part Number Hot Search : 
RC1210 XC9802 2SK531 G2002 LBN7053 2001834 C431PC 2SJ26
Product Description
Full Text Search
 

To Download VC-800-KAF-NTJ-135MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 voltage controlled crystal oscillators vectron international ?267 lowell road, hudson, nh 03051 ?tel: 1-88-vectron-1 ?web: www.vectron.com description: the vc-800 voltage controlled crystal oscillator (vcxo) is a quartz stabilized square wave generator with a cmos output and is tested at cmos and ttl logic levels (5 volt operation). features: ?worlds smallest vcxo, 3.2 x 5.0 x 1.5mm ?frequencies to 51.84 mhz ?5 or 3.3 v operation ?tri-state output ?low jitter < 6ps rms (output frequencies >12 mhz) ?vcxo with cmos outputs ?0/70 or -40/85 ? temperature range ?hermetically sealed ceramic smd package vc-800 performance characteristics 1. a 0.01uf and a 0.1uf capacitor should be located as close to the supply as possible (to ground) is recommended. 2. symmetry is defined as (on time/period with vs = 1.4 v for ttl and vs=2.5 v for cmos, 5 volt operation, and vs=1.65v for 3.3 volt operation. frequency f o 1.544 51.84 mhz supply voltage 1 (+3.3 v) v dd 2.97 3.3 3.63 v (+5.0 v) 4.5 5.0 5.5 supply current i dd 12 25 ma output logic levels output logic high v oh 0.9*v dd v output logic low v ol 0.1*v dd transition times rise time t r 5ns fall time t f 5ns symmetry or duty cycle 2 sym 40 50 60 % operating temperature (ordering option) 0/70 or ?0/85 ? test conditions for apr (+5v option) v c 0.5 4.5 v test conditions for apr (+3.3v option) v c 0.3 3.0 v absolute pull range (ordering option) apr +/-50 ppm +/- 80 gain transfer positive control voltage leakage current i vcxo ? u a control voltage bandwidth (-3db) bw 10 khz package size 3.2 x 5.0 x 1.5 mm parameter symbol minimum typical maximum units 8798_aa's vectron 05/30/02 3:11 pm page 8
vectron international ?267 lowell road, hudson, nh 03051 ?tel: 1-88-vectron-1 ?web: www.vectron.com 9 vc-800 voltage controlled crystal oscillators pad layout outline drawing 1  2  3  4  5  6  pin symbol function 1v c control voltage 2 tri-state tri-state 3 gnd ground 4f o output frequency 5 cmos/ttl cmos/ttl 6v dd supply voltage t emperature range c = 0 c to 70 c f = -40 c to 85 c frequency 800 vc a k c g t xx.xxx package 800 = 3.2 x 5.0 x 1.5 mm product family vc= vcxo supply v oltage k = 5.0 vdc 10% l = 3.3 vdc 10% output a= cmos mhz absolute pull range g = + 50 ppm n = + 80 ppm ordering information symmetry j = 50/50 + 5% k = 50/50 + 10% standard frequencies (mhz) pin out information 4.096 16.384 32.768 8.192 17.664 35.328 12.960 25.920 44.736 13.500 27.000 51.840 16.000 32.000 j t ri-state t =pin #2 vcxo 8798_aa's vectron 05/30/02 3:11 pm page 9


▲Up To Search▲   

 
Price & Availability of VC-800-KAF-NTJ-135MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X