Part Number Hot Search : 
PT12119 C557B MAX6655 S20S60 UR3KB Z87010 LT1520 100M255
Product Description
Full Text Search
 

To Download SL1012-6R8M-V-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation dip / smd inductors dip power inductors sl series product identification tolerance: j = 5%, k = 10%, l = 15%, m = 20%, p = 25%, n = 30%, y = min sl 0608 2r2 m - v - hf halogen free vertical / horizontal tolerance inductance dimensions product symbol features halogen free products unshield construction dip drum inductor applications notebook, inkjet printer, copy machine, display monitor, cellular phone, adsl modem, game machine, tv, video tape recorder, video camera, microwave, lighting and car electronics. shapes and dimensions unit: mm type a b c d e a b sl0608 6.7 max 10.5 max 4.0 1.2 3.0 0.5 0.65 1.0 0.05 3.0 0.1 sl1012 10.0 0.5 15.0 max 4.0 +1.5/-1.0 5.0 0.5 0.8 1.2 0.05 5.0 0.1 sl1112 11.5 max 13.0 max 4.5 1.0 9.0 0.1 - 1.5 0.05 9.0 0.1 connection schematic s f land pattern a b a e b c d
102 electrical characteristics sl0608 part no. inductance tolerance test frequency dc resistance idc (h) (%) (khz) ( ) max. (a) sl0608-2r2 2.20 20.0 10 0.026 30% 3.40 sl0608-2r7 2.70 20.0 10 0.028 30% 3.20 sl0608-3r3 3.30 20.0 10 0.027 30% 3.00 sl0608-3r9 3.90 20.0 10 0.030 30% 2.80 sl0608-4r7 4.70 20.0 10 0.033 30% 2.60 sl0608-5r6 5.60 20.0 10 0.035 30% 2.40 sl0608-6r8 6.80 20.0 10 0.041 20% 2.00 sl0608-8r2 8.20 20.0 10 0.048 20% 1.80 sl0608-100 10.00 20.0 10 0.052 20% 1.70 sl0608-120 12.00 20.0 10 0.054 20% 1.65 sl0608-150 15.00 20.0 10 0.059 20% 1.50 sl0608-180 18.00 20.0 10 0.065 20% 1.25 sl0608-220 22.00 10.0 10 0.076 20% 1.20 sl0608-270 27.00 10.0 10 0.083 20% 0.95 sl0608-330 33.00 10.0 10 0.100 20% 0.90 sl0608-390 39.00 10.0 10 0.105 20% 0.85 sl0608-470 47.00 10.0 10 0.120 20% 0.80 sl0608-560 56.00 10.0 10 0.140 20% 0.75 sl0608-680 68.00 10.0 10 0.150 20% 0.70 sl0608-820 82.00 10.0 10 0.210 20% 0.55 sl0608-101 100.00 10.0 10 0.230 20% 0.50 sl0608-121 120.00 10.0 10 0.260 20% 0.49 sl0608-151 150.00 10.0 10 0.370 20% 0.45 sl0608-181 180.00 10.0 10 0.420 20% 0.40 sl0608-221 220.00 10.0 10 0.550 20% 0.36 sl0608-271 270.00 10.0 10 0.650 20% 0.35 sl0608-331 330.00 10.0 10 0.740 20% 0.30 sl0608-391 390.00 10.0 10 0.950 20% 0.27 sl0608-471 470.00 10.0 10 1.080 20% 0.24 sl0608-561 560.00 10.0 10 1.220 20% 0.22 sl0608-681 680.00 10.0 10 1.590 20% 0.21 sl0608-821 820.00 10.0 10 1.760 20% 0.18 sl0608-102 1000.00 10.0 10 2.490 20% 0.16 sl0608-122 1200.00 10.0 10 2.760 20% 0.15 sl0608-152 1500.00 10.0 10 3.240 20% 0.13 sl0608-182 1800.00 10.0 10 4.560 20% 0.12 sl0608-222 2200.00 10.0 10 5.180 20% 0.11 sl0608-272 2700.00 10.0 10 6.080 20% 0.10 sl0608-332 3300.00 10.0 10 8.800 20% 0.10 sl0608-392 3900.00 10.0 10 9.470 20% 0.80 sl0608-472 4700.00 10.0 10 10.900 20% 0.08 sl0608-562 5600.00 10.0 10 12.300 20% 0.07 note: isat: dc current at which the inductance drops 10% from its value without current irms: the actual current when temperature of coil becomes t = 45 c
103 electrical characteristics sl1012 part no. inductance tolerance test frequency dc resistance idc (h) (%) (khz) ( ) 20% (a) sl1012-2r2 2.20 20.0 10 0.014 5.90 sl1012-2r7 2.70 20.0 10 0.015 5.50 sl1012-3r3 3.30 20.0 10 0.016 5.20 sl1012-3r9 3.90 20.0 10 0.018 4.80 sl1012-4r7 4.70 20.0 10 0.019 4.60 sl1012-5r6 5.60 20.0 10 0.021 4.30 sl1012-6r8 6.80 20.0 10 0.022 4.20 sl1012-8r2 8.20 20.0 10 0.024 4.00 sl1012-100 10.00 20.0 10 0.026 3.90 sl1012-120 12.00 20.0 10 0.028 3.80 sl1012-150 15.00 20.0 10 0.033 3.50 sl1012-180 18.00 20.0 10 0.036 3.40 sl1012-220 22.00 10.0 10 0.040 3.20 sl1012-270 27.00 10.0 10 0.044 3.00 sl1012-330 33.00 10.0 10 0.051 2.80 sl1012-390 39.00 10.0 10 0.054 2.70 sl1012-470 47.00 10.0 10 0.060 2.50 sl1012-560 56.00 10.0 10 0.067 2.30 sl1012-680 68.00 10.0 10 0.075 2.10 sl1012-820 82.00 10.0 10 0.095 1.80 sl1012-101 100.00 10.0 10 0.110 1.70 sl1012-121 120.00 10.0 10 0.120 1.60 sl1012-151 150.00 10.0 10 0.160 1.40 sl1012-181 180.00 10.0 10 0.180 1.30 sl1012-221 220.00 10.0 10 0.210 1.10 sl1012-271 270.00 10.0 10 0.280 1.00 sl1012-331 330.00 10.0 10 0.320 0.90 sl1012-391 390.00 10.0 10 0.400 0.80 sl1012-471 470.00 10.0 10 0.450 0.70 sl1012-561 560.00 10.0 10 0.560 0.68 sl1012-681 680.00 10.0 10 0.660 0.64 sl1012-821 820.00 10.0 10 0.800 0.55 sl1012-102 1000.00 10.0 10 1.000 0.50 sl1012-122 1200.00 10.0 10 1.200 0.45 sl1012-152 1500.00 10.0 10 1.500 0.42 sl1012-182 1800.00 10.0 10 1.800 0.40 sl1012-222 2200.00 10.0 10 2.100 0.36 sl1012-272 2700.00 10.0 10 2.700 0.32 sl1012-332 3300.00 10.0 10 3.200 0.28 sl1012-392 3900.00 10.0 10 3.500 0.26 note: isat: dc current at which the inductance drops 10% from its value without current irms: the actual current when temperature of coil becomes t = 45 c
104 electrical characteristics sl1112 part no. inductance tolerance test frequency dc resistance idc (h) (%) (khz) ( ) 20% (a) sl1112-r35 0.35 20.0 10 0.0014 14.00 sl1112-r60 0.60 20.0 10 0.0018 13.00 sl1112-1r0 1.00 20.0 10 0.0023 12.00 sl1112-1r4 1.40 20.0 10 0.0028 11.00 sl1112-1r8 1.80 20.0 10 0.0033 10.00 sl1112-2r4 2.40 20.0 10 0.0038 9.60 sl1112-3r0 3.00 20.0 10 0.0044 9.20 sl1112-3r9 3.90 20.0 10 0.0049 8.60 sl1112-4r7 4.70 20.0 10 0.0055 8.20 sl1112-5r6 5.60 20.0 10 0.0061 7.80 sl1112-6r8 6.80 20.0 10 0.0087 7.40 sl1112-7r8 7.80 20.0 10 0.0094 7.00 sl1112-9r1 9.10 20.0 10 0.0124 6.60 sl1112-100 10.00 20.0 10 0.0132 6.30 sl1112-120 12.00 20.0 10 0.0140 6.00 note: isat: dc current at which the inductance drops 10% from its value without current irms: the actual current when temperature of coil becomes t = 45 c
105 plate dimensions unit: mm packaging quantity type bulk qty/plate plate/grip grip box sl0608 v 150 15 2 4500 sl1012 v 77 8 2 1232 sl1112 v 42 9 2 756 type a b c sl0608 251 138 7.0 sl1012 251 138 13.0 sl1112 251 138 12.0 plate grip b a c


▲Up To Search▲   

 
Price & Availability of SL1012-6R8M-V-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X