Part Number Hot Search : 
FQH90N15 Z5233B IC6C596 02111 AN143 ODM8211P 02111 AK2368
Product Description
Full Text Search
 

To Download SCK30XXXMSY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power thermistor sck series feature recommended applications body size 5mm~ 30mm switch mode power supply radial lead resin ocated electric motor -40 ~ +200 operating temperature range transformer high power rating adapter wide resistance range projector cost effective halogen approvals ul 1434 recognized (file # e138827 csa recognized (file # 97495) ordering information 5mm~ 15mm sck 05 20 x3 m s y 1 2 3 4 5 6 7 1 produce code sck 2 bod y size 05 - 5mm 08 - 8mm 10 - 10mm 13 - 13mm 15 - 15mm 3 zero power resistance at 25 ( r25 ) 0r5 - 0.5? 2r5 - 2.5? 08 - 8? 20 - 20? 120 - 120 ? 4 max stead y state current at 25 x3 - 0.3 a 2x - 2.5 a 8 - 8a 10 - 10 a 5 tolerance of r 25 l - 15% m - 20% n - 25% 6 a pp earance s - strai g ht lead i - inner kink lead f - y kink lead 7 o p tional suffix y - rohs com p lient sck
ordering information 20mm~ 30mm sck 20 470 m s y 1 2 3 4 5 6 7 1 produce code sc k 2 bod y size 20 - 20mm 25 - 25mm 30 - 30mm 3 zero power resistance at 25 ( r 25 ) r 25 10? 0r7 - 0.7? 2r5 - 2.5? r25 R 10? 100 - 10? 470 - 47? 471 - 470 ? 4 tolerance of r 25 l - 15% m - 20% h - 3% 5 a pp earance s - strai g ht lead i - inner kink lead f - y kink lead 6 packa g in g b - bulk 7 o p tional suffix y - rohs com p lient diemension s t yp e ( strai g ht lead ) disc size d max. p nor. d nor. a max. l min. t max. 05 6.5 4.0 0.6 0.8 0.02 6.5 31 5 08 9.5 5.0 0.8 0.8 0.02 9.5 31 5 10 11.5 5.0 0.8 0.8 0.02 11.5 31 5 13 14.5 7.5 1.0 0.8 0.02 14.5 30 6 15 16.5 7.5 1.0 1.0 0.02 16.5 29 6 20 21.5 7.5 1.0 1.0 0.02 21.5 26 6 25 29.0 7.5 1.0 1.0 0.02 29.0 25 7 30 36.0 7.5 1.0 1.0 0.02 36.0 23 8 i t yp e ( inner kink lead ) figure a figure b disc size d max. p nor. d nor. a max. l min. t max. figure 05 6.5 5.0 0.8 0.8 0.02 10 29 5 b 08 9.5 5.0 0.8 0.8 0.02 16 25 5 a 10 11.5 5.0 0.8 0.8 0.02 17 25 5 a 13 14.5 7.5 1.0 0.8 0.02 19 25 6 a 15 16.5 7.5 1.0 1.0 0.02 23 25 6 a 20 21.5 7.5 1.0 1.0 0.02 28 24 6 a
diemension f t yp e ( y kink lead ) disc size d max. p nor. d nor. a max. l min. t max. 08 9.5 5.0 0.8 0.8 0.02 13 29 5 10 11.5 5.0 0.8 0.8 0.02 15 29 5 13 14.5 7.5 1.0 0.8 0.02 17 27 6 15 16.5 7.5 1.0 1.0 0.02 20 26 6 characteristics part number zero power resistance at 25 max. steady state current at 25 max. power rating at 25 thermal dissipantion constant thermal time constant operating temperature range (? ) (a) (w) mw/ sec sck05052 5 2 1.8 15 17 -40 ~ +150 sck05081 8 1 sck05101 10 1 sck05121 12 1 sck0520x3 20 0.3 sck08042 4 2 2.3 16 38 -40 ~ +170 sck084r72 4.7 2 sck08053 5 3 sck08063 6 3 sck08073 7 3 sck08082 8 2 sck08102 10 2 sck08152 15 2 sck08201 20 1 sck0830x 30 0.5 sck10015 1 5 2.4 17 43 -40 ~ +170 sck101r35 1.3 5 sck101r55 1.5 5 sck102r55a 2.5 5 sck10035 3 5 sck10044 4 4 sck10054 5 4 sck106r83 6.8 3 sck10083 8 3 sck10103 10 3 sck10123 12 3 sck10133 13 3 sck10152x 15 2.5 sck10162x 16 2.5 sck10202 20 2 sck10222 22 2 sck10252 25 2 sck10302 30 2 sck10472 47 2 sck10502 50 2 sck10801 80 1 sck101001 100 1 sck101201 120 1 *note: = tolerance of resistance
characteristics part number zero power resistance at 25 max. steady state current at 25 max. power rating at 25 thermal dissipantion constant thermal time constant operating temperature range (? ) (a) (w) mw/ sec sck13013 1 3 3.1 18 66 -40 ~ +200 sck131r37 1.3 7 sck132r56 2.5 6 sck13045 4 5 sck134r74 4.7 4 sck13055 5 5 sck13074 7 4 sck13084 8 4 sck13104 10 4 sck13124 12 4 sck13153 15 3 sck13163 16 3 sck13183 18 3 sck13203 20 3 sck150r78a 0.7 8 3.6 21 75 -40 ~ +200 sck15016 1 6 sck151r38 1.3 8 sck151r58 1.5 8 sck15028 2 8 sck152r58 2.5 8 sck15037 3 7 sck15046 4 6 sck15056 5 6 sck15065 6 5 sck15075 7 5 sck15085 8 5 sck15105 10 5 sck15125 12 5 sck15154 15 4 sck15164 16 4 sck15184 18 4 sck15204 20 4 sck15224 22 4 sck15253 25 3 sck15303 30 3 sck15403 40 3 sck15473 47 3 sck15802x 80 2.5 sck151202 120 2 *note: = tolerance of resistance
characteristics part number zero power resistance at 25 max. steady state current at 25 max. power rating at 25 thermal dissipantion constant thermal time constant operating temperature range (? ) (a) (w) mw/ sec sck200r7 0.7 15 4.9 28 113 -40 ~ +200 sck201r0 1 1 3 sck201r5 1.5 10.5 sck202r0 2 1 0 sck202r5 2.5 9 sck203r0 3 8.5 sck204r0 4 8 sck204r7 4.7 7.5 sck205r0 5 7.5 sck206r0 6 7 sck206r8 6.8 6.5 sck207r0 7 6.5 sck208r0 8 6 sck20100 10 5.5 sck20120 12 5 sck20130 13 5 sck20150 15 4.5 sck20160 16 4.5 sck20180 18 4 sck20200 20 4 sck251r0 1 2 0 5.2 30 150 -40 ~ +200 sck251r5 1.5 18.5 sck252r0 2 1 8 sck252r5 2.5 15 sck253r0 3 14.5 sck254r0 4 1 4 sck254r7 4.7 13 sck255r0 5 1 2 sck256r8 6.8 10.5 sck257r0 7 1 0 sck258r0 8 9 sck25100 10 8 sck25120 12 7.5 sck25150 15 6.5 sck25180 18 5.5 sck25200 20 5 sck25121 120 3 *note: = tolerance of resistance
characteristics part number zero power resistance at 25 max. steady state current at 25 max. power rating at 25 thermal dissipantion constant thermal time constant operating temperature range (? ) (a) (w) mw/ sec sck301r0 1 3 0 7 40 190 -40 ~ +200 sck301r5 1.5 25 sck302r0 2 2 3 sck302r5 2.5 18 sck303r0 3 1 7 sck304r0 4 1 6 sck304r7 4.7 15 sck305r0 5 1 4 sck306r8 6.8 12 sck307r0 7 11.5 sck308r0 8 10.5 sck30100 10 10 sck30120 12 9 sch30180 18 7 sck30200 20 6 *note: = tolerance of resistance


▲Up To Search▲   

 
Price & Availability of SCK30XXXMSY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X