Part Number Hot Search : 
FJP5027R API9221 TOIM4232 EPE6208S DFREE E001520 BU9728 N80C196
Product Description
Full Text Search
 

To Download SB2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature & dimensions * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guarding for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case : jedec do-41, molded plastic over sky die terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : anywe declare that the material of product compliance weight : 0.011 oz., 0.284 gwith rohs requirements handling precautin :none 1.maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolsb202sb203sb204sb205sb206sb208sb209SB2010unit device marking code sb202sb203sb204sb205sb206sb208sb209SB2010 maximum repetitive peak reverse voltage v rrm 20304050608090100v maximum rms voltage v rms 1421283542566370v maximum dc blocking voltage v dc 20304050608090100v maximum average forward rectified current 0.375" (9.5mm) lead length (see fig. 1) if (av) a peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) i fsm a thermal resistance, junction to ambientr ja c/w thermal resistance, junction to caser jc c/w operating junction and storage temperature range tj, tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbolsb202sb203sb204sb205sb206sb208sb209SB2010unit maximum instantaneous forward voltage at 2.0a v f v maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 125 c irma typical junction capacitance at 4.0v, 1mhz cj pf sb202 thru SB2010 schottky barrier rectifiers reverse voltage 20 to 100v forward current2.0a C 40 to +150 0.84 0.5 10 170 2.0 60 35 5 0.70 0.50
2. characteristic curves ( ta = 25 c unless otherwise noted ) sb202 thru SB2010 fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) 1 10 100 0 20 40 60 80 100 0.1 1 10 100 1000 100 10 10 1.0 0.1 0.01 0.001 60 30 0 tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, cnumber of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) reverse voltage (v) tj=125 tj=75 tj=25 fig 5. C typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec 0.2 0.4 0.6 0.8 1.0 1.2 10 1.0 0.1 0.01 100 tj = 25 c pulse width = 300 s 1% duty cycle 0 25 50 75 100 125 150 175 2.0 1.0 0 single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length
3. dimension: sb202 thru SB2010
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4. update record 1 2 sb202 thru SB2010 ??? ?? 2010-3-3 2011-9-23 ??Z?


▲Up To Search▲   

 
Price & Availability of SB2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X