Part Number Hot Search : 
SS2100 4HUDL 74LVC2 RL205 MJ008 SVTA4684 MK42G CBS05F30
Product Description
Full Text Search
 

To Download R5005CNJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R5005CNJ ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) high-speed switching. 3) wide range of soa. 4) drive circuits can be simple. 5) parallel use is easy. ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 1000 R5005CNJ ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v continuous i d ? 5a pulsed i dp ? 20 a continuous i s 5a pulsed i sp 20 a avalanche current i as 2.5 a avalanche energy e as 1.6 mj power dissipation p d 40 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25 ? c *3 limited only by maximum temperature allowed. *4 t c =25 ? c ? thermal resistance symbol limits unit channel to case r th (ch-c) 3.125 ? c / w parameter type source current (body diode) drain current parameter *1 *1 *2 *2 *3 lpts 10.1 4.5 13.1 9.0 3.0 0.78 2.54 5.08 1.24 0.4 1.0 1.2 1.3 2.7 (1) (2) (3) (1) gate (2) drain (3) source ? 1 esd protection diode ? 2 body diode *3 *4 ?2 ?1 (1) (2) (3) (1) gate (2) drain (3) source 1/5 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R5005CNJ ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 25v, v ds =0v drain-source breakdown voltage v (br)dss 500 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =500v, v gs =0v gate threshold voltage v gs (th) 2.5 - 4.5 v v ds =10v, i d =1ma forward transfer admittance l y fs l 1.5 2.7 - s v ds =10v, i d =2.5a input capacitance c iss - 320 - pf v ds =25v output capacitance c oss - 180 - pf v gs =0v reverse transfer capacitance c rss - 15 - pf f=1mhz turn-on delay time t d(on) - 20 - ns v dd 250v, i d =2.5a rise time t r - 25 - ns v gs =10v turn-off delay time t d(off) - 40 - ns r l =100 ? fall time t f - 20 - ns r g =10 ? total gate charge q g - 10.8 - nc v dd 250v gate-source charge q gs - 3.2 - nc i d =5.0a gate-drain charge q gd - 4.4 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =5.0a, v gs =0v *pulsed 1.6 parameter conditions conditions ? parameter static drain-source on-state resistance r ds (on) i d =2.5a, v gs =10v - 1.3 * * * * * * * * * * 2/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5005CNJ ? electrical characteristic curves 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) t a =25 pulsed v gs =10.0v v gs =6.0v v gs =7.0v v gs =4.5v v gs =5.0v v gs =8.0v v gs =6.5v v gs =7.5v v gs =9.0v 0.001 0.01 0.1 1 10 0 1 2 3 4 5 6 7 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.3 typical transfer characteristics gate - source voltage : v gs (v) drain current : i d (a) fig.4 gate threshold voltage vs. channel temperature 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10v i d = 1ma channel temperature: t ch ( ) gate threshold voltage: v gs(th) (v) 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 v gs = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.5 static drain - source on - state resistance vs. drain current drain current : i d (a) static drain - source on - state resistance : r ds(on) ( ) 0 1 2 3 4 5 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =6.0v v gs =6.5v v gs =8.0v v gs =7.5v v gs =9.0v v gs =4.5v v gs =5.0v v gs =5.5v v gs =7.0v v gs =10v t a =25 pulsed 0 1 2 3 4 5 0 5 10 15 i d = 2.5a i d = 5.0a t a =25 pulsed fig.6 static drain - source on - state resistance vs. gate source voltage gate - source voltage : v gs (v) static drain - source on - state resistance : r ds(on) ( ) fig.7 static drain - source on - state resistance vs. channel temperature 0 1 2 3 4 5 -50 0 50 100 150 v gs = 10v pulsed i d = 2.5a i d = 5.0a channel temperature: t ch ( ) static drain - source on - state resistance : r ds(on) ( ) 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 v ds = 10v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.8 forward transfer admittance vs. drain current drain current : i d (a) forward transfer admittance : |yfs| (s) 0.001 0.01 0.1 1 10 0 0.5 1 1.5 v gs = 0v pulsed t a =125 t a = 75 t a = 25 t a = - 25 fig.9 reverse drain current vs. sourse - drain voltage source - drain voltage : v sd (v) source current : i s (a) 3/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5005CNJ 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 c oss c rss ta= 25 f= 1mhz v gs = 0v c iss fig.10 typical capacitance vs. drain - source voltage drain - source voltage : v ds (v) capacitance : c (pf) 10 100 1000 0.1 1 10 100 ta= 25 di / dt= 100a / s v gs = 0v pulsed fig.11 reverse recovery time vs.source current source current : i s (a) reverse recovery time: t rr (ns) 1 10 100 1000 10000 0.01 0.1 1 10 t f ta= 25 v dd = 250v v gs = 10v r g = 10 pulsed t d(off) t d(on) t r fig.12 switching characteristics drain current : i d (a) switching time : t (ns) 0 5 10 15 0 5 10 15 ta= 25 v dd = 250v i d = 5a r g = 10 pulsed fig.13 dynamic input characteristics total gate charge : q g (nc) gate - source voltage : v gs (v) 4/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R5005CNJ ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 5/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R5005CNJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X